Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN5365QI Datasheet(PDF) 2 Page - Enpirion, Inc.

Part # EN5365QI
Description  6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin VID Output Voltage Select
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EN5365QI Datasheet(HTML) 2 Page - Enpirion, Inc.

  EN5365QI Datasheet HTML 1Page - Enpirion, Inc. EN5365QI Datasheet HTML 2Page - Enpirion, Inc. EN5365QI Datasheet HTML 3Page - Enpirion, Inc. EN5365QI Datasheet HTML 4Page - Enpirion, Inc. EN5365QI Datasheet HTML 5Page - Enpirion, Inc. EN5365QI Datasheet HTML 6Page - Enpirion, Inc. EN5365QI Datasheet HTML 7Page - Enpirion, Inc. EN5365QI Datasheet HTML 8Page - Enpirion, Inc. EN5365QI Datasheet HTML 9Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
03816
9/18/2009
Rev:B
EN5365QI
©Enpirion 2009 all rights reserved, E&OE
www.enpirion.com
Pin Configuration
Below is a top view diagram of the EN5365Q package.
NOTE: NC pins are not to be electrically connected to each other or to any external signal, ground, or voltage.
However, they must be soldered to the PCB. Failure to follow this guideline may result in part malfunction or
damage.
Figure 2. Pin Diagram, top view.
2


Similar Part No. - EN5365QI

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EN5365QI ALTERA-EN5365QI Datasheet
1,009Kb / 18P
   3-Pin VID Output Voltage Select
More results

Similar Description - EN5365QI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN5395QI ENPIRION-EN5395QI Datasheet
551Kb / 18P
   9A Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin VID Output Voltage Select
logo
Altera Corporation
EN5395QI ALTERA-EN5395QI Datasheet
1Mb / 18P
   9A PowerSoC Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin VID Output Voltage Select
logo
Enpirion, Inc.
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5366QI ENPIRION-EN5366QI Datasheet
841Kb / 16P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor External Output Voltage Programming
logo
Altera Corporation
EN5364QI ALTERA-EN5364QI Datasheet
1,012Kb / 19P
   6A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter With Integrated Inductor
logo
Enpirion, Inc.
EN5335QI ENPIRION-EN5335QI Datasheet
238Kb / 13P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin Programmable Output
EN5364QI ENPIRION-EN5364QI Datasheet
456Kb / 19P
   Feature Rich 6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
logo
Altera Corporation
EN5335QI ALTERA-EN5335QI Datasheet
951Kb / 15P
   3A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin Programmable Output
logo
Enpirion, Inc.
EN5360 ENPIRION-EN5360 Datasheet
388Kb / 11P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com