Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN5365QI Datasheet(PDF) 16 Page - Enpirion, Inc.

Part # EN5365QI
Description  6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin VID Output Voltage Select
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EN5365QI Datasheet(HTML) 16 Page - Enpirion, Inc.

Back Button EN5365QI Datasheet HTML 9Page - Enpirion, Inc. EN5365QI Datasheet HTML 10Page - Enpirion, Inc. EN5365QI Datasheet HTML 11Page - Enpirion, Inc. EN5365QI Datasheet HTML 12Page - Enpirion, Inc. EN5365QI Datasheet HTML 13Page - Enpirion, Inc. EN5365QI Datasheet HTML 14Page - Enpirion, Inc. EN5365QI Datasheet HTML 15Page - Enpirion, Inc. EN5365QI Datasheet HTML 16Page - Enpirion, Inc. EN5365QI Datasheet HTML 17Page - Enpirion, Inc.  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
03816
9/18/2009
Rev:B
EN5365QI
©Enpirion 2009 all rights reserved, E&OE
www.enpirion.com
Package Dimensions
Figure 9. Package dimensions.
16


Similar Part No. - EN5365QI

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EN5365QI ALTERA-EN5365QI Datasheet
1,009Kb / 18P
   3-Pin VID Output Voltage Select
More results

Similar Description - EN5365QI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN5395QI ENPIRION-EN5395QI Datasheet
551Kb / 18P
   9A Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin VID Output Voltage Select
logo
Altera Corporation
EN5395QI ALTERA-EN5395QI Datasheet
1Mb / 18P
   9A PowerSoC Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin VID Output Voltage Select
logo
Enpirion, Inc.
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5366QI ENPIRION-EN5366QI Datasheet
841Kb / 16P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor External Output Voltage Programming
logo
Altera Corporation
EN5364QI ALTERA-EN5364QI Datasheet
1,012Kb / 19P
   6A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter With Integrated Inductor
logo
Enpirion, Inc.
EN5335QI ENPIRION-EN5335QI Datasheet
238Kb / 13P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin Programmable Output
EN5364QI ENPIRION-EN5364QI Datasheet
456Kb / 19P
   Feature Rich 6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
logo
Altera Corporation
EN5335QI ALTERA-EN5335QI Datasheet
951Kb / 15P
   3A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin Programmable Output
logo
Enpirion, Inc.
EN5360 ENPIRION-EN5360 Datasheet
388Kb / 11P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com