Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN5337QI-T Datasheet(PDF) 7 Page - Enpirion, Inc.

Part # EN5337QI-T
Description  3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EN5337QI-T Datasheet(HTML) 7 Page - Enpirion, Inc.

Back Button EN5337QI-T Datasheet HTML 3Page - Enpirion, Inc. EN5337QI-T Datasheet HTML 4Page - Enpirion, Inc. EN5337QI-T Datasheet HTML 5Page - Enpirion, Inc. EN5337QI-T Datasheet HTML 6Page - Enpirion, Inc. EN5337QI-T Datasheet HTML 7Page - Enpirion, Inc. EN5337QI-T Datasheet HTML 8Page - Enpirion, Inc. EN5337QI-T Datasheet HTML 9Page - Enpirion, Inc. EN5337QI-T Datasheet HTML 10Page - Enpirion, Inc. EN5337QI-T Datasheet HTML 11Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
02638
6/18/2009
Rev:D
EN5337QI
©Enpirion 2009 all rights reserved, E&OE
7
www.enpirion.com
Functional Block Diagram
(+)
(-)
Error
Amp
VOUT
P-Drive
N-Drive
UVLO
Thermal Limit
Current Limit
Soft Start
PLL / Sawtooth
Generator
(+)
(-)
PWM
Comp
PVIN
ENABLE
Compensation
Network
Voltage
Reference
PGND
XFB
EAOUT
SS
Over Voltage
power
Good
Logic
POK
EAOUT
SYNC
EN5337QI
NC(SW)
AGND
Regulated
Voltage
AVIN
Figure 4: Functional Block Diagram
Functional Description
Synchronous Buck Converter
The
EN5337QI
is
a
synchronous,
programmable power supply with integrated
power MOSFET switches and integrated
inductor. The nominal input voltage range is
2.375V to 5.5V. The output voltage is
programmed using an external resistor divider
network. The control loop is voltage-mode with
a type III compensation network. Much of the
compensation circuitry is internal to the device.
However, a phase lead capacitor is required
along with the output voltage feedback resistor
divider to complete the type III compensation
network. The device uses a low-noise PWM
topology. Up to 3A of continuous output current
can be drawn from this converter. The 5MHz
switching frequency allows the use of small
size input / output capacitors, and realizes a
wide loop bandwidth within a small foot print.
Protection Features:
The power supply has the following protection
features:
• Over-current protection (to protect the IC
from excessive load current)
• Thermal shutdown with hysteresis.
• Under-voltage lockout circuit to disable the
converter output when the input voltage is
less than approximately 2.2V
Additional Features:
• The switching frequency can be phase-
locked to an external clock to eliminate or
move beat frequency tones out of band.
• Soft-start circuit, limiting the in-rush current
when the converter is initially powered up.
The soft start time is programmable with
appropriate choice of soft start capacitor
value.


Similar Part No. - EN5337QI-T

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EN5337QI ALTERA-EN5337QI Datasheet
846Kb / 15P
   3A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
More results

Similar Description - EN5337QI-T

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN6337QI ENPIRION-EN6337QI Datasheet
417Kb / 17P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
logo
Altera Corporation
EN5337QI ALTERA-EN5337QI Datasheet
846Kb / 15P
   3A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
logo
Enpirion, Inc.
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN6347QI ENPIRION-EN6347QI Datasheet
583Kb / 16P
   4A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN2360QI ENPIRION-EN2360QI Datasheet
1Mb / 24P
   6A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5330 ENPIRION-EN5330 Datasheet
409Kb / 11P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter
EN5335QI ENPIRION-EN5335QI Datasheet
238Kb / 13P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin Programmable Output
EN5336QI ENPIRION-EN5336QI Datasheet
243Kb / 13P
   3A Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor External Feedback Output Voltage Programming
logo
Altera Corporation
EN5364QI ALTERA-EN5364QI Datasheet
1,012Kb / 19P
   6A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter With Integrated Inductor
EN5394QI ALTERA-EN5394QI Datasheet
1Mb / 19P
   9A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter With Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com