Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN29GL128H Datasheet(PDF) 48 Page - Eon Silicon Solution Inc.

Part # EN29GL128H
Description  128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29GL128H Datasheet(HTML) 48 Page - Eon Silicon Solution Inc.

Back Button EN29GL128H Datasheet HTML 44Page - Eon Silicon Solution Inc. EN29GL128H Datasheet HTML 45Page - Eon Silicon Solution Inc. EN29GL128H Datasheet HTML 46Page - Eon Silicon Solution Inc. EN29GL128H Datasheet HTML 47Page - Eon Silicon Solution Inc. EN29GL128H Datasheet HTML 48Page - Eon Silicon Solution Inc. EN29GL128H Datasheet HTML 49Page - Eon Silicon Solution Inc. EN29GL128H Datasheet HTML 50Page - Eon Silicon Solution Inc. EN29GL128H Datasheet HTML 51Page - Eon Silicon Solution Inc. EN29GL128H Datasheet HTML 52Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 54 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
48
EN29GL128H/L
Rev. H, Issue Date: 2009/10/01
TABLE 22. ERASE AND PROGRAMMING PERFORMANCE
Limits
Parameter
Typ
Max
Unit
Comments
Sector Erase Time
0.1
2
sec
Chip Erase Time
30
120
sec
Excludes 00h programming prior
to erasure
Byte Programming Time
8
200
µs
Word Programming Time
8
200
µs
Byte
134.4
403.2
Chip Programming
Time
Word
67.2
201.6
sec
Total Write Buffer time
160
ACC Total Write Buffer time
60
µs
Excludes system level overhead
Erase/Program Endurance
100K
cycles
Minimum 100K cycles
Notes:
1. Typical program and erase times assume the following conditions: room temperature, 3V and checkboard
pattern programmed.
2. Maximum program and erase times assume the following conditions: worst case Vcc, 90°C and 100,000 cycles.
Table 23. 56-PIN TSOP PIN CAPACITANCE @ 25°C, 1.0MHz
Parameter Symbol
Parameter Description
Test Setup
Typ
Max
Unit
CIN
Input Capacitance
VIN = 0
6
7.5
pF
COUT
Output Capacitance
VOUT = 0
8.5
12
pF
CIN2
Control Pin Capacitance
VIN = 0
7.5
9
pF
Note:
Test conditions are Temperature = 25°C and f = 1.0 MHz.
Table 24. DATA RETENTION
Parameter Description
Test Conditions
Min
Unit
150°C
10
Years
Data Retention Time
125°C
20
Years


Similar Part No. - EN29GL128H

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29GL128H EON-EN29GL128H Datasheet
747Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128HH70BAIP EON-EN29GL128HH70BAIP Datasheet
747Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128HH70ZIP EON-EN29GL128HH70ZIP Datasheet
747Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128HL EON-EN29GL128HL Datasheet
783Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128HL70BAIP EON-EN29GL128HL70BAIP Datasheet
747Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
More results

Similar Description - EN29GL128H

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29GL128H EON-EN29GL128H_10 Datasheet
747Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128HL EON-EN29GL128HL Datasheet
783Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL064 EON-EN29GL064_11 Datasheet
838Kb / 64P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL256H EON-EN29GL256H Datasheet
1Mb / 57P
   256 Megabit (32768K x 8-bit / 16384K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL256HL EON-EN29GL256HL Datasheet
1Mb / 57P
   256 Megabit (32768K x 8-bit / 16384K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL064ATB EON-EN29GL064ATB Datasheet
679Kb / 58P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL064AT EON-EN29GL064AT Datasheet
678Kb / 58P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29LV160C EON-EN29LV160C Datasheet
435Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160 EON-EN29LV160 Datasheet
420Kb / 45P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
List of Unclassifed Man...
EN29LV160J ETC1-EN29LV160J Datasheet
264Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com