Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN29GL128H Datasheet(PDF) 46 Page - Eon Silicon Solution Inc.

Part # EN29GL128H
Description  128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29GL128H Datasheet(HTML) 46 Page - Eon Silicon Solution Inc.

Back Button EN29GL128H Datasheet HTML 42Page - Eon Silicon Solution Inc. EN29GL128H Datasheet HTML 43Page - Eon Silicon Solution Inc. EN29GL128H Datasheet HTML 44Page - Eon Silicon Solution Inc. EN29GL128H Datasheet HTML 45Page - Eon Silicon Solution Inc. EN29GL128H Datasheet HTML 46Page - Eon Silicon Solution Inc. EN29GL128H Datasheet HTML 47Page - Eon Silicon Solution Inc. EN29GL128H Datasheet HTML 48Page - Eon Silicon Solution Inc. EN29GL128H Datasheet HTML 49Page - Eon Silicon Solution Inc. EN29GL128H Datasheet HTML 50Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 54 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
46
EN29GL128H/L
Rev. H, Issue Date: 2009/10/01
Figure 18. AC Waveforms for /DATA Polling During Embedded Algorithm
Operations
Notes:
1. VA=Valid Address for reading Data# Polling status data
2. This diagram shows the first status cycle after the command sequence, the last status read cycle and the array data read cycle.
Figure 19. AC Waveforms for Toggle Bit During Embedded Algorithm
Operations
tOEH
tDF
tOH
tBUSY
tOE
Complement
Status Data
Comple-
ment
True
True
Status
Data
Valid Data
Valid Data
tCE
tACC
tCH
tRC
VA
VA
VA
Addresses
CE#
OE#
WE#
DQ[7]
DQ[6:0]
RY/BY#
tRC
tACC
tCE
tOE
tOEH
tCH
tDF
tOH
tBUSY
VA
VA
VA
VA
Valid Status
Valid Status
Valid Status
Valid Data
(first read)
(second
d)
(stops toggling)
Addresses
CE#
OE#
WE#
DQ6, DQ2
RY/BY#


Similar Part No. - EN29GL128H

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29GL128H EON-EN29GL128H Datasheet
747Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128HH70BAIP EON-EN29GL128HH70BAIP Datasheet
747Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128HH70ZIP EON-EN29GL128HH70ZIP Datasheet
747Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128HL EON-EN29GL128HL Datasheet
783Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128HL70BAIP EON-EN29GL128HL70BAIP Datasheet
747Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
More results

Similar Description - EN29GL128H

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29GL128H EON-EN29GL128H_10 Datasheet
747Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128HL EON-EN29GL128HL Datasheet
783Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL064 EON-EN29GL064_11 Datasheet
838Kb / 64P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL256H EON-EN29GL256H Datasheet
1Mb / 57P
   256 Megabit (32768K x 8-bit / 16384K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL256HL EON-EN29GL256HL Datasheet
1Mb / 57P
   256 Megabit (32768K x 8-bit / 16384K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL064ATB EON-EN29GL064ATB Datasheet
679Kb / 58P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL064AT EON-EN29GL064AT Datasheet
678Kb / 58P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29LV160C EON-EN29LV160C Datasheet
435Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160 EON-EN29LV160 Datasheet
420Kb / 45P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
List of Unclassifed Man...
EN29LV160J ETC1-EN29LV160J Datasheet
264Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com