Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN39SL160L-70BI Datasheet(PDF) 4 Page - Eon Silicon Solution Inc.

Part # EN39SL160L-70BI
Description  16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN39SL160L-70BI Datasheet(HTML) 4 Page - Eon Silicon Solution Inc.

  EN39SL160L-70BI Datasheet HTML 1Page - Eon Silicon Solution Inc. EN39SL160L-70BI Datasheet HTML 2Page - Eon Silicon Solution Inc. EN39SL160L-70BI Datasheet HTML 3Page - Eon Silicon Solution Inc. EN39SL160L-70BI Datasheet HTML 4Page - Eon Silicon Solution Inc. EN39SL160L-70BI Datasheet HTML 5Page - Eon Silicon Solution Inc. EN39SL160L-70BI Datasheet HTML 6Page - Eon Silicon Solution Inc. EN39SL160L-70BI Datasheet HTML 7Page - Eon Silicon Solution Inc. EN39SL160L-70BI Datasheet HTML 8Page - Eon Silicon Solution Inc. EN39SL160L-70BI Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
4
EN39SL160H/L
Rev. E, Issue Date: 2009/07/13
Table 1. PIN DESCRIPTION
Figure 1. LOGIC DIAGRAM
Pin Name
Function
A0-A19
Addresses
DQ0-DQ14
15 Data Inputs/Outputs
DQ15 / A-1
DQ15 (data input/output, word mode),
A-1 (LSB address input, byte mode)
CE#
Chip Enable
OE#
Output Enable
RESET#
Hardware Reset Pin
RY/BY#
Ready/Busy Output
WE#
Write Enable
WP#/ACC
Hardware write protect/acceleration pin
Vcc
Supply Voltage
(1.65-1.95V)
Vss
Ground
NC
Not Connected to anything
BYTE#
Byte/Word Mode
EN39SL160H/L
DQ0 – DQ15
(A-1)
A0 - A19
WE#
CE#
RY/BY#
Reset#
Byte#
OE#
WP#/ACC


Similar Part No. - EN39SL160L-70BI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN39SL160AH EON-EN39SL160AH Datasheet
524Kb / 50P
   16 Megabit (1024K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
EN39SL160AH-70BAP EON-EN39SL160AH-70BAP Datasheet
524Kb / 50P
   16 Megabit (1024K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
EN39SL160AH-70BIP EON-EN39SL160AH-70BIP Datasheet
524Kb / 50P
   16 Megabit (1024K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
EN39SL160AH-70NAP EON-EN39SL160AH-70NAP Datasheet
524Kb / 50P
   16 Megabit (1024K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
EN39SL160AH-70NIP EON-EN39SL160AH-70NIP Datasheet
524Kb / 50P
   16 Megabit (1024K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
More results

Similar Description - EN39SL160L-70BI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN39SL160AH EON-EN39SL160AH Datasheet
524Kb / 50P
   16 Megabit (1024K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
EN39SL160AHL EON-EN39SL160AHL Datasheet
524Kb / 50P
   16 Megabit (1024K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
EN39SL800 EON-EN39SL800 Datasheet
476Kb / 45P
   8 Megabit (512K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
EN39SL801 EON-EN39SL801 Datasheet
470Kb / 45P
   8 Megabit (512K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
EN39SL800 EON-EN39SL800_11 Datasheet
479Kb / 45P
   8 Megabit (512K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
logo
List of Unclassifed Man...
EN29LV160J ETC1-EN29LV160J Datasheet
264Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
Eon Silicon Solution In...
EN29LV160B EON-EN29LV160B_11 Datasheet
420Kb / 43P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160C EON-EN29LV160C Datasheet
435Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160 EON-EN29LV160 Datasheet
420Kb / 45P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29SL800 EON-EN29SL800 Datasheet
337Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 1.8 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com