Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN5312QI Datasheet(PDF) 10 Page - Enpirion, Inc.

Part # EN5312QI
Description  1A Synchronous Buck Regulator With Integrated Inductor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENPIRION [Enpirion, Inc.]
Direct Link  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EN5312QI Datasheet(HTML) 10 Page - Enpirion, Inc.

Back Button EN5312QI Datasheet HTML 6Page - Enpirion, Inc. EN5312QI Datasheet HTML 7Page - Enpirion, Inc. EN5312QI Datasheet HTML 8Page - Enpirion, Inc. EN5312QI Datasheet HTML 9Page - Enpirion, Inc. EN5312QI Datasheet HTML 10Page - Enpirion, Inc. EN5312QI Datasheet HTML 11Page - Enpirion, Inc. EN5312QI Datasheet HTML 12Page - Enpirion, Inc. EN5312QI Datasheet HTML 13Page - Enpirion, Inc. EN5312QI Datasheet HTML 14Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
March 2007
EN5312QI
10
LAYOUT CONSIDERATIONS*
*Optimized PCB Layout file downloadable from the Enpirion Website to assure first pass design success.
Recommendation 1:
Input and output filter capacitors should be placed as close to the EN5312QI
package as possible to reduce EMI from input and output loop AC currents. This reduces the
physical area of the Input and Output AC current loops.
Recommendation 2
: DO NOT connect GND pins 3 and 4 together. Pin 3 should be used for the
Input capacitor local ground and pin 4 should be used for the output capacitor ground. The ground
pad for the input and output filter capacitors should be isolated ground islands and should be
connected to system ground as indicated in recommendation 3 and recommendation 5.
Recommendation 3
: Multiple small vias (0.25mm after copper plating) should be used to connect
ground terminals of the Input capacitor and the output capacitor to the system ground plane. This
provides a low inductance path for the high-frequency AC currents, thereby reducing ripple and
suppressing EMI (see Fig. 5, Fig. 6, and Fig. 7).
Recommendation 4
: The large thermal pad underneath the component must be connected to the
system ground plane through as many thermal vias as possible. The vias should use 0.33mm drill
size with minimum one ounce copper plating (0.035mm plating thickness). This provides the path for
heat dissipation from the converter.
Recommendation 5:
The system ground plane referred to in recommendations 3 and 4 should be
the first layer immediately below the surface layer (PCB layer 2). This ground plane should be
continuous and un-interrupted below the converter and the input and output capacitors that carry
large AC currents.
If it is not possible to make PCB layer 2 a continuous ground plane, an
uninterrupted ground “island” should be created on PCB layer 2 immediately underneath the
EN5312QI and its input and output capacitors. The vias that connect the input and output capacitor
grounds, and the thermal pad to the ground island, should continue through to the PCB GND layer as
well.
Recommendation 6
: As with any switch-mode DC/DC converter, do not run sensitive signal or
control lines underneath the converter package.
Figure 5 shows an example schematic for the EN5312QI using the internal voltage select. In this
(VS2=0, VS1=1, VS0=1).
example, the device is set to a VOUT of 1.5V
Figure 5. Example application, Vout=1.5V.
Figure 6. Example Application, external divider, Vout = 2.6V.
NC
NC
NC
V
OUT
ENABLE
VS0
VS1
VS2
10
9
8
7
20
19
18
17
4.7uF
10
µF
V
IN
V
OUT
(see layout recommendation 3)
NC
NC
NC
V
OUT
ENABLE
VS0
VS1
VS2
10
9
8
7
20
19
18
17
4.7uF
10
µF
V
IN
V
OUT
Ra=200K
Rb=60K
(see layout recommendation 3)
©Enpirion 2007 all rights reserved, E&OE
www.enpirion.com


Similar Part No. - EN5312QI

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EN5312QI ALTERA-EN5312QI Datasheet
990Kb / 16P
   Integrated Inductor
More results

Similar Description - EN5312QI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN5311QI ENPIRION-EN5311QI Datasheet
296Kb / 16P
   1A Synchronous Buck Regulator With Integrated Inductor
logo
Altera Corporation
EN5311QI ALTERA-EN5311QI Datasheet
973Kb / 16P
   1A PowerSoC Synchronous Buck Regulator With Integrated Inductor
EP53A8LQI ALTERA-EP53A8LQI Datasheet
831Kb / 14P
   1A PowerSoC Synchronous Buck Regulator with Integrated Inductor
logo
Enpirion, Inc.
EP5358LUI ENPIRION-EP5358LUI Datasheet
212Kb / 14P
   500mA Synchronous Buck Regulator with Integrated Inductor
EP53A8LQI ENPIRION-EP53A8LQI Datasheet
296Kb / 14P
   1000mA Synchronous Buck Regulator with Integrated Inductor
EP5368QI ENPIRION-EP5368QI Datasheet
304Kb / 12P
   600mA Synchronous Buck Regulator With Integrated Inductor
EP53A7LQ ENPIRION-EP53A7LQ Datasheet
408Kb / 17P
   1000mA Synchronous Buck Regulator with Integrated Inductor
EP5357LUI ENPIRION-EP5357LUI Datasheet
291Kb / 17P
   600mA Synchronous Buck Regulator with Integrated Inductor
EP5348UI ENPIRION-EP5348UI Datasheet
318Kb / 12P
   400mA Synchronous Buck Regulator with Integrated Inductor
logo
Altera Corporation
EP5357XUI ALTERA-EP5357XUI Datasheet
879Kb / 19P
   600mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com