Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN39SL160L-70NIP Datasheet(PDF) 9 Page - Eon Silicon Solution Inc.

Part # EN39SL160L-70NIP
Description  16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN39SL160L-70NIP Datasheet(HTML) 9 Page - Eon Silicon Solution Inc.

Back Button EN39SL160L-70NIP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN39SL160L-70NIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN39SL160L-70NIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN39SL160L-70NIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN39SL160L-70NIP Datasheet HTML 9Page - Eon Silicon Solution Inc. EN39SL160L-70NIP Datasheet HTML 10Page - Eon Silicon Solution Inc. EN39SL160L-70NIP Datasheet HTML 11Page - Eon Silicon Solution Inc. EN39SL160L-70NIP Datasheet HTML 12Page - Eon Silicon Solution Inc. EN39SL160L-70NIP Datasheet HTML 13Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
9
EN39SL160H/L
Rev. E, Issue Date: 2009/07/13
PRODUCT SELECTOR GUIDE
Product Number
EN39SL160H/L
Speed Option
Full Voltage Range: Vcc=1.65 – 1.95 V
-70
Max Access Time, ns (
tacc)
70
Max CE# Access, ns (
tce)
70
Max OE# Access, ns (
toe)
30
BLOCK DIAGRAM
WE#
CE#
OE#
State
Control
Command
Register
Erase Voltage Generator
Input/Output Buffers
Program Voltage
Generator
Chip Enable
Output Enable
Logic
Data Latch
Y-Decoder
X-Decoder
Y-Gating
Cell Matrix
Timer
Vcc Detector
A0-A19
Vcc
Vss
DQ0-DQ15 (A-1)
Block Protect Switches
STB
STB
RY/BY#
WP#/ACC


Similar Part No. - EN39SL160L-70NIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN39SL160AH EON-EN39SL160AH Datasheet
524Kb / 50P
   16 Megabit (1024K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
EN39SL160AH-70BAP EON-EN39SL160AH-70BAP Datasheet
524Kb / 50P
   16 Megabit (1024K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
EN39SL160AH-70BIP EON-EN39SL160AH-70BIP Datasheet
524Kb / 50P
   16 Megabit (1024K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
EN39SL160AH-70NAP EON-EN39SL160AH-70NAP Datasheet
524Kb / 50P
   16 Megabit (1024K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
EN39SL160AH-70NIP EON-EN39SL160AH-70NIP Datasheet
524Kb / 50P
   16 Megabit (1024K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
More results

Similar Description - EN39SL160L-70NIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN39SL160AH EON-EN39SL160AH Datasheet
524Kb / 50P
   16 Megabit (1024K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
EN39SL160AHL EON-EN39SL160AHL Datasheet
524Kb / 50P
   16 Megabit (1024K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
EN39SL800 EON-EN39SL800 Datasheet
476Kb / 45P
   8 Megabit (512K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
EN39SL801 EON-EN39SL801 Datasheet
470Kb / 45P
   8 Megabit (512K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
EN39SL800 EON-EN39SL800_11 Datasheet
479Kb / 45P
   8 Megabit (512K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
logo
List of Unclassifed Man...
EN29LV160J ETC1-EN29LV160J Datasheet
264Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
Eon Silicon Solution In...
EN29LV160B EON-EN29LV160B_11 Datasheet
420Kb / 43P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160C EON-EN29LV160C Datasheet
435Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160 EON-EN29LV160 Datasheet
420Kb / 45P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29SL800 EON-EN29SL800 Datasheet
337Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 1.8 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com