Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN39SL160H Datasheet(PDF) 16 Page - Eon Silicon Solution Inc.

Part # EN39SL160H
Description  16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN39SL160H Datasheet(HTML) 16 Page - Eon Silicon Solution Inc.

Back Button EN39SL160H Datasheet HTML 12Page - Eon Silicon Solution Inc. EN39SL160H Datasheet HTML 13Page - Eon Silicon Solution Inc. EN39SL160H Datasheet HTML 14Page - Eon Silicon Solution Inc. EN39SL160H Datasheet HTML 15Page - Eon Silicon Solution Inc. EN39SL160H Datasheet HTML 16Page - Eon Silicon Solution Inc. EN39SL160H Datasheet HTML 17Page - Eon Silicon Solution Inc. EN39SL160H Datasheet HTML 18Page - Eon Silicon Solution Inc. EN39SL160H Datasheet HTML 19Page - Eon Silicon Solution Inc. EN39SL160H Datasheet HTML 20Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
16
EN39SL160H/L
Rev. E, Issue Date: 2009/07/13
COMMON FLASH INTERFACE (CFI)
The Common Flash Interface (CFI) specification outlines device and host systems software interrogation
handshake, which allows specific vendor-specified software algorithms to be used for entire families of
devices. Software support can then be device-independent, JEDEC ID-independent, and forward- and
backward-compatible for the specified flash device families. Flash vendors can standardize their existing
interfaces for long-term compatibility.
This device enters the CFI Query mode when the system writes the CFI Query command, 98h, to address
55h in word mode (or address AAh in byte mode), any time the device is ready to read array data.
The system can read CFI information at the addresses given in Tables 5-7. In word mode, the upper
address bits (A7–MSB) must be all zeros. To terminate reading CFI data, the system must write the reset
command.
The system can also write the CFI query command when the device is in the autoselect mode. The device
enters the CFI query mode and the system can read CFI data at the addresses given in Tables 6–8. The
system must write the reset command to return the device to the autoselect mode.
Table 6. CFI Query Identification String
(1)
Adresses
(Word Mode)
Adresses
(Byte Mode)
Data
Description
10h
11h
12h
20h
22h
24h
0051h
0052h
0059h
Query Unique ASCII string “QRY”
13h
14h
26h
28h
0002h
0000h
Primary OEM Command Set
15h
16h
2Ah
2Ch
0040h
0000h
Address for Primary Extended Table
17h
18h
2Eh
30h
0000h
0000h
Alternate OEM Command set (00h = none exists)
19h
1Ah
32h
34h
0000h
0000h
Address for Alternate OEM Extended Table (00h = none exists)
1. Refer to CFI publication 100 for more details.
Table 7. System Interface String
Addresses
(Word Mode)
Addresses
(Byte Mode)
Data
Description
1Bh
36h
0016h
Vcc Min (write /erase)
DQ7-DQ4: volts, DQ3 –DQ0: 100 millivolts
1Ch
38h
0020h
Vcc Max (write /erase)
DQ7-DQ4: volts, DQ3 –DQ0: 100 millivolts
1Dh
3Ah
0000h
Vpp Min. voltage (00h = no Vpp pin present)
1Eh
3Ch
0000h
Vpp Max. voltage (00h = no Vpp pin present)
1Fh
3Eh
0004h
Typical timeout per single byte/word program 2^N μs
20h
40h
0000h
Typical timeout for Min, size buffer write 2^N μs (00h = not
supported)
21h
42h
000Ah Typical timeout per individual sector/block erase 2^N ms
22h
44h
0000h
Typical timeout for full chip erase 2^N ms (00h = not supported)
23h
46h
0005h
Max. timeout for byte/word write 2^N times typical
24h
48h
0000h
Max. timeout for buffer write 2^N times typical
25h
4Ah
0004h
Max. timeout per individual sector/block erase 2^N times typical
26h
4Ch
0000h
Max timeout for full chip erase 2^N times typical (00h = not
supported)


Similar Part No. - EN39SL160H

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN39SL160AH EON-EN39SL160AH Datasheet
524Kb / 50P
   16 Megabit (1024K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
EN39SL160AH-70BAP EON-EN39SL160AH-70BAP Datasheet
524Kb / 50P
   16 Megabit (1024K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
EN39SL160AH-70BIP EON-EN39SL160AH-70BIP Datasheet
524Kb / 50P
   16 Megabit (1024K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
EN39SL160AH-70NAP EON-EN39SL160AH-70NAP Datasheet
524Kb / 50P
   16 Megabit (1024K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
EN39SL160AH-70NIP EON-EN39SL160AH-70NIP Datasheet
524Kb / 50P
   16 Megabit (1024K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
More results

Similar Description - EN39SL160H

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN39SL160AH EON-EN39SL160AH Datasheet
524Kb / 50P
   16 Megabit (1024K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
EN39SL160AHL EON-EN39SL160AHL Datasheet
524Kb / 50P
   16 Megabit (1024K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
EN39SL800 EON-EN39SL800 Datasheet
476Kb / 45P
   8 Megabit (512K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
EN39SL801 EON-EN39SL801 Datasheet
470Kb / 45P
   8 Megabit (512K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
EN39SL800 EON-EN39SL800_11 Datasheet
479Kb / 45P
   8 Megabit (512K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
logo
List of Unclassifed Man...
EN29LV160J ETC1-EN29LV160J Datasheet
264Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
Eon Silicon Solution In...
EN29LV160B EON-EN29LV160B_11 Datasheet
420Kb / 43P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160C EON-EN29LV160C Datasheet
435Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160 EON-EN29LV160 Datasheet
420Kb / 45P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29SL800 EON-EN29SL800 Datasheet
337Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 1.8 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com