Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM3027IDSSO08B Datasheet(PDF) 3 Page - EM Microelectronic - MARIN SA

Part # EM3027IDSSO08B
Description  Real Time Clock with I2C or SPI, Crystal Temperature Compensation, Battery Switchover and Trickle Charger
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM3027IDSSO08B Datasheet(HTML) 3 Page - EM Microelectronic - MARIN SA

  EM3027IDSSO08B Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM3027IDSSO08B Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM3027IDSSO08B Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM3027IDSSO08B Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM3027IDSSO08B Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM3027IDSSO08B Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM3027IDSSO08B Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM3027IDSSO08B Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM3027IDSSO08B Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
R
EM3027
Copyright © 2009, EM Microelectronic-Marin SA
12/09 – rev D
3
www.emmicroelectronic.com
1
Packages / Pin Out Configuration
Vcc
SDA
Vss
X1
X2
EM3027
SO8-TSSOP8
VBack
SCL
IRQ/CLKOUT
Pin
Name
Function
1
X1
32.768 kHz crystal input
2
X2
32.768 kHz crystal output
3
VBack
Backup Supply
4
VSS
Ground Supply
5
SDA
Serial Data
6
SCL
Serial Clock
7
IRQ/CLKOUT
Interrupt Request/Clock output
8
VCC
Positive Supply
Table 1
Pin
Name
Function
1
X1
32.768 kHz crystal input
2
X2
32.768 kHz crystal output
3
SI
Serial Data input
4
VReg
Regulated Voltage – Reserved for
test purpose (This output must be
left unconnected)
5
VBack
Backup Supply
6
INT
Interrupt Request output
(Open Drain active low)
7
VSS
Ground Supply
8
SO
Serial Data output
9
SCK
Serial Clock input
10
CS
Chip Select input
11
IRQ/CLKOUT
Interrupt Request/Clock output
12
VCC
Positive Supply
13
CLKOE
Clock Output Enable
CLKOE = ‘0’ CLKOUT is low
CLKOE = ‘1’ CLKOUT is output
14
NC
Not Connected
Table 2
SCK
CS
Vss
SPI
TSSOP14
SI
EM3027
INT
IRQ/CLKOUT
VCC
CLKOE
NC
X2
VBack
VReg
X1
I2C
SO


Similar Part No. - EM3027IDSSO08B

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM3027IDSSO8B EMMICRO-EM3027IDSSO8B Datasheet
1Mb / 28P
   Real Time Clock with I2C or SPI, Crystal Temperature Compensation, Battery Switchover and Trickle Charger
More results

Similar Description - EM3027IDSSO08B

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM3027 EMMICRO-EM3027_13 Datasheet
1Mb / 28P
   Real Time Clock with I2C or SPI, Crystal Temperature Compensation, Battery Switchover and Trickle Charger
logo
Micro Analog systems
MCP7952X MAS-MCP7952X Datasheet
946Kb / 50P
   3V SPI Real-Time Clock Calendar with Battery Switchover
logo
STMicroelectronics
M41T93 STMICROELECTRONICS-M41T93_11 Datasheet
787Kb / 51P
   Serial SPI bus real-time clock with battery switchover
logo
EM Microelectronic - MA...
EM3027-13 EMMICRO-EM3027-13 Datasheet
1Mb / 28P
   Battery Switchover and Trickle Charger
logo
Microchip Technology
MCP79510-IMS MICROCHIP-MCP79510-IMS Datasheet
946Kb / 50P
   3V SPI Real-Time Clock Calendar with Battery Switchover
11/29/11
logo
STMicroelectronics
M41T83 STMICROELECTRONICS-M41T83_12 Datasheet
1,001Kb / 62P
   Serial I2C bus real-time clock (RTC) with battery switchover
logo
Microchip Technology
MCP7940N MICROCHIP-MCP7940N Datasheet
562Kb / 36P
   Low-Cost I2C??Real-Time Clock/Calendar with SRAM and Battery Switchover
2011
MCP7940N MICROCHIP-MCP7940N_13 Datasheet
1Mb / 42P
   Low-Cost I2C??Real-Time Clock/Calendar with SRAM and Battery Switchover
11/29/12
MCP795W1X MICROCHIP-MCP795W1X_12 Datasheet
1Mb / 54P
   3V SPI Real-Time Clock Calendar with Enhanced Features and Battery Switchover
2011-2012 11/29/11
MCP79400 MICROCHIP-MCP79400 Datasheet
574Kb / 38P
   I2C??Real-Time Clock/Calendar with SRAM, Unique ID and Battery Switchover
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com