Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM3027IDSTP8A Datasheet(PDF) 11 Page - EM Microelectronic - MARIN SA

Part # EM3027IDSTP8A
Description  Real Time Clock with I2C or SPI, Crystal Temperature Compensation, Battery Switchover and Trickle Charger
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM3027IDSTP8A Datasheet(HTML) 11 Page - EM Microelectronic - MARIN SA

Back Button EM3027IDSTP8A Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM3027IDSTP8A Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM3027IDSTP8A Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM3027IDSTP8A Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM3027IDSTP8A Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM3027IDSTP8A Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM3027IDSTP8A Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM3027IDSTP8A Datasheet HTML 14Page - EM Microelectronic - MARIN SA EM3027IDSTP8A Datasheet HTML 15Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
R
EM3027
Copyright © 2009, EM Microelectronic-Marin SA
12/09 – rev D
11
www.emmicroelectronic.com
Timer Page - Registers TimLow, TimHigh
TimLow
Timer value (Low byte)
TimHigh
Timer value (High byte)
Temperature Page - Register Temp
Temp
Temperature (range from -60° C to 190°C with 0°C corresponding to a content of 60d)
EEPROM Data Page - Register EEData
EEData
General purpose EEPROM data bytes
EEPROM Control Page - Register EEctrl
R80k, R20k,
Selects trickle charger resistors between VHigh and VBack
R5k, R1.5k
FD0, FD1
Selects clock frequency at IRQ/CLKOUT pin.
ThEn
Enables thermometer (‘0’ = disabled; ‘1’ = enabled)
ThPer
Selects thermometer activation period (‘0’ = 1 second; ‘1’ = 16 seconds)
EEPROM Control Page - Register XtalOffset
XtalOffset
Crystal frequency deviation at Turnover temperature TO in ppm. Example: value 63d is related to
60 ppm.
XtalOffset=1.05*XtalOffsetreal
where XtalOffsetreal is real value of crystal frequency deviation at Turnover temperature of the used crystal in ppm.
Note
: Coefficient 1.05 (exactly 1.048576) is the result of the internally used frequency compensating method.
EEPROM Control Page - Register Qcoef
Qcoef
Thermal quadratic coefficient of the crystal. Example: value 151d is related to 0.035 ppm/°C²,
Qcoef = 4096 x 1.05 x QCoefreal,
where Qcoefreal is real value of thermal quadratic coefficient of the crystal in ppm/°C².
EEPROM Control Page - Register TurnOver
TurnOver
Turnover temperature of the crystal (values 0 to 63d are related to temperature 4 to 67 °C).
Example: value 21d is related to 25°C.
T0 = T0_real – 4,
where T0_real is real value of Turnover temperature of the crystal in °C.
RAM Page - Register RAMdata
RAMdata
General purpose RAM data bytes


Similar Part No. - EM3027IDSTP8A

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM3027IDSTP14 EMMICRO-EM3027IDSTP14 Datasheet
1Mb / 28P
   Real Time Clock with I2C or SPI, Crystal Temperature Compensation, Battery Switchover and Trickle Charger
More results

Similar Description - EM3027IDSTP8A

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM3027 EMMICRO-EM3027_13 Datasheet
1Mb / 28P
   Real Time Clock with I2C or SPI, Crystal Temperature Compensation, Battery Switchover and Trickle Charger
logo
Micro Analog systems
MCP7952X MAS-MCP7952X Datasheet
946Kb / 50P
   3V SPI Real-Time Clock Calendar with Battery Switchover
logo
STMicroelectronics
M41T93 STMICROELECTRONICS-M41T93_11 Datasheet
787Kb / 51P
   Serial SPI bus real-time clock with battery switchover
logo
EM Microelectronic - MA...
EM3027-13 EMMICRO-EM3027-13 Datasheet
1Mb / 28P
   Battery Switchover and Trickle Charger
logo
Microchip Technology
MCP79510-IMS MICROCHIP-MCP79510-IMS Datasheet
946Kb / 50P
   3V SPI Real-Time Clock Calendar with Battery Switchover
11/29/11
logo
STMicroelectronics
M41T83 STMICROELECTRONICS-M41T83_12 Datasheet
1,001Kb / 62P
   Serial I2C bus real-time clock (RTC) with battery switchover
logo
Microchip Technology
MCP7940N MICROCHIP-MCP7940N Datasheet
562Kb / 36P
   Low-Cost I2C??Real-Time Clock/Calendar with SRAM and Battery Switchover
2011
MCP7940N MICROCHIP-MCP7940N_13 Datasheet
1Mb / 42P
   Low-Cost I2C??Real-Time Clock/Calendar with SRAM and Battery Switchover
11/29/12
MCP795W1X MICROCHIP-MCP795W1X_12 Datasheet
1Mb / 54P
   3V SPI Real-Time Clock Calendar with Enhanced Features and Battery Switchover
2011-2012 11/29/11
MCP79400 MICROCHIP-MCP79400 Datasheet
574Kb / 38P
   I2C??Real-Time Clock/Calendar with SRAM, Unique ID and Battery Switchover
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com