Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TZ425N Datasheet(PDF) 11 Page - eupec GmbH

Part # TZ425N
Description  Netz-Thyristor-Modul Phase Control Thyristor Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUPEC [eupec GmbH]
Direct Link  http://www.eupec.com
Logo EUPEC - eupec GmbH

TZ425N Datasheet(HTML) 11 Page - eupec GmbH

Back Button TZ425N Datasheet HTML 5Page - eupec GmbH TZ425N Datasheet HTML 6Page - eupec GmbH TZ425N Datasheet HTML 7Page - eupec GmbH TZ425N Datasheet HTML 8Page - eupec GmbH TZ425N Datasheet HTML 9Page - eupec GmbH TZ425N Datasheet HTML 10Page - eupec GmbH TZ425N Datasheet HTML 11Page - eupec GmbH TZ425N Datasheet HTML 12Page - eupec GmbH TZ425N Datasheet HTML 13Page - eupec GmbH  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
N
Netz-Thyristor-Modul
Phase Control Thyristor Module
Datenblatt / Data sheet
TZ425N
BIP AC / 2004-03-11; C. Drilling
A 09/04
11/12
Seite/page
Sperrverzögerungsladung
Grenzstrom
100
1000
10000
1
10
100
-di/dt [A/µs]
iTM = 2000A
50A
100A
200A
500A
1000A
20A
Sperrverzögerungsladung / Recovered charge Qr = f(-di/dt)
Tvj = Tvjmax, vR ≤ 0,5 VRRM, vRM = 0,8 VRRM
Parameter: Durchlaßstrom / On-state current iTM
0
2.000
4.000
6.000
8.000
10.000
0,01
0,1
1
t [s]
b
TA = 45°C
a
TA = 35 °C
Grenzstrom / Maximum overload on-state current IT(OV)M = f(t), vRM = 0,8 VRRM
a: Leerlauf / No-load conditions
b: nach Belastung mit ITAVM / after load with ITAVM
TA = 35°C, verstärkte Luftkühlung / Forced air cooling
TA = 45°C, Luftselbstkühlung / Natural air cooling


Similar Part No. - TZ425N

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TZ425N INFINEON-TZ425N Datasheet
977Kb / 14P
   Pressure contact technology for high reliability
2018-04-17 Revision 3.3
logo
eupec GmbH
TZ425N14KOF EUPEC-TZ425N14KOF Datasheet
459Kb / 13P
   Netz-Thyristor-Modul Phase Control Thyristor Module
More results

Similar Description - TZ425N

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
TT140N EUPEC-TT140N Datasheet
411Kb / 13P
   Netz-Thyristor-Modul Phase Control Thyristor Module
logo
Infineon Technologies A...
TD162N16KOF INFINEON-TD162N16KOF Datasheet
416Kb / 13P
   Netz-Thyristor-Modul Phase Control Thyristor Module
04.07.02 revision:1
logo
eupec GmbH
TT106N EUPEC-TT106N Datasheet
404Kb / 13P
   Netz-Thyristor-Modul Phase Control Thyristor Module
TZ150N EUPEC-TZ150N Datasheet
461Kb / 13P
   Netz-Thyristor-Modul Phase Control Thyristor Module
TT70N EUPEC-TT70N_02 Datasheet
417Kb / 13P
   Netz-Thyristor-Modul Phase Control Thyristor Module
logo
Infineon Technologies A...
ETT420N22P60 INFINEON-ETT420N22P60 Datasheet
429Kb / 11P
   Netz-Thyristor-Modul Phase Control Thyristor Module
2018-07-30 Revision: 3.1
TT104N INFINEON-TT104N Datasheet
755Kb / 11P
   Netz-Thyristor-Modul Phase Control Thyristor Module
2020-05-29 Revision: 3.3
TT570N18KOF INFINEON-TT570N18KOF Datasheet
550Kb / 11P
   Netz-Thyristor-Modul Phase Control Thyristor Module
2021-02-12 Revision: 3.1
TT92N INFINEON-TT92N Datasheet
755Kb / 11P
   Netz-Thyristor-Modul Phase Control Thyristor Module
2020-05-29 Revision: 3.3
logo
eupec GmbH
TZ375N EUPEC-TZ375N Datasheet
460Kb / 13P
   Netz-Thyristor-Modul Phase Control Thyristor Module
logo
Infineon Technologies A...
TT600N16KOF INFINEON-TT600N16KOF_16 Datasheet
431Kb / 11P
   Netz-Thyristor-Modul Phase Control Thyristor Module
2016-11-25 Revision: 3.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com