Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS8545AG-02T Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ICS8545AG-02T
Description  LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8545AG-02T Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ICS8545AG-02T Datasheet HTML 3Page - Integrated Device Technology ICS8545AG-02T Datasheet HTML 4Page - Integrated Device Technology ICS8545AG-02T Datasheet HTML 5Page - Integrated Device Technology ICS8545AG-02T Datasheet HTML 6Page - Integrated Device Technology ICS8545AG-02T Datasheet HTML 7Page - Integrated Device Technology ICS8545AG-02T Datasheet HTML 8Page - Integrated Device Technology ICS8545AG-02T Datasheet HTML 9Page - Integrated Device Technology ICS8545AG-02T Datasheet HTML 10Page - Integrated Device Technology ICS8545AG-02T Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
ICS8545-02
LOW SKEW, 1-TO-4, LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
IDT™ / ICS™ LVDS FANOUT BUFFER
7
ICS8545AG-02 REV. A March 3, 2009
Parameter Measurement Information
3.3V LVDS Output Load AC Test Circuit
Part-to-Part Skew
Output Duty Cycle/Pulse Width/Period
Differential Output Level
Output Skew
Propagation Delay
SCOPE
Qx
nQx
LVDS
3.3V±5%
POWER SUPPLY
+–
Float GND
-
VDD
nQx
Qx
nQy
Qy
tsk(pp)
Par t 1
Par t 2
t
PW
t
PERIOD
t
PW
t
PERIOD
odc =
x 100%
nQ0:nQ3
Q0:Q3
-
VDD
GND
nQ0:nQ3
Q0:Q3
V
CMR
Cross Points
V
PP
nQx
Qx
nQy
Qy
tsk(o)
t
PD
V
DD
2
nQ0:nQ3
Q0:Q3
CLK1, CLK2


Similar Part No. - ICS8545AG-02T

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8545AG-02LF IDT-ICS8545AG-02LF Datasheet
240Kb / 13P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
logo
Renesas Technology Corp
ICS8545AG-02LF RENESAS-ICS8545AG-02LF Datasheet
402Kb / 14P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
REV. A 5/7/15
logo
Integrated Device Techn...
ICS8545AG-02LFT IDT-ICS8545AG-02LFT Datasheet
240Kb / 13P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
logo
Renesas Technology Corp
ICS8545AG-02LFT RENESAS-ICS8545AG-02LFT Datasheet
402Kb / 14P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
REV. A 5/7/15
More results

Similar Description - ICS8545AG-02T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
854105I RENESAS-854105I Datasheet
474Kb / 14P
   Low Skew, 1-to-4, LVCMOS/ LVTTL-to-LVDS Fanout Buffer
February 23, 2016
logo
Integrated Device Techn...
8545-02 IDT-8545-02_12 Datasheet
240Kb / 13P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
8545 IDT-8545 Datasheet
228Kb / 15P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
ICS8545I-02 IDT-ICS8545I-02 Datasheet
675Kb / 13P
   Low Skew, 1-to-4 LVCMOS/LVTTL-to-LVDS Fanout Buffer
logo
Renesas Technology Corp
8545I-02 RENESAS-8545I-02 Datasheet
390Kb / 14P
   Low Skew, 1-to-4 LVCMOS/LVTTL-to-LVDS Fanout Buffer
REVISION A 5/7/15
logo
Integrated Device Techn...
ICS8545I IDT-ICS8545I Datasheet
715Kb / 15P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
logo
Renesas Technology Corp
854105 RENESAS-854105 Datasheet
407Kb / 14P
   Low Skew, 1-to-4, LVCMOS/LVTTL-to-LVDS Fanout Buffer
7/10/15
8545-01 RENESAS-8545-01 Datasheet
413Kb / 14P
   Low Skew, 1-to-4 LVCMOS/LVTTL-to-LVDS Fanout Buffer
Rev A 7/10/15
8545-02 RENESAS-8545-02 Datasheet
402Kb / 14P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
REV. A 5/7/15
logo
Integrated Device Techn...
8545I-02 IDT-8545I-02 Datasheet
192Kb / 13P
   Low Skew, 1-to-4 LVCMOS/LVTTL-to-LVDS Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com