Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

843442AGILF Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 843442AGILF
Description  FemtoClock??SAS/SATA Clock Generator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

843442AGILF Datasheet(HTML) 4 Page - Integrated Device Technology

  843442AGILF Datasheet HTML 1Page - Integrated Device Technology 843442AGILF Datasheet HTML 2Page - Integrated Device Technology 843442AGILF Datasheet HTML 3Page - Integrated Device Technology 843442AGILF Datasheet HTML 4Page - Integrated Device Technology 843442AGILF Datasheet HTML 5Page - Integrated Device Technology 843442AGILF Datasheet HTML 6Page - Integrated Device Technology 843442AGILF Datasheet HTML 7Page - Integrated Device Technology 843442AGILF Datasheet HTML 8Page - Integrated Device Technology 843442AGILF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ICS843442AGI REVISION A JUNE 24, 2009
4
©2009 Integrated Device Technology, Inc.
ICS843442I Data Sheet
FEMTOCLOCK™ SAS/SATA Clock Generator
AC Electrical Characteristics
Table 5. AC Characteristics, VCC = 3.3V ± 5%, VEE = 0V, TA = -40°C to 85°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device is
mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal equilibrium
has been reached under these conditions.
NOTE 1: See phase noise plot section.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fOUT
Output Frequency
F_SEL = 0
75
MHz
F_SEL = 1
150
MHz
tjit(Ø)
RMS Phase Jitter (Random);
NOTE 1
75MHz,
Integration Range: 12kHz – 20MHz
1.10896
ps
150MHz,
Integration Range: 12kHz – 20MHz
1.07375
ps
tR / tF
Output Rise/Fall Time
20% to 80%
325
650
ps
odc
Output Duty Cycle
48
52
%


Similar Part No. - 843442AGILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843442AGILF IDT-843442AGILF Datasheet
201Kb / 14P
   FemtoClock??SAS/SATA Clock Generator
843442AGILF IDT-843442AGILF Datasheet
201Kb / 14P
   FemtoClock SAS/SATA Clock Generator
logo
Renesas Technology Corp
843442AGILF RENESAS-843442AGILF Datasheet
393Kb / 15P
   FemtoClock™ SAS/SATA Clock Generator
2019
logo
Integrated Device Techn...
843442AGILFT IDT-843442AGILFT Datasheet
201Kb / 14P
   FemtoClock??SAS/SATA Clock Generator
843442AGILFT IDT-843442AGILFT Datasheet
201Kb / 14P
   FemtoClock SAS/SATA Clock Generator
More results

Similar Description - 843442AGILF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
844441 IDT-844441 Datasheet
356Kb / 15P
   FemtoClock SAS/ SATA Clock Generator
843751 IDT-843751 Datasheet
217Kb / 17P
   FemtoClock??SAS/SATA Clock Generator
843442I IDT-843442I Datasheet
201Kb / 14P
   FemtoClock SAS/SATA Clock Generator
843442 IDT-843442 Datasheet
201Kb / 14P
   FemtoClock??SAS/SATA Clock Generator
logo
Renesas Technology Corp
843751 RENESAS-843751 Datasheet
412Kb / 18P
   FemtoClock™ SAS/SATA Clock Generator
08.21.15
843442 RENESAS-843442 Datasheet
393Kb / 15P
   FemtoClock™ SAS/SATA Clock Generator
2019
844441 RENESAS-844441 Datasheet
637Kb / 16P
   FemtoClock® SAS/ SATA Clock Generator
November 2, 2016
843441 RENESAS-843441 Datasheet
492Kb / 18P
   FemtoClock® SAS/SATA Clock Generator
June 30, 2016
ICS843241 RENESAS-ICS843241 Datasheet
607Kb / 19P
   FEMTOCLOCKS™ SAS/SATA CLOCK GENERATOR
AUGUST 20, 2008
RC22112A RENESAS-RC22112A Datasheet
2Mb / 48P
   FemtoClock Clock Generator
Oct 3, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com