Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8430AY-62LF Datasheet(PDF) 11 Page - Integrated Device Technology

Part # 8430AY-62LF
Description  500MHz, Crystal-to-3.3V, 2.5V Differential LVPECL Frequency Synthesizer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8430AY-62LF Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button 8430AY-62LF Datasheet HTML 7Page - Integrated Device Technology 8430AY-62LF Datasheet HTML 8Page - Integrated Device Technology 8430AY-62LF Datasheet HTML 9Page - Integrated Device Technology 8430AY-62LF Datasheet HTML 10Page - Integrated Device Technology 8430AY-62LF Datasheet HTML 11Page - Integrated Device Technology 8430AY-62LF Datasheet HTML 12Page - Integrated Device Technology 8430AY-62LF Datasheet HTML 13Page - Integrated Device Technology 8430AY-62LF Datasheet HTML 14Page - Integrated Device Technology 8430AY-62LF Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
ICS8430-62 Datasheet
500MHz CRYSTAL-TO-3.3V, 2.5V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS8430AY-62 REVISION A JULY 2, 2009
11
©2009 Integrated Device Technology, Inc.
Parameter Measurement Information, continued
Output Rise/Fall Time
Application Information
Power Supply Filtering Technique
As in any high speed analog circuitry, the power supply pins are
vulnerable to random noise. To achieve optimum jitter performance,
power supply isolation is required. The ICS8430-62 provides
separate power supplies to isolate any high frequency switching
noise from the outputs to the internal PLL. VCC, VCCA and VCCO
should be individually connected to the power supply plane through
vias, and 0.01µF bypass capacitors should be used for each pin.
Figure 2 illustrates this for a generic VCC pin and also shows that
VCCA requires that an additional 10Ω resistor along with a 10µF
bypass capacitor be connected to the VCCA pin. The 10Ω resistor can
also be replaced by a ferrite bead.
Figure 2. Power Supply Filtering
20%
80%
80%
20%
tR
t F
VSWING
nFOUTx
FOUTx
VCC
VCCA
3.3V
10
10µF
.01µF
.01µF


Similar Part No. - 8430AY-62LF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8430AY-61LF IDT-8430AY-61LF Datasheet
321Kb / 21P
   LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
8430AY-61LF RENESAS-8430AY-61LF Datasheet
515Kb / 22P
   500MHz, Crystal-to-3.3V, 2.5V Differential LVPECL Frequency Synthesizer
January 8, 2016
logo
Integrated Device Techn...
8430AY-61LFT IDT-8430AY-61LFT Datasheet
321Kb / 21P
   LVPECL Frequency Synthesizer
logo
Renesas Technology Corp
8430AY-61LFT RENESAS-8430AY-61LFT Datasheet
515Kb / 22P
   500MHz, Crystal-to-3.3V, 2.5V Differential LVPECL Frequency Synthesizer
January 8, 2016
More results

Similar Description - 8430AY-62LF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8430-61 RENESAS-8430-61 Datasheet
515Kb / 22P
   500MHz, Crystal-to-3.3V, 2.5V Differential LVPECL Frequency Synthesizer
January 8, 2016
logo
Integrated Circuit Syst...
ICS8430-61 ICST-ICS8430-61 Datasheet
175Kb / 15P
   500MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS8430I-61 ICST-ICS8430I-61 Datasheet
174Kb / 16P
   500MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
8430I-61 RENESAS-8430I-61 Datasheet
501Kb / 22P
   500MHz, Crystal-to-3.3V, 2.5V Differential LVPECL Frequeny Synthesizer
10/15/15
logo
Integrated Device Techn...
ICS843004I-156 IDT-ICS843004I-156 Datasheet
246Kb / 19P
   FemtoClock Crystal-to-3.3V, 2.5V LVPECL Frequency Synthesizer
843004I-01 IDT-843004I-01 Datasheet
406Kb / 19P
   FemtoClock Crystal-to-3.3V, 2.5V LVPECL Frequency Synthesizer
logo
Pericom Semiconductor C...
PI6C484321 PERICOM-PI6C484321 Datasheet
507Kb / 9P
   260MHz Crystal-to-3.3V Differential LVPECL Frequency Synthesizer
logo
Integrated Circuit Syst...
ICS8432-51 ICST-ICS8432-51 Datasheet
160Kb / 17P
   700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS8432-51K ICST-ICS8432-51K Datasheet
227Kb / 16P
   700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS8432I-51 ICST-ICS8432I-51 Datasheet
150Kb / 16P
   700MHZ, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com