Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA4605-3 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TDA4605-3
Description  Control IC for Switched-Mode Power Supplies using MOS-Transistors
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA4605-3 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TDA4605-3 Datasheet HTML 1Page - Infineon Technologies AG TDA4605-3 Datasheet HTML 2Page - Infineon Technologies AG TDA4605-3 Datasheet HTML 3Page - Infineon Technologies AG TDA4605-3 Datasheet HTML 4Page - Infineon Technologies AG TDA4605-3 Datasheet HTML 5Page - Infineon Technologies AG TDA4605-3 Datasheet HTML 6Page - Infineon Technologies AG TDA4605-3 Datasheet HTML 7Page - Infineon Technologies AG TDA4605-3 Datasheet HTML 8Page - Infineon Technologies AG TDA4605-3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Version 2.0
5
1 Jul 2002
TDA 4605-3
Pin Definitions and Functions
Pin No.
Function
1
Information Input Concerning Secondary Voltage. By comparing the
regulating voltage - obtained trom the regulating winding of the transformer - with
the internal reference voltage, the output impulse width on pin 5 is adjusted to the
load of the secondary side (normal, overload, short-circuit, no load).
2
Information Input Regarding the Primary Current. The primary current rise in
the primary winding is simulated at pin 2 as a voltage rise by means of external
RC-element. When a voltage level is reached thats derived from the regulating
voltage at pin 1, the output impulse at pin 5 is terminated. The RC-element serves
to set the maximum power at the overload point set.
3
Input for Primary Voltage Monitoring: In the normal operation
V3 is moving
between the thresholds
V3H and V3L (V3H > V3 > V3L).
V3 < V3L: SMPS is switched OFF (line voltage too low).
V3 > V3H : Compensation of the overload point regulation (controlled by pin 2)
starts at
V3H : V3L = 1.7.
4
Ground
5
Output: Push-pull output provides
± 1 A for rapid charge and discharge of the
gate capacitance of the power MOS-transistor.
6
Supply Voltage Input: A stable internal reference voltage
VREF is derived from
the supply voltage also the switching thresholds
V6A , V6E , V6 max and V6 min for
the supply voltage detector. If
V6 > V6E then VREF is switched on and swiched off
when
V6 < V6A . In addition the logic is only enable for V6 min < V6 < V6 max.
7
Input for Soft-Start. Start-up will begin with short pulses by connecting a
capacitor from pin 7 to ground.
8
Input for the Oscillation Feedback. After starting oscillation, every zero
transition of the feedback voltage (falling edge) through zero (falling edge)
triggers an output pulse at pin 5. The trigger threshold is at + 50 mV typical.


Similar Part No. - TDA4605-3

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TDA4605-3 SIEMENS-TDA4605-3 Datasheet
557Kb / 20P
   Control IC for Switched-Mode Power Supplies using MOS-Transistor
More results

Similar Description - TDA4605-3

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TDA4605 SIEMENS-TDA4605 Datasheet
631Kb / 21P
   Control IC for Switched-Mode Power Supplies using MOS-Transistors
logo
Integral Corp.
ILA4605-2 INTEGRAL-ILA4605-2 Datasheet
144Kb / 3P
   Control IC for Switched Mode Power Supplies using MOS Transistors
logo
KODENSHI_AUK CORP.
KKA4605-2 KODENSHI-KKA4605-2 Datasheet
174Kb / 4P
   Control IC for Switched Mode Power Supplies using MOS Transistors
logo
Infineon Technologies A...
TDA4605-2 INFINEON-TDA4605-2 Datasheet
782Kb / 23P
   Control IC for Switched-Mode Power Supplies using MOS-Transistors
V2.0, 1 Jul 2002
logo
Siemens Semiconductor G...
TDA4605-2 SIEMENS-TDA4605-2 Datasheet
560Kb / 20P
   Control IC for Switched-Mode Power Supplies using MOS-Transistors
TDA4605-3 SIEMENS-TDA4605-3 Datasheet
557Kb / 20P
   Control IC for Switched-Mode Power Supplies using MOS-Transistor
logo
List of Unclassifed Man...
TDA4600-3 ETC-TDA4600-3 Datasheet
590Kb / 15P
   CONTROL IC FOR SWITCHED - MODE POWER SUPPLIES
logo
STMicroelectronics
TDA4605 STMICROELECTRONICS-TDA4605_03 Datasheet
119Kb / 7P
   CONTROL CIRCUIT FOR SWITCH MODE POWER SUPPLIES USING MOS TRANSISTORS
TDA4605 STMICROELECTRONICS-TDA4605 Datasheet
63Kb / 6P
   CONTROL CIRCUIT FOR SWITCH MODE POWER SUPPLIES USING MOS TRANSISTORS
logo
NXP Semiconductors
TDA8380A PHILIPS-TDA8380A Datasheet
158Kb / 20P
   Control circuit for switched mode power supplies
November 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com