Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS830584I Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS830584I
Description  LOW SKEW, PCI-X 1-TO-4 FANOUT BUFFER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS830584I Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS830584I Datasheet HTML 1Page - Integrated Device Technology ICS830584I Datasheet HTML 2Page - Integrated Device Technology ICS830584I Datasheet HTML 3Page - Integrated Device Technology ICS830584I Datasheet HTML 4Page - Integrated Device Technology ICS830584I Datasheet HTML 5Page - Integrated Device Technology ICS830584I Datasheet HTML 6Page - Integrated Device Technology ICS830584I Datasheet HTML 7Page - Integrated Device Technology ICS830584I Datasheet HTML 8Page - Integrated Device Technology ICS830584I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LOW SKEW, PCI-X 1-TO-4 FANOUT BUFFER
ICS830584I
IDT/ ICSPCI-X 1-TO-4 FANOUT BUFFER
1
ICS830584AGI REV. B MARCH
31, 2009
GENERAL DESCRIPTION
The ICS830584I is a low skew, general purpose
PCI-X 1-to-4 Fanout Buffer and a member of the
HiPerClockS™ family of High Performance Clock
Solutions from IDT. Guaranteed output and part-
to-part skew characteristics make the ICS830584I
ideal for those clock distribution applications demanding well
defined performance and repeatablility. The ICS830584I is de-
signed and characterized from -40°C to 85°C for industrial
applications and is packaged in an 8 TSSOP package.
HiPerClockS™
ICS
BLOCK DIAGRAM
PIN ASSIGNMENT
FEATURES
• General purpose and PCI-X 1:4 clock buffer
• Four single-ended LVCMOS/LVTTL clock outputs
• One single-ended LVCMOS/LVTTL clock input
Maximum output frequency: 140MHz
• Output enable control (outputs disabled in logic low state)
Output skew: 100ps (maximum)
Part-to-part skew: 400ps (maximum)
Additive phase jitter, RMS: 0.15ps (typical)
Space-saving 8 lead TSSOP package
Full 3.3V operating supply mode
-40°C to 85°C ambient operating temperature
Available in lead-free (RoHS 6) packages
CLKIN
OE
Q0
Q1
Q2
Q3
ICS830584I
8-Lead TSSOP
4.40mm x 3.0mm x 0.925mm
package body
G Package
Top View
1
2
3
4
8
7
6
5
CLKIN
OE
Q0
GND
Q3
Q2
VDD
Q1


Similar Part No. - ICS830584I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83058AGI ICST-ICS83058AGI Datasheet
153Kb / 12P
   8:1, SINGLE-ENDED MULTIPLEXER
logo
Integrated Device Techn...
ICS83058AGI IDT-ICS83058AGI Datasheet
286Kb / 14P
   8:1, SINGLE-ENDED MULTIPLEXER
logo
Integrated Circuit Syst...
ICS83058AGILF ICST-ICS83058AGILF Datasheet
153Kb / 12P
   8:1, SINGLE-ENDED MULTIPLEXER
logo
Integrated Device Techn...
ICS83058AGILF IDT-ICS83058AGILF Datasheet
286Kb / 14P
   8:1, SINGLE-ENDED MULTIPLEXER
logo
Integrated Circuit Syst...
ICS83058AGILFT ICST-ICS83058AGILFT Datasheet
153Kb / 12P
   8:1, SINGLE-ENDED MULTIPLEXER
More results

Similar Description - ICS830584I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
830584I IDT-830584I Datasheet
122Kb / 12P
   Low Skew, PCI-X 1-to-4 Fanout Buffer
logo
Renesas Technology Corp
830584I RENESAS-830584I Datasheet
350Kb / 13P
   Low Skew, PCI-X 1-to-4 Fanout Buffer
December 16, 2015
logo
Integrated Circuit Syst...
ICS8543 ICST-ICS8543 Datasheet
92Kb / 7P
   LOW SKEW, 1-TO-4 LVDS FANOUT BUFFER
logo
Renesas Technology Corp
ICS2304NZ-1 RENESAS-ICS2304NZ-1 Datasheet
284Kb / 12P
   LOW SKEW PCI/PCI-X BUFFER
110110
ICS9112-27 RENESAS-ICS9112-27 Datasheet
84Kb / 8P
   Low Skew PCI / PCI-X Buffer
08/12/15
logo
Integrated Device Techn...
ICS2304NZ-1 IDT-ICS2304NZ-1 Datasheet
133Kb / 11P
   LOW SKEW PCI/PCI-X BUFFER
logo
Integrated Circuit Syst...
ICS9112-27 ICST-ICS9112-27 Datasheet
230Kb / 8P
   Low Skew PCI / PCI-X Buffer
ICS2304NZ-1 ICST-ICS2304NZ-1 Datasheet
181Kb / 10P
   LOW SKEW PCI/PCI-X BUFFER
logo
Integrated Device Techn...
8304 IDT-8304 Datasheet
154Kb / 11P
   Low Skew, 1-to-4 LVCMOS/LVTTL Fanout Buffer
logo
Pericom Semiconductor C...
PI6C49X0204B-A PERICOM-PI6C49X0204B-A Datasheet
1Mb / 7P
   Low Skew, 1-TO-4 LVCMOS/LVTTL Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com