Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS1894-40 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS1894-40
Description  10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS1894-40 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS1894-40 Datasheet HTML 7Page - Integrated Device Technology ICS1894-40 Datasheet HTML 8Page - Integrated Device Technology ICS1894-40 Datasheet HTML 9Page - Integrated Device Technology ICS1894-40 Datasheet HTML 10Page - Integrated Device Technology ICS1894-40 Datasheet HTML 11Page - Integrated Device Technology ICS1894-40 Datasheet HTML 12Page - Integrated Device Technology ICS1894-40 Datasheet HTML 13Page - Integrated Device Technology ICS1894-40 Datasheet HTML 14Page - Integrated Device Technology ICS1894-40 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
ICS1894-40
10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
PHYCEIVER
IDT™ / ICS™ 10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE 11
ICS1894-40
REV C 092909
Auto-MDI/MDIX Crossover
The ICS1894-40 includes the auto-MDI/MDIX crossover
feature. In a typical CAT 5 Ethernet installation the transmit
twisted pair signal pins of the RJ45 connector are crossed
over in the CAT 5 wiring to the partners receive twisted pair
signal pins and receive twisted pair to the partners transmit
twisted pair. This is usually accomplished in the wiring plant.
Hubs generally wire the RJ45 connector crossed to
accomplish the crossover. Two types of CAT 5 cables
(straight and crossed) are available to achieve the correct
connection. The Auto-MDI/MDIX feature automatically
corrects for miss-wired installations by automatically
swapping transmit and receive signal pairs at the PHY when
no link results. Auto-MDI/MDIX is automatic, but may be
disabled for test purposes by writing MDIO register 19 Bits
9:8 in the MDIO register. The Auto-MDI/MDIX function is
independent of Auto-Negotiation and preceeds
Auto-Negotiation when enabled.
Power Management
Clock Reference Interface
The REF_IN pin provides the ICS1894-40 Clock Reference
Interface. The ICS1894-40 requires a single clock reference
with a frequency of 25 MHz ±50 parts per million. This
accuracy is necessary to meet the interface requirements of
the ISO/IEEE 8802-3 standard, specifically clauses 22.2.2.1
and 24.2.3.4. The ICS1894-40 supports two clock source
configurations: a CMOS oscillator or a CMOS driver. The
input to REF_IN is CMOS (10% to 90% VDD), not TTL.
Alternately, a 25MHz crystal may be used.


Similar Part No. - ICS1894-40

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS1894-40 IDT-ICS1894-40 Datasheet
342Kb / 53P
   10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
logo
Renesas Technology Corp
ICS1894-40 RENESAS-ICS1894-40 Datasheet
575Kb / 54P
   10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
022412
logo
Integrated Device Techn...
ICS1894-40 IDT-ICS1894-40_10 Datasheet
342Kb / 53P
   10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
ICS1894-40 IDT-ICS1894-40_11 Datasheet
341Kb / 53P
   10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
More results

Similar Description - ICS1894-40

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS1894-40 IDT-ICS1894-40_11 Datasheet
341Kb / 53P
   10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
ICS1894-40 IDT-ICS1894-40_10 Datasheet
342Kb / 53P
   10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
logo
Renesas Technology Corp
ICS1894-32 RENESAS-ICS1894-32 Datasheet
513Kb / 51P
   10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
REV M 021512
logo
Integrated Device Techn...
ICS1894-32 IDT-ICS1894-32_1 Datasheet
489Kb / 53P
   10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
ICS1894-32 IDT-ICS1894-32_10 Datasheet
317Kb / 50P
   10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
ICS1894-32 IDT-ICS1894-32 Datasheet
413Kb / 53P
   10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
logo
Renesas Technology Corp
ICS1894-33 RENESAS-ICS1894-33 Datasheet
554Kb / 39P
   10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
021612
ICS1894-40 RENESAS-ICS1894-40 Datasheet
575Kb / 54P
   10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
022412
ICS1894-43 RENESAS-ICS1894-43 Datasheet
505Kb / 39P
   10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
030112
ICS1894-34 RENESAS-ICS1894-34 Datasheet
567Kb / 49P
   10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH MII INTERFACE
REV B 052112
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com