Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8545AGI-02LF Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 8545AGI-02LF
Description  Low Skew, 1-to-4 LVCMOS/LVTTL-to-LVDS Fanout Buffer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8545AGI-02LF Datasheet(HTML) 5 Page - Integrated Device Technology

  8545AGI-02LF Datasheet HTML 1Page - Integrated Device Technology 8545AGI-02LF Datasheet HTML 2Page - Integrated Device Technology 8545AGI-02LF Datasheet HTML 3Page - Integrated Device Technology 8545AGI-02LF Datasheet HTML 4Page - Integrated Device Technology 8545AGI-02LF Datasheet HTML 5Page - Integrated Device Technology 8545AGI-02LF Datasheet HTML 6Page - Integrated Device Technology 8545AGI-02LF Datasheet HTML 7Page - Integrated Device Technology 8545AGI-02LF Datasheet HTML 8Page - Integrated Device Technology 8545AGI-02LF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
ICS8545AGI-02 REVISION A JULY 29, 2009
5
©2009 Integrated Device Technology, Inc.
ICS8545I-02 Data Sheet
LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
AC Electrical Characteristics
Table 5. AC Characteristics, VDD = 3.3V ± 5%, TA = -40°C to 85°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device is
mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal equilibrium
has been reached under these conditions.
All parameters measured at fMAX unless noted otherwise.
NOTE 1: Measured from VDD/2 of the input to the differential output crossing point.
NOTE 2: Defined as skew between outputs at the same supply voltage and with equal load conditions.
NOTE 3: Defined as skew between outputs on different devices operating at the same supply voltages and with equal load conditions. Using
the same type of inputs on each device, the outputs are measured at the differential cross points.
NOTE 4: This parameter is defined in accordance with JEDEC Standard 65.
NOTE 5: Measured using 50% duty cycle.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fMAX
Output Frequency
350
MHz
tPD
Propagation Delay; NOTE 1
1.0
1.45
ns
tjit
Buffer Additive Phase Jitter, RMS;
refer to Additive Phase Jitter Section
155.52MHz, Integration Range:
12kHz – 20MHz
0.14
ps
tsk(o)
Output Skew; NOTE 2, 4
60
ps
tsk(pp)
Part-to-Part Skew; NOTE 3, 4
450
ps
tR / tF
Output Rise/Fall Time
20% to 80%
150
700
ps
odc
Output Duty Cycle; NOTE 5
ƒ
≤ 166MHz
45
55
%
ƒ> 166MHz
40
60
%


Similar Part No. - 8545AGI-02LF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8545AGI-02LF IDT-8545AGI-02LF Datasheet
192Kb / 13P
   Low Skew, 1-to-4 LVCMOS/LVTTL-to-LVDS Fanout Buffer
logo
Renesas Technology Corp
8545AGI-02LF RENESAS-8545AGI-02LF Datasheet
390Kb / 14P
   Low Skew, 1-to-4 LVCMOS/LVTTL-to-LVDS Fanout Buffer
REVISION A 5/7/15
logo
Integrated Device Techn...
8545AGI-02LFT IDT-8545AGI-02LFT Datasheet
192Kb / 13P
   Low Skew, 1-to-4 LVCMOS/LVTTL-to-LVDS Fanout Buffer
logo
Renesas Technology Corp
8545AGI-02LFT RENESAS-8545AGI-02LFT Datasheet
390Kb / 14P
   Low Skew, 1-to-4 LVCMOS/LVTTL-to-LVDS Fanout Buffer
REVISION A 5/7/15
More results

Similar Description - 8545AGI-02LF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8545-02 IDT-ICS8545-02 Datasheet
704Kb / 13P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
logo
Renesas Technology Corp
854105I RENESAS-854105I Datasheet
474Kb / 14P
   Low Skew, 1-to-4, LVCMOS/ LVTTL-to-LVDS Fanout Buffer
February 23, 2016
logo
Integrated Device Techn...
8545-02 IDT-8545-02_12 Datasheet
240Kb / 13P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
8545 IDT-8545 Datasheet
228Kb / 15P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
logo
Renesas Technology Corp
8545I-02 RENESAS-8545I-02 Datasheet
390Kb / 14P
   Low Skew, 1-to-4 LVCMOS/LVTTL-to-LVDS Fanout Buffer
REVISION A 5/7/15
logo
Integrated Device Techn...
ICS8545I IDT-ICS8545I Datasheet
715Kb / 15P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
logo
Renesas Technology Corp
854105 RENESAS-854105 Datasheet
407Kb / 14P
   Low Skew, 1-to-4, LVCMOS/LVTTL-to-LVDS Fanout Buffer
7/10/15
8545-01 RENESAS-8545-01 Datasheet
413Kb / 14P
   Low Skew, 1-to-4 LVCMOS/LVTTL-to-LVDS Fanout Buffer
Rev A 7/10/15
8545-02 RENESAS-8545-02 Datasheet
402Kb / 14P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
REV. A 5/7/15
logo
Integrated Device Techn...
8545I-02 IDT-8545I-02 Datasheet
192Kb / 13P
   Low Skew, 1-to-4 LVCMOS/LVTTL-to-LVDS Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com