Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS854S013BGLF Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS854S013BGLF
Description  LOW SKEW, DUAL, 1-TO-3 DIFFERENTIAL-TO-LVDS FANOUT BUFFER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS854S013BGLF Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS854S013BGLF Datasheet HTML 1Page - Integrated Device Technology ICS854S013BGLF Datasheet HTML 2Page - Integrated Device Technology ICS854S013BGLF Datasheet HTML 3Page - Integrated Device Technology ICS854S013BGLF Datasheet HTML 4Page - Integrated Device Technology ICS854S013BGLF Datasheet HTML 5Page - Integrated Device Technology ICS854S013BGLF Datasheet HTML 6Page - Integrated Device Technology ICS854S013BGLF Datasheet HTML 7Page - Integrated Device Technology ICS854S013BGLF Datasheet HTML 8Page - Integrated Device Technology ICS854S013BGLF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
ICS854S013
LOW SKEW, DUAL, 1-TO-3 DIFFERENTIAL-TO-LVDS FANOUT BUFFER
PRELIMINARY
IDT™ / ICS™ LVDS FANOUT BUFFER
2
ICS854S013BG REV. A FEBRUARY 26, 2008
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Table 3. Clock Input Function Table
NOTE 1: Please refer to the Application Information Section, Wiring the Differential Input to Accept Single-ended Levels.
Number
Name
Type
Description
1, 2
nQA0, QA0
Output
Differential output pair. LVDS interface levels.
3, 8, 16
VDD
Power
Power supply pins.
4
PCLKA
Input
Pulldown
Non-inverting differential clock input.
5
nPCLKA
Input
Pullup
Inverting differential clock input. VDD/2 default when left floating.
6
PCLKB
Input
Pulldown
Non-inverting differential clock input.
7
nPCLKB
Input
Pullup
Inverting differential clock input. VDD/2 default when left floating.
9, 10
nQB0, QB0
Output
Differential output pair. LVDS interface levels.
11
GND
Power
Power supply ground.
12, 13
nQB1, QB1
Output
Differential output pair. LVDS interface levels.
14, 15
nQB2, QB2
Output
Differential output pair. LVDS interface levels.
17, 18
nQA2, QA2
Output
Differential output pair. LVDS interface levels.
19, 20
nQA1, QA1
Output
Differential output pair. LVDS interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4
pF
RPULLUP
Input Pullup Resistor
51
k
RPULLDOWN Input Pulldown Resistor
51
k
Inputs
Outputs
Input to Output Mode
Polarity
PCLKA, PCLKB
nPCLKA, nPCLKB
QA[0:2], QB[0:2]
nQA[0:2], nQB[0:2]
0
1
LOW
HIGH
Differential to Differential
Non-Inverting
1
0
HIGH
LOW
Differential to Differential
Non-Inverting
0
Biased; NOTE 1
LOW
HIGH
Single-ended to Differential
Non-Inverting
1
Biased; NOTE 1
HIGH
LOW
Single-ended to Differential
Non-Inverting
Biased; NOTE 1
0
HIGH
LOW
Single-ended to Differential
Inverting
Biased; NOTE 1
1
LOW
HIGH
Single-ended to Differential
Inverting


Similar Part No. - ICS854S013BGLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS854S015I-01 IDT-ICS854S015I-01 Datasheet
940Kb / 27P
   Low Skew, 1-to-5, Differential-to-LVDS/LVPECL Fanout Buffer
logo
Renesas Technology Corp
ICS854S015I-01 RENESAS-ICS854S015I-01 Datasheet
1Mb / 28P
   Low Skew, 1-to-5, Differential-to-LVDS/LVPECL Fanout Buffer
OCTOBER 4, 2011
logo
Integrated Device Techn...
ICS854S01I IDT-ICS854S01I Datasheet
300Kb / 17P
   2:1 Differential-to-LVDS Multiplexer
More results

Similar Description - ICS854S013BGLF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS854S036 RENESAS-ICS854S036 Datasheet
1Mb / 17P
   Low Skew, Dual, Differential-to-LVDS Fanout Buffer
NOVEMBER 16, 2009
logo
Integrated Device Techn...
ICS8543-09 IDT-ICS8543-09 Datasheet
996Kb / 17P
   Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
logo
Renesas Technology Corp
854S006 RENESAS-854S006 Datasheet
1Mb / 18P
   Low Skew, 1-to-6, Differential-to-LVDS Fanout Buffer
April 11, 2017
ICS8543-09 RENESAS-ICS8543-09 Datasheet
1Mb / 18P
   Low Skew, 1-to-4, Differential-to- LVDS Fanout Buffer
2019
ICS8543I RENESAS-ICS8543I Datasheet
820Kb / 18P
   Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
2019
logo
Integrated Device Techn...
854S006 IDT-854S006 Datasheet
691Kb / 17P
   Low Skew, 1-to-6, Differential-to-LVDS Fanout Buffer
854S006I IDT-854S006I Datasheet
272Kb / 15P
   Low Skew, 1-to-6, Differential-to- LVDS Fanout Buffer
8S89832I IDT-8S89832I Datasheet
297Kb / 16P
   Low Skew, 1-to-4 Differential-to-LVDS Fanout Buffer
logo
Renesas Technology Corp
ICS854104I RENESAS-ICS854104I Datasheet
724Kb / 16P
   Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
JANUARY 30, 2014
8S89832I RENESAS-8S89832I Datasheet
631Kb / 15P
   Low Skew, 1-to-4 Differential-to-LVDS Fanout Buffer
September 22, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com