Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

843SDNAGLF Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 843SDNAGLF
Description  FEMTOCLOCK??CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

843SDNAGLF Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 843SDNAGLF Datasheet HTML 3Page - Integrated Device Technology 843SDNAGLF Datasheet HTML 4Page - Integrated Device Technology 843SDNAGLF Datasheet HTML 5Page - Integrated Device Technology 843SDNAGLF Datasheet HTML 6Page - Integrated Device Technology 843SDNAGLF Datasheet HTML 7Page - Integrated Device Technology 843SDNAGLF Datasheet HTML 8Page - Integrated Device Technology 843SDNAGLF Datasheet HTML 9Page - Integrated Device Technology 843SDNAGLF Datasheet HTML 10Page - Integrated Device Technology 843SDNAGLF Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
ICS843SDN
FEMTOCLOCK™CRYSTAL-TO-3.3V LVPECL CLOCK GENERATOR
IDT™ / ICS™ 3.3V LVPECL CLOCK GENERATOR
7
ICS843SDNAG REV. A FEBRUARY 19, 2009
LVCMOS to XTAL Interface
The XTAL_IN input can accept a single-ended LVCMOS signal
through an AC coupling capacitor. A general interface diagram is
shown in Figure 3. The XTAL_OUT pin can be left floating. The
input edge rate can be as slow as 10ns. For LVCMOS signals, it is
recommended that the amplitude be reduced from full swing to half
swing in order to prevent signal interference with the power rail and
to reduce noise. This configuration requires that the output
impedance of the driver (Ro) plus the series resistance (Rs) equals
the transmission line impedance. In addition, matched termination
at the crystal input will attenuate the signal in half. This can be
done in one of two ways. First, R1 and R2 in parallel should equal
the transmission line impedance. For most 50
Ω applications, R1
and R2 can be 100
Ω. This can also be accomplished by removing
R1 and making R2 50
Ω.
Figure 3. General Diagram for LVCMOS Driver to XTAL Input Interface
Termination for 3.3V LVPECL Outputs
The clock layout topology shown below is a typical termination for
LVPECL outputs. The two different layouts mentioned are
recommended only as guidelines.
FOUT and nFOUT are low impedance follower outputs that
generate ECL/LVPECL compatible outputs. Therefore, terminating
resistors (DC current path to ground) or current sources must be
used for functionality. These outputs are designed to drive 50
transmission lines. Matched impedance techniques should be
used to maximize operating frequency and minimize signal
distortion. Figures 4A and 4B show two different layouts which are
recommended only as guidelines. Other suitable clock layouts may
exist and it would be recommended that the board designers
simulate to guarantee compatibility across all printed circuit and
clock component process variations.
Figure 4A. 3.3V LVPECL Output Termination
Figure 4B. 3.3V LVPECL Output Termination
XTAL_IN
XTAL_OUT
Ro
Rs
Zo = Ro + Rs
50
0.1µf
R1
R2
VCC
VCC
V
CC - 2V
50
50
RTT
Z
o = 50Ω
Z
o = 50Ω
FOUT
FIN
RTT =
Z
o
1
((V
OH + VOL) / (VCC – 2)) – 2
3.3V
125
125
84
84
Z
o = 50Ω
Z
o = 50Ω
FOUT
FIN


Similar Part No. - 843SDNAGLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843S06 IDT-843S06 Datasheet
335Kb / 23P
   Low Voltage, Low Skew, 1.244GHz PLL Clock Synthesizer
logo
Renesas Technology Corp
843S06 RENESAS-843S06 Datasheet
509Kb / 24P
   Low Voltage, Low Skew, 1.244GHz PLL Clock Synthesizer
10/23/15
logo
Integrated Device Techn...
843S06FYLF IDT-843S06FYLF Datasheet
335Kb / 23P
   Low Voltage, Low Skew, 1.244GHz PLL Clock Synthesizer
logo
Renesas Technology Corp
843S06FYLF RENESAS-843S06FYLF Datasheet
509Kb / 24P
   Low Voltage, Low Skew, 1.244GHz PLL Clock Synthesizer
10/23/15
logo
Integrated Device Techn...
843S06FYLFT IDT-843S06FYLFT Datasheet
335Kb / 23P
   Low Voltage, Low Skew, 1.244GHz PLL Clock Synthesizer
More results

Similar Description - 843SDNAGLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
843021 IDT-843021 Datasheet
282Kb / 15P
   FemtoClock Crystal-to-3.3V LVPECL Clock Generator
ICS843011C IDT-ICS843011C Datasheet
247Kb / 14P
   FemtoClock Crystal-to-3.3V LVPECL Clock Generator
ICS843021I IDT-ICS843021I Datasheet
894Kb / 14P
   FemtoClock Crystal-to-3.3V LVPECL Clock Generator
logo
Renesas Technology Corp
843022 RENESAS-843022 Datasheet
402Kb / 17P
   FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
11/16/15
843251-04 RENESAS-843251-04 Datasheet
595Kb / 17P
   FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
10/26/15
ICS843011C RENESAS-ICS843011C Datasheet
354Kb / 15P
   FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
MARCH 12, 2014
843021 RENESAS-843021 Datasheet
458Kb / 16P
   FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
9/25/15
843031 RENESAS-843031 Datasheet
415Kb / 15P
   FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
11/5/15
843251I-04 RENESAS-843251I-04 Datasheet
597Kb / 18P
   FemtoClock® Crystal-to-3.3V LVPECL Clock Generator
10/29/15
logo
Integrated Device Techn...
843031I-01 IDT-843031I-01 Datasheet
203Kb / 16P
   FemtoClock Crystal-to-3.3V, 2.5V LVPECL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com