Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPP80P03P4L-04 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IPP80P03P4L-04
Description  OptiMOS-P2 Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP80P03P4L-04 Datasheet(HTML) 1 Page - Infineon Technologies AG

  IPP80P03P4L-04 Datasheet HTML 1Page - Infineon Technologies AG IPP80P03P4L-04 Datasheet HTML 2Page - Infineon Technologies AG IPP80P03P4L-04 Datasheet HTML 3Page - Infineon Technologies AG IPP80P03P4L-04 Datasheet HTML 4Page - Infineon Technologies AG IPP80P03P4L-04 Datasheet HTML 5Page - Infineon Technologies AG IPP80P03P4L-04 Datasheet HTML 6Page - Infineon Technologies AG IPP80P03P4L-04 Datasheet HTML 7Page - Infineon Technologies AG IPP80P03P4L-04 Datasheet HTML 8Page - Infineon Technologies AG IPP80P03P4L-04 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IPB80P03P4L-04
IPI80P03P4L-04, IPP80P03P4L-04
OptiMOS®-P2 Power-Transistor
Features
• P-channel - Logic Level - Enhancement mode
• AEC qualified
• MSL1 up to 260°C peak reflow
• 175°C operating temperature
• Green package (RoHS compliant)
• 100% Avalanche tested
• Intended for reverse battery protection
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol
Conditions
Unit
Continuous drain current
1)
I D
T C=25°C,
V GS=-10V
-80
A
T C=100°C,
V GS=-10V
2)
-80
Pulsed drain current
2)
I D,pulse
T C=25°C
-320
Avalanche energy, single pulse
E AS
I D=-40A
410
mJ
Avalanche current, single pulse
I AS
-
-80
A
Gate source voltage
V GS
-
+5/-16
V
Power dissipation
P tot
T C=25 °C
137
W
Operating and storage temperature
T j, T stg -
-55 ... +175
°C
IEC climatic category; DIN IEC 68-1
-
-
55/175/56
Value
V DS
-30
V
R DS(on) (SMD Version)
4.1
m
I D
-80
A
Product Summary
Type
Package
Marking
IPB80P03P4L-04
PG-TO263-3-2
4P03L04
IPI80P03P4L-04
PG-TO262-3-1
4P03L04
IPP80P03P4L-04
PG-TO220-3-1
4P03L04
PG-TO220-3-1
PG-TO262-3-1
PG-TO263-3-2
Rev. 1.0
page 1
2008-07-29


Similar Part No. - IPP80P03P4L-04

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP80P03P4L-07 INFINEON-IPP80P03P4L-07 Datasheet
174Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.0 2008-07-29
More results

Similar Description - IPP80P03P4L-04

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB180P04P4-03 INFINEON-IPB180P04P4-03 Datasheet
165Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.0 2011-04-27
IPD90P03P4-04 INFINEON-IPD90P03P4-04 Datasheet
170Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.0 2008-07-30
IPD90P03P4L-04 INFINEON-IPD90P03P4L-04 Datasheet
170Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.0 2008-07-30
IPD80P03P4L-07 INFINEON-IPD80P03P4L-07 Datasheet
170Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.0 2008-07-30
IPB70P04P4-09 INFINEON-IPB70P04P4-09 Datasheet
224Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.3 2011-02-14
IPB80P04P4L-04 INFINEON-IPB80P04P4L-04 Datasheet
316Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.0 2011-02-10
IPB45P03P4L-11 INFINEON-IPB45P03P4L-11 Datasheet
174Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.0 2008-07-29
IPD50P03P4L-11 INFINEON-IPD50P03P4L-11 Datasheet
165Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.1 2009-07-29
IPD70P04P4L-08 INFINEON-IPD70P04P4L-08 Datasheet
156Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.0 2011-03-14
IPD85P04P4L-06 INFINEON-IPD85P04P4L-06 Datasheet
156Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.0 2011-04-18
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com