Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IKCS12F60F2A Datasheet(PDF) 15 Page - Infineon Technologies AG

Part # IKCS12F60F2A
Description  Control integrated Power System
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKCS12F60F2A Datasheet(HTML) 15 Page - Infineon Technologies AG

Back Button IKCS12F60F2A Datasheet HTML 10Page - Infineon Technologies AG IKCS12F60F2A Datasheet HTML 11Page - Infineon Technologies AG IKCS12F60F2A Datasheet HTML 12Page - Infineon Technologies AG IKCS12F60F2A Datasheet HTML 13Page - Infineon Technologies AG IKCS12F60F2A Datasheet HTML 14Page - Infineon Technologies AG IKCS12F60F2A Datasheet HTML 15Page - Infineon Technologies AG IKCS12F60F2A Datasheet HTML 16Page - Infineon Technologies AG IKCS12F60F2A Datasheet HTML 17Page - Infineon Technologies AG IKCS12F60F2A Datasheet HTML 18Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
CIPOS™ IKCS12F60F2A
IKCS12F60F2C
Data Sheet
15/18
Rev. 2, March 2009
Test Circuits and Parameter Definition
Figure A: Dynamic test circuit
Leakage inductance Lσ =180nH
Stray capacitance Cσ =39pF
=
Erec
t
F
D
dt
i
v
Erec
0
Figure B: Definition of diodes switching characteristics
Figure C: Definition of ITIRP propagation delay
LIN1,2,3
HIN1,2,3
0.9V
2.1V
iCU, iCV, iCW
90%
10%
vCEU, vCEV, vCEW
2%
90%
td(off)
tf
td(on)
tr
tEon
10%
tEoff
2%
=
Eoff
t
Cx
CEx
dt
i
v
Eoff
0
=
Eon
t
Cx
CEx
dt
i
v
Eon
0
10%
Figure D: Switching times definition and switching energy definition


Similar Part No. - IKCS12F60F2A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKCS12F60AA INFINEON-IKCS12F60AA Datasheet
508Kb / 19P
   Control integrated Power System
Rev. 2.2, Nov. 2008
IKCS12F60AC INFINEON-IKCS12F60AC Datasheet
508Kb / 19P
   Control integrated Power System
Rev. 2.2, Nov. 2008
IKCS12F60B2A INFINEON-IKCS12F60B2A Datasheet
465Kb / 18P
   Control integrated Power System
Rev. 2.2, March 2009
IKCS12F60B2C INFINEON-IKCS12F60B2C Datasheet
465Kb / 18P
   Control integrated Power System
Rev. 2.2, March 2009
IKCS12F60EA INFINEON-IKCS12F60EA Datasheet
435Kb / 17P
   Control integrated Power System
Rev. 0.2, Aug. 2009
More results

Similar Description - IKCS12F60F2A

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKCS08F60F2A INFINEON-IKCS08F60F2A Datasheet
548Kb / 18P
   Control integrated Power System
2009-04 Rev.2
IKCS12F60EA INFINEON-IKCS12F60EA Datasheet
435Kb / 17P
   Control integrated Power System
Rev. 0.2, Aug. 2009
IKCS17F60B2A INFINEON-IKCS17F60B2A Datasheet
466Kb / 18P
   Control integrated Power System
Rev. 2.2, March 2009
IKCS22F60B2A INFINEON-IKCS22F60B2A Datasheet
458Kb / 18P
   Control integrated Power System
Rev. 2.3, July 2009
IGCM04B60GA INFINEON-IGCM04B60GA_15 Datasheet
996Kb / 16P
   Control Integrated Power System
Ver. 1.0, 2014-06-01
IKCM15L60GA INFINEON-IKCM15L60GA_15 Datasheet
1Mb / 16P
   Control Integrated POwer System
Ver. 1.2, 2014-06-01
IKCM15L60GD INFINEON-IKCM15L60GD_15 Datasheet
916Kb / 16P
   Control Integrated POwer System
Ver. 1.0, 2015-07-01
IKCM30F60GD INFINEON-IKCM30F60GD_16 Datasheet
1Mb / 17P
   Control Integrated POwer System
Revision 2.3 2016-08-01
IKCM20L60HA INFINEON-IKCM20L60HA_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.2 2016-08-01
IGCM04G60HA INFINEON-IGCM04G60HA_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.3 2016-08-01
IKCM15F60HA INFINEON-IKCM15F60HA_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.4 2016-08-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com