Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IKCS08F60B2C Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # IKCS08F60B2C
Description  Control integrated Power System
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKCS08F60B2C Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button IKCS08F60B2C Datasheet HTML 6Page - Infineon Technologies AG IKCS08F60B2C Datasheet HTML 7Page - Infineon Technologies AG IKCS08F60B2C Datasheet HTML 8Page - Infineon Technologies AG IKCS08F60B2C Datasheet HTML 9Page - Infineon Technologies AG IKCS08F60B2C Datasheet HTML 10Page - Infineon Technologies AG IKCS08F60B2C Datasheet HTML 11Page - Infineon Technologies AG IKCS08F60B2C Datasheet HTML 12Page - Infineon Technologies AG IKCS08F60B2C Datasheet HTML 13Page - Infineon Technologies AG IKCS08F60B2C Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
CIPOS™ IKCS08F60B2A
IKCS08F60B2C
Data Sheet
10/19
Rev. 2, March 2009
Static Characteristics
(Tc = 25°C, VDD = 15V, if not stated otherwise)
Value
Description
Condition
Symbol
min
typ
max
Unit
Collector-Emitter breakdown voltage VIN = 5V, IC = 0.25mA
V(BR)CES
600
V
Collector-Emitter saturation voltage
VDD = 15V, Iout = +/- 4A
TvJ = 25°C
TvJ = 150°C
VCE(sat)
-
-
1.6
1.8
2.1
V
Diode forward voltage
VIN = 5V, Iout = +/- 4A
TvJ = 25°C
TvJ = 150°C
VF
-
-
1.75
1.7
2.05
V
Zero gate voltage collector current
of IGBT
VCE = 600V, VIN = 5V
TvJ = 25°C
TvJ = 150°C
ICES
-
-
-
-
40
1000
µA
Short circuit collector current
1
VDD = 15V, tSC ≤ 5µs
VCC =400V, TvJ =150°C
IC(SC)
2
-
21
-
A
Logic "0" input voltage (LIN,HIN)
VIH
1.7
2.1
2.4
V
Logic "1" input voltage (LIN,HIN)
VIL
0.7
0.9
1.1
V
ITRIP positive going threshold
VIT,TH+
360
460
540
mV
ITRIP input hysteresis
VIT,HYS
45
75
-
mV
VDD and VBS supply undervoltage
positive going threshold
VDDUV+
VBSUV+
2
11.0
12.1
12.8
V
VDD and VBS supply undervoltage
negative going threshold
VDDUV-
VBSUV-
2
9.5
10.4
11.0
V
VCC and VBS supply undervoltage
lockout hysteresis
VDDUVH
VBSUVH
2
1.2
1.7
-
V
Input clamp voltage (/HIN, /LIN)
IIN = 4mA
VINCLAMP
-
10.4
13
V
Input clamp voltage (ITRIP)
IIN = 4mA
VINCLAMP2
-
10.6
13
V
Quiescent VBx supply current (VBx
only)
VHIN = low
IQB
-
300
550
µA
Quiescent VDD supply current
(VDD only)
VIN = float
IQDD
-
2.4
3.4
mA
Input bias current
VIN = 5V
IIN+
-
55
100
µA
Input bias current
VIN = 0V
IIN-
-
220
400
µA
ITRIP Input bias current
VITRIP = 5V
IITRIP+
-
75
120
µA
Leakage current of high side
Tj,IC = 125°C
ILVS
2
-
30
-
µA
FAULT low on resistance of the pull
down transistors
VFLT = 0.5V, VITRIP = 1V
Ron,FLT
-
56
-
Ω
1 Allowed number of short circuits: <1000; time between short circuits: >1s.
2 Test is not subject of product test, verified by characterisation


Similar Part No. - IKCS08F60B2C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKCS08F60F2A INFINEON-IKCS08F60F2A Datasheet
548Kb / 18P
   Control integrated Power System
2009-04 Rev.2
IKCS08F60F2C INFINEON-IKCS08F60F2C Datasheet
548Kb / 18P
   Control integrated Power System
2009-04 Rev.2
More results

Similar Description - IKCS08F60B2C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKCS08F60F2A INFINEON-IKCS08F60F2A Datasheet
548Kb / 18P
   Control integrated Power System
2009-04 Rev.2
IKCS12F60EA INFINEON-IKCS12F60EA Datasheet
435Kb / 17P
   Control integrated Power System
Rev. 0.2, Aug. 2009
IKCS17F60B2A INFINEON-IKCS17F60B2A Datasheet
466Kb / 18P
   Control integrated Power System
Rev. 2.2, March 2009
IKCS22F60B2A INFINEON-IKCS22F60B2A Datasheet
458Kb / 18P
   Control integrated Power System
Rev. 2.3, July 2009
IGCM04B60GA INFINEON-IGCM04B60GA_15 Datasheet
996Kb / 16P
   Control Integrated Power System
Ver. 1.0, 2014-06-01
IKCM15L60GA INFINEON-IKCM15L60GA_15 Datasheet
1Mb / 16P
   Control Integrated POwer System
Ver. 1.2, 2014-06-01
IKCM15L60GD INFINEON-IKCM15L60GD_15 Datasheet
916Kb / 16P
   Control Integrated POwer System
Ver. 1.0, 2015-07-01
IKCM30F60GD INFINEON-IKCM30F60GD_16 Datasheet
1Mb / 17P
   Control Integrated POwer System
Revision 2.3 2016-08-01
IKCM20L60HA INFINEON-IKCM20L60HA_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.2 2016-08-01
IGCM04G60HA INFINEON-IGCM04G60HA_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.3 2016-08-01
IKCM15F60HA INFINEON-IKCM15F60HA_16 Datasheet
1Mb / 16P
   Control Integrated POwer System
Revision 2.4 2016-08-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com