Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYG2110 Datasheet(PDF) 2 Page - Clare, Inc.

Part # CYG2110
Description  CYBERGATE??DAA Module (France)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CYG2110 Datasheet(HTML) 2 Page - Clare, Inc.

  CYG2110 Datasheet HTML 1Page - Clare, Inc. CYG2110 Datasheet HTML 2Page - Clare, Inc. CYG2110 Datasheet HTML 3Page - Clare, Inc. CYG2110 Datasheet HTML 4Page - Clare, Inc. CYG2110 Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.clare.com
2
CYG2110
R01
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Absolute Maximum Ratings (@ 25˚C)
Parameter
Ratings
Units
Tip/Ring Load Current (continuous)
120
mA
Hook Switch LED Drive Current
50
mA
Hook Switch LED Reverse Voltage
5
V
Ring Detect Phototransistor Voltage V
CEO
20
V
Isolation Voltage, Input to Output
1500
V
rms
Relative Humidity (non-condensing)
10 to 85
%
Operational Temperature
0 to +70
°C
Storage Temperature
0 to +100
°C
Parameter
Conditions
Min
Typ
Max
Units
On-Hook Impedance
100V
DC Across Pins 11, 10 (T, R)
10
-
-
M
Ω
On-Hook Line Leakage Current
100V
DC Across Pins 11, 10 (T, R)
-
-
10
μA
Hook Switch Resistance
OH = GND, V
CC = +5VDC
--
35
Ω
Off-Hook Supply Current
OH = GND, V
CC = +5VDC
78
9
mA
Hook Switch Power Source, Pin 5 1
-
4.75
5
12
V
DC Loop Current
OH = GND, V
CC = +5VDC
5
-
120
mA
1 For V
CC > +12V, select an external resistor (R) such that ((VCC - 1.4) / R) < 50mA
DC Electrical Characteristics
Ring Detection Circuit Characteristics, OH = V
CC
Parameter
Conditions
Min
Typ
Max
Units
Return Loss
OH = GND, 300Hz to 3500Hz (600
Ω)14
25
-
dB
Insertion Loss
Transmit
OH = GND, 300Hz to 3500Hz (600
Ω)
--
7
dB
Receive
--
7
Frequency Response
OH = GND, 300Hz to 3500Hz
-0.25
-
+0.25
dB
Longitudinal Balance
On-Hook
OH = V
CC
60
-
--
dB
Off-Hook
OH = GND
40
-
-
Total Harmonic Distortion
OH = GND, -10dBm, f = 350Hz
-
-
0.01
%
Secondary Load Impedance
Line 1 & Line 2
-
100
-
Ω
Primary Source Impedance
Tip & Ring
-
600
-
Ω
AC Signal Path Electrical Characteristics
Parameter
Conditions
Min
Typ
Max
Units
Ringing Voltage Detection Range
-
29
-
150
V
rms
Ringing Frequency Detection Range
-
15
-
70
Hz
Ringing Impedance
f = 25Hz
-
18
-
k
Ω
RING (Pin 9) Output Voltage (Pulsed)
Logic '0' (Ring Present)
-
-
-
0.8
V
Logic '1' (Ring Not Present)
-
-
V
CC


Similar Part No. - CYG2110

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CYG2110 CLARE-CYG2110 Datasheet
36Kb / 4P
   CYBERGATE
logo
IXYS Corporation
CYG2110 IXYS-CYG2110 Datasheet
490Kb / 4P
   Cybergate DAA
More results

Similar Description - CYG2110

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CYG2100 CLARE-CYG2100_1 Datasheet
105Kb / 5P
   CYBERGATE??DAA Module
CYG2120 CLARE-CYG2120 Datasheet
104Kb / 5P
   CYBERGATE??DAA Module (Spain)
logo
IXYS Corporation
CYG2110 IXYS-CYG2110 Datasheet
490Kb / 4P
   Cybergate DAA
CYG2217 IXYS-CYG2217 Datasheet
124Kb / 4P
   Cybergate DAA
CYG2320 IXYS-CYG2320 Datasheet
136Kb / 5P
   Cybergate DAA
CYG2111 IXYS-CYG2111 Datasheet
138Kb / 5P
   Cybergate DAA
logo
Clare, Inc.
CYG20XX CLARE-CYG20XX Datasheet
71Kb / 6P
   Cybergate
CYG23XX CLARE-CYG23XX Datasheet
93Kb / 5P
   CYBERGATE
CYG2218 CLARE-CYG2218 Datasheet
102Kb / 4P
   CYBERGATE?
CYG2911 CLARE-CYG2911 Datasheet
47Kb / 4P
   Cybergate
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com