Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPC7508 Datasheet(PDF) 3 Page - Clare, Inc.

Part # CPC7508
Description  Line Card Access Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC7508 Datasheet(HTML) 3 Page - Clare, Inc.

  CPC7508 Datasheet HTML 1Page - Clare, Inc. CPC7508 Datasheet HTML 2Page - Clare, Inc. CPC7508 Datasheet HTML 3Page - Clare, Inc. CPC7508 Datasheet HTML 4Page - Clare, Inc. CPC7508 Datasheet HTML 5Page - Clare, Inc. CPC7508 Datasheet HTML 6Page - Clare, Inc. CPC7508 Datasheet HTML 7Page - Clare, Inc. CPC7508 Datasheet HTML 8Page - Clare, Inc. CPC7508 Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CPC7508
R04
www.clare.com
3
1. Specifications
1.1 Package Pinout
1.2 Pin Description
1.3 Absolute Maximum Ratings
Absolute maximum electrical ratings are at 25
°C.
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
1.4 ESD Rating
1.5 General Conditions
Unless otherwise specified, minimum and maximum
values are guaranteed by production testing
requirements.
Typical values are characteristic of the device at 25
° C
and are the result of engineering evaluations. They are
provided for information purposes only and are not
part of the testing requirements.
Specifications cover the operating temperature range
TA = -40° C to +85° C. Also, unless otherwise specified
all testing is performed with VDD = 12.5 Vdc, logic low
input voltage is 0 Vdc and logic high voltage is 3.3 Vdc.
CPC7508
1
16
2
15
3
14
4
13
5
12
6
11
7
10
8
9
GND
V
DD
T
SD
N/C
T
BAT
T
LINE
T
TEST_OUT
T
TEST_IN
IN
A
IN
B
IN
C
LATCH
R
BAT
R
LINE
R
TEST_OUT
R
TEST_IN
Pin
Name
Description
1
VDD
+12.5VDC supply
2
GND
Ground
3
TSD
I/O, All Off control, Thermal shutdown flag
4
N/C
No Connect - Do not use
5
TBAT
Tip lead to the SLIC
6
TLINE
Tip lead of the line side
7
TTEST_OUT Tip lead of the Test Out (Drop Test) bus
8
TTEST_IN Tip lead of the Test In (Channel Test) bus
9
RTEST_IN Ring lead of the Test In (Channel Test) bus
10
RTEST_OUT Ring lead of the Test Out (Drop Test) bus
11
RLINE
Ring lead of the line side
12
RBAT
Ring lead to the SLIC
13
LATCH
Input, Data latch enable
14
INC
Input, Logic control
15
INB
Input, Logic control
16
INA
Input, Logic control
Parameter
Minimum Maximum
Unit
+12 V power supply (VDD)
-0.3
15
V
Logic input voltage
-0.3
6
V
Logic input to switch output
isolation
-225
V
Switch open-contact to
ground isolation
-225
V
Switch open, contact to
contact isolation
-320
V
Operating relative humidity
5
95
%
Operating temperature
-40
+110
°C
Storage temperature
-40
+150
°C
ESD Rating (Human Body Model)
1000 V


Similar Part No. - CPC7508

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC7512 IXYS-CPC7512 Datasheet
299Kb / 18P
   Dual 1-Form-A Shunt-Isolated High-Voltage High-Frequency Analog Switch
CPC7512Z IXYS-CPC7512Z Datasheet
299Kb / 18P
   Dual 1-Form-A Shunt-Isolated High-Voltage High-Frequency Analog Switch
CPC7512ZTR IXYS-CPC7512ZTR Datasheet
299Kb / 18P
   Dual 1-Form-A Shunt-Isolated High-Voltage High-Frequency Analog Switch
CPC7514 IXYS-CPC7514 Datasheet
297Kb / 15P
   Quad High Voltage Isolated Analog Switch Array
CPC7514Z IXYS-CPC7514Z Datasheet
297Kb / 15P
   Quad High Voltage Isolated Analog Switch Array
More results

Similar Description - CPC7508

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7581 CLARE-CPC7581 Datasheet
122Kb / 12P
   Line Card Access Switch
CPC7582 CLARE-CPC7582_1 Datasheet
572Kb / 19P
   Line Card Access Switch
logo
IXYS Corporation
CPC7593 IXYS-CPC7593 Datasheet
321Kb / 24P
   Line Card Access Switch
logo
Clare, Inc.
CPC7691 CLARE-CPC7691 Datasheet
481Kb / 17P
   Line Card Access Switch
CPC75282 CLARE-CPC75282 Datasheet
672Kb / 19P
   Line Card Access Switch
CPC7591 CLARE-CPC7591 Datasheet
556Kb / 19P
   Line Card Access Switch
logo
IXYS Corporation
CPC7581 IXYS-CPC7581_12 Datasheet
1,017Kb / 15P
   Line Card Access Switch
logo
Clare, Inc.
CPC7582 CLARE-CPC7582 Datasheet
147Kb / 12P
   Line Card Access Switch
CPC7595 CLARE-CPC7595_1 Datasheet
664Kb / 24P
   Line Card Access Switch
CPC7595 CLARE-CPC7595 Datasheet
562Kb / 25P
   Line Card Access Switch
CPC7581 CLARE-CPC7581_1 Datasheet
532Kb / 17P
   Line Card Access Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com