Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPC5710N Datasheet(PDF) 6 Page - Clare, Inc.

Part # CPC5710N
Description  Phone Line Monitor (PLM) IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5710N Datasheet(HTML) 6 Page - Clare, Inc.

Back Button CPC5710N Datasheet HTML 2Page - Clare, Inc. CPC5710N Datasheet HTML 3Page - Clare, Inc. CPC5710N Datasheet HTML 4Page - Clare, Inc. CPC5710N Datasheet HTML 5Page - Clare, Inc. CPC5710N Datasheet HTML 6Page - Clare, Inc. CPC5710N Datasheet HTML 7Page - Clare, Inc. CPC5710N Datasheet HTML 8Page - Clare, Inc. CPC5710N Datasheet HTML 9Page - Clare, Inc. CPC5710N Datasheet HTML 10Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CPC5710N
6
www.clare.com
R02
With the application circuit in Figure 6., the series
capacitors serve to reduce the magnitude of the
high-amplitude, low-frequency ringing signals, while
making the ringing detection threshold of the
CPC5710N variable with the frequency of the ringing
signal. With the circuit as given, CMPOUT will change
states with a 15Hz ringing signal at approximately
48VPEAK. For a 68Hz ringing signal, CMPOUT will
change states with a ringing signal amplitude of
approximately 11.5VPEAK.
In applications where CPC5710N will be used only as
a ringing level detector, or if significant attenuation of
the amplified signal can be tolerated, the frequency
variability of the ringing detection threshold can be
reduced by increasing the value of the resistors and
capacitors in series with the input.
Clare Application Note AN-117 Customize Caller ID Gain
and Ringing Detect Voltage Threshold is a spreadsheet for
trying different component values in this circuit for
LITELINK snoop circuit applications.
2.4 Power Quality
CPC5710N works best with a clean power supply. To
clean up power supply noise, Clare, Inc., recommends
using a pi network on the VDD pin as shown in
Figure 4., if needed.
Figure 4. Optional Power Supply pi Network
Note: For lower-frequency noise, use a 220
µH
inductor in series with R100.
3.3 or 5 V
R100
10
To V
Pin 1
DD
A
A
C101
10
FB100
600
200 mA
C100
1


Similar Part No. - CPC5710N

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5710N CLARE-CPC5710N Datasheet
304Kb / 9P
   Phone Line Monitor (PLM) IC
logo
IXYS Corporation
CPC5710N IXYS-CPC5710N Datasheet
236Kb / 10P
   Excellent common-mode rejection ratio (CMRR)
logo
Clare, Inc.
CPC5710NTR CLARE-CPC5710NTR Datasheet
304Kb / 9P
   Phone Line Monitor (PLM) IC
logo
IXYS Corporation
CPC5710NTR IXYS-CPC5710NTR Datasheet
236Kb / 10P
   Excellent common-mode rejection ratio (CMRR)
More results

Similar Description - CPC5710N

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5710N CLARE-CPC5710N Datasheet
304Kb / 9P
   Phone Line Monitor (PLM) IC
CPC5712 CLARE-CPC5712 Datasheet
388Kb / 11P
   Phone Line Monitor with Detectors (PLMD)
logo
IXYS Corporation
CPC5622 IXYS-CPC5622 Datasheet
500Kb / 18P
   Phone Line Interface IC (DAA)
logo
Clare, Inc.
CPC5622 CLARE-CPC5622 Datasheet
728Kb / 18P
   LITELINK짰 III Phone Line Interface IC (DAA)
CPC5620 CLARE-CPC5620_1 Datasheet
725Kb / 17P
   LITELINK짰 III Phone Line Interface IC (DAA)
CPC5620 CLARE-CPC5620 Datasheet
786Kb / 18P
   LITELINK III Phone Line Interface IC (DAA)
logo
Sharp Corporation
IR3N81A SHARP-IR3N81A Datasheet
358Kb / 10P
   Speaker Phone IC
logo
Superworld Electronics
W1225F-492J SUPERWORLD-W1225F-492J Datasheet
277Kb / 8P
   PHONE LINE FILTER
W6420F-701K-F10 SUPERWORLD-W6420F-701K-F10 Datasheet
205Kb / 8P
   PHONE LINE FILTER
W4420F-252M-F10 SUPERWORLD-W4420F-252M-F10 Datasheet
210Kb / 8P
   PHONE LINE FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com