Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPB180N03S4L-01 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IPB180N03S4L-01
Description  T Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB180N03S4L-01 Datasheet(HTML) 5 Page - Infineon Technologies AG

  IPB180N03S4L-01 Datasheet HTML 1Page - Infineon Technologies AG IPB180N03S4L-01 Datasheet HTML 2Page - Infineon Technologies AG IPB180N03S4L-01 Datasheet HTML 3Page - Infineon Technologies AG IPB180N03S4L-01 Datasheet HTML 4Page - Infineon Technologies AG IPB180N03S4L-01 Datasheet HTML 5Page - Infineon Technologies AG IPB180N03S4L-01 Datasheet HTML 6Page - Infineon Technologies AG IPB180N03S4L-01 Datasheet HTML 7Page - Infineon Technologies AG IPB180N03S4L-01 Datasheet HTML 8Page - Infineon Technologies AG IPB180N03S4L-01 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
IPB180N03S4L-01
5 Typ. output characteristics
6 Typ. drain-source on-state resistance
I D = f(V DS); T j = 25 °C
R DS(on) = (I D); T j = 25 °C
parameter: V GS
parameter: V GS
7 Typ. transfer characteristics
8 Typ. drain-source on-state resistance
I D = f(V GS); V DS = 6V
R DS(on) = f(T j); I D = 80 A; V GS = 10 V
parameter: T j
0.5
0.75
1
1.25
1.5
1.75
-60
-20
20
60
100
140
180
T j [°C]
-55 °C
25 °C
175 °C
0
100
200
300
400
500
12
345
V GS [V]
2.5 V
3 V
3.5 V
4 V
4.5 V
5 V
10 V
0
100
200
300
400
500
600
01
23
4
V DS [V]
3 V
3.5 V
4 V
4.5 V
5 V
10 V
0
2
4
6
8
10
12
14
0
100
200
300
400
500
600
I D [A]
Rev. 0.1
page 5
2009-11-19


Similar Part No. - IPB180N03S4L-01

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB180N03S4L-H0 INFINEON-IPB180N03S4L-H0 Datasheet
172Kb / 9P
   OptiMOS-T2 Power-Transistor
Rev. 0.1 2009-11-19
More results

Similar Description - IPB180N03S4L-01

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPG15N06S3L-45 INFINEON-IPG15N06S3L-45 Datasheet
169Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.0 2008-09-23
IPD30N06S3L-20 INFINEON-IPD30N06S3L-20 Datasheet
185Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.1 2007-11-07
IPG20N06S3L-23 INFINEON-IPG20N06S3L-23 Datasheet
168Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.0 2008-09-23
IPB70N10S3L-12 INFINEON-IPB70N10S3L-12 Datasheet
192Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.0 2008-04-21
IPB35N10S3L-26 INFINEON-IPB35N10S3L-26_12 Datasheet
177Kb / 9P
   OptiMOS??T Power-Transistor
Rev. 1.1 2011-05-17
IPP77N06S3-09 INFINEON-IPP77N06S3-09 Datasheet
156Kb / 8P
   OptiMOS짰-T Power-Transistor
Rev. 0.9 2005-09-16
IPP80N06S3L-06 INFINEON-IPP80N06S3L-06 Datasheet
154Kb / 8P
   OptiMOS짰-T Power-Transistor
Rev. 1.0 2005-09-16
IPP25N06S3L-22 INFINEON-IPP25N06S3L-22 Datasheet
156Kb / 8P
   OptiMOS짰-T Power-Transistor
Rev. 1.0 2005-09-16
IPB70N04S3-07 INFINEON-IPB70N04S3-07 Datasheet
191Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.0 2007-05-03
IPD90N04S3-04 INFINEON-IPD90N04S3-04 Datasheet
190Kb / 9P
   OptiMOS-T Power-Transistor
Rev. 1.0 2007-05-03
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com