Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPC1230N Datasheet(PDF) 3 Page - Clare, Inc.

Part # CPC1230N
Description  4 Pin SOP OptoMOS짰 Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1230N Datasheet(HTML) 3 Page - Clare, Inc.

  CPC1230N Datasheet HTML 1Page - Clare, Inc. CPC1230N Datasheet HTML 2Page - Clare, Inc. CPC1230N Datasheet HTML 3Page - Clare, Inc. CPC1230N Datasheet HTML 4Page - Clare, Inc. CPC1230N Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CPC1230N
www.clare.com
3
R07
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
CPC1230N
Typical LED Forward Voltage Drop
(T
A=25ºC, IF=5mA)
35
30
25
20
15
10
5
0
23.5
24.5
25.5
26.5
24
25
26
CPC1230N
Typical On-Resistance Distribution
(T
A=25ºC, IL=120mA, IF=2mA)
On-Resistance (
Ω)
35
30
25
20
15
10
5
0
370
380
390
400
375
385
395
Blocking Voltage (V
P)
CPC1230N
Typical Blocking Voltage Distribution
(T
A=25ºC)
25
20
15
10
5
0
0.70
0.80
0.90
0.65
0.75
0.85
0.95
LED Current (mA)
CPC1230N
Typical I
F for Switch Operation
(T
A=25ºC, IL=120mA)
0.65
0.75
0.85
0.60
0.70
0.80
0.90
LED Current (mA)
25
20
15
10
5
0
CPC1230N
Typical I
F for Switch Dropout
(T
A=25ºC, IL=120mA)
0.85
1.00
1.15
1.25
0.90
1.10
1.20
Turn-On (ms)
25
20
15
10
5
0
CPC1230N
Typical Turn-On Time
(T
A=25ºC, IL=120mA, IF=5mA)
0.21
0.23
0.25
0.27
0.26
0.24
0.22
Turn-Off (ms)
25
20
15
10
5
0
CPC1230N
Typical Turn-Off Time
(T
A=25ºC, IL=120mA, IF=5mA)
180
160
140
120
100
80
60
40
20
0
Temperature (ºC)
I
F=10mA
I
F=5mA
-40
-20
0
20
40
60
80
120
100
CPC1230N
Typical Load Current vs. Temperature
-40
0.016
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
-20
0
20
40
60
80
100
CPC1230N
Typical Leakage vs. Temperature
Measured Across Pins 3 & 4
(V
L=350V)
Temperature (ºC)
-40
400
395
390
385
380
375
370
365
-20
0
20
40
60
80
100
CPC1230N
Typical Blocking Voltage
vs. Temperature
Temperature (ºC)
-40
5.0
4.5
4.0
3.0
3.0
2.5
2.0
1.0
1.0
0.5
0
-20
0
20
40
60
80
100
Temperature (ºC)
I
F=5mA
I
F=10mA
CPC1230N
Typical Turn-On vs. Temperature
(I
L=80mA)
-40
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
-20
0
20
40
60
80
100
Temperature (ºC)
CPC1230N
Typical Turn-Off vs. Temperature
(I
L=80mA)
I
F=10mA
I
F=5mA


Similar Part No. - CPC1230N

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1230N CLARE-CPC1230N Datasheet
180Kb / 6P
   4 Pin SOP OptoMOS Relay
logo
IXYS Corporation
CPC1230N IXYS-CPC1230N Datasheet
167Kb / 6P
   350V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
logo
Clare, Inc.
CPC1230NTR CLARE-CPC1230NTR Datasheet
180Kb / 6P
   4 Pin SOP OptoMOS Relay
logo
IXYS Corporation
CPC1230NTR IXYS-CPC1230NTR Datasheet
167Kb / 6P
   350V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
More results

Similar Description - CPC1230N

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1150N CLARE-CPC1150N_1 Datasheet
112Kb / 5P
   4-Pin SOP OptoMOS짰 Relay
CPC1117N CLARE-CPC1117N_1 Datasheet
111Kb / 5P
   4-Pin SOP OptoMOS짰 Relay
CPC1035N CLARE-CPC1035N_1 Datasheet
112Kb / 5P
   4-Pin SOP OptoMOS짰 Relay
CPC1002N CLARE-CPC1002N_1 Datasheet
111Kb / 5P
   4-Pin SOP OptoMOS짰 Relay
CPC1008N CLARE-CPC1008N_1 Datasheet
127Kb / 5P
   4-Pin SOP OptoMOS짰 Relay
CPC1014N CLARE-CPC1014N Datasheet
114Kb / 5P
   4-Pin SOP OptoMOS짰 Relay
CPC1019N CLARE-CPC1019N Datasheet
114Kb / 5P
   4-Pin SOP OptoMOS짰 Relay
CPC1225N CLARE-CPC1225N Datasheet
114Kb / 5P
   4 Pin SOP OptoMOS짰 Relay
CPC1004N CLARE-CPC1004N_1 Datasheet
112Kb / 5P
   4 Pin SOP OptoMOS짰 Relay
CPC1009N CLARE-CPC1009N Datasheet
111Kb / 5P
   4-Pin SOP OptoMOS짰 Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com