Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT82V3002A Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT82V3002A
Description  WAN PLL WITH DUAL REFERENCE INPUTS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT82V3002A Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT82V3002A_08 Datasheet HTML 4Page - Integrated Device Technology IDT82V3002A_08 Datasheet HTML 5Page - Integrated Device Technology IDT82V3002A_08 Datasheet HTML 6Page - Integrated Device Technology IDT82V3002A_08 Datasheet HTML 7Page - Integrated Device Technology IDT82V3002A_08 Datasheet HTML 8Page - Integrated Device Technology IDT82V3002A_08 Datasheet HTML 9Page - Integrated Device Technology IDT82V3002A_08 Datasheet HTML 10Page - Integrated Device Technology IDT82V3002A_08 Datasheet HTML 11Page - Integrated Device Technology IDT82V3002A_08 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
PIN DESCRIPTION
8
October 15, 2008
IDT82V3002A
WAN PLL WITH DUAL REFERENCE INPUT
HOLDOVER (CMOS) O
52
Holdover Indicator.
This output goes to a logic high whenever the DPLL goes into Holdover Mode.
NORMAL
(CMOS) O
46
Normal Indicator.
This output goes to a logic high whenever the DPLL goes into Normal Mode.
FREERUN (CMOS) O
51
Freerun Indicator.
This output goes to a logic high whenever the DPLL goes into Freerun Mode.
MON_out
O
7
Monitor Reference Out Of Capture Range.
A logic high at this pin indicates that the reference is off the nominal frequency by more than ±12 ppm.
C32o
(CMOS) O
25
Clock 32.768 MHz.
This output is a 32.768 MHz clock used for ST-BUS operation.
C16o
(CMOS) O
24
Clock 16.384 MHz.
This output is a 16.384 MHz clock used for ST-BUS operation.
C8o
(CMOS) O
23
Clock 8.192 MHz.
This output is an 8.192 MHz clock used for ST-BUS operation.
C4o
(CMOS) O
20
Clock 4.096 MHz.
This output is a 4.096 MHz clock used for ST-BUS operation.
C2o
(CMOS) O
17
Clock 2.048 MHz.
This output is a 2.048 MHz clock used for ST-BUS operation.
C3o
(CMOS) O
16
Clock 3.088 MHz.
This output is a 3.088 MHz clock used for T1 applications.
C1.5o
(CMOS) O
15
Clock 1.544 MHz.
This output is a 1.544 MHz clock used for T1 applications.
C6o
(CMOS) O
14
Clock 6.312 MHz.
This output is a 6.312 MHz clock used for DS2 applications.
F32o
(CMOS) O
40
Frame Pulse ST-BUS 8.192 Mb/s.
This is an 8 kHz 31 ns active low framing pulse, which marks the beginning of an ST-BUS frame. This is typically used for
ST-BUS operation at 8.192 Mb/s.
F16o
(CMOS) O
39
Frame Pulse ST-BUS 8.192 Mb/s.
This is an 8 kHz 61 ns active low framing pulse, which marks the beginning of an ST-BUS frame. This is typically used for
ST-BUS operation at 8.192 Mb/s.
F8o
(CMOS) O
36
Frame Pulse.
This is an 8 kHz 122 ns active high framing pulse, which marks the beginning of a frame.
F0o
(CMOS) O
33
Frame Pulse ST-BUS 2.048 Mb/s.
This is an 8 kHz 244 ns active low framing pulse, which marks the beginning of an ST-BUS frame. This is typically used
for ST-BUS operation at 2.048 Mb/s and 4.096 Mb/s.
RSP
(CMOS) O
41
Receive Sync Pulse.
This is an 8 kHz 488 ns active high framing pulse, which marks the beginning of an ST-BUS frame. This is typically used
to connect to Siemens MUNICH-32 device.
TSP
(CMOS) O
42
Transmit Sync Pulse.
This is an 8 kHz 488 ns active high framing pulse, which marks the beginning of an ST-BUS frame. This is typically used
to connect to Siemens MUNICH-32 device.
TDO
(CMOS) O
29
Test Serial Data Out.
JTAG serial data is output on this pin on the falling edge of TCK. This pin is held in high impedance state if JTAG scan is
not enabled.
TDI
I
32
Test Serial Data In.
JTAG serial test instructions and data are shifted in on this pin. This pin is internally pulled up to VDDD.
Table - 1 Pin Description (Continued)
Name
Type
Pin
Number
Description


Similar Part No. - IDT82V3002A_08

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V3002APV IDT-IDT82V3002APV Datasheet
390Kb / 28P
   WAN PLL WITH DUAL REFERENCE INPUTS
More results

Similar Description - IDT82V3002A_08

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V3002A IDT-IDT82V3002A Datasheet
390Kb / 28P
   WAN PLL WITH DUAL REFERENCE INPUTS
logo
Renesas Technology Corp
IDT82V3002A RENESAS-IDT82V3002A Datasheet
1Mb / 30P
   WAN PLL WITH DUAL REFERENCE INPUTS
October 15, 2008
logo
Integrated Device Techn...
82V3012 IDT-82V3012 Datasheet
456Kb / 32P
   T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
logo
Renesas Technology Corp
IDT82V3012 RENESAS-IDT82V3012 Datasheet
633Kb / 33P
   T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
February 6, 2009
82V3155 RENESAS-82V3155 Datasheet
576Kb / 35P
   ENHANCED T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
January 11, 2017
logo
Integrated Device Techn...
82V3155 IDT-82V3155 Datasheet
397Kb / 34P
   ENHANCED T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
IDT82V3155 IDT-IDT82V3155 Datasheet
423Kb / 30P
   ENHANCED T1/E1/OC3 WAN PLL WITH DUAL REFERENCE INPUTS
82V3001 IDT-82V3001 Datasheet
375Kb / 27P
   WAN PLL WITH SINGLE REFERENCE INPUT
82V3001A IDT-82V3001A Datasheet
149Kb / 28P
   WAN PLL WITH SINGLE REFERENCE INPUT
logo
Renesas Technology Corp
IDT82V3001A RENESAS-IDT82V3001A Datasheet
316Kb / 29P
   WAN PLL WITH SINGLE REFERENCE INPUT
November 14, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com