Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2401 Datasheet(PDF) 2 Page - Clare, Inc.

Part # PS2401
Description  AC Power Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

PS2401 Datasheet(HTML) 2 Page - Clare, Inc.

  PS2401 Datasheet HTML 1Page - Clare, Inc. PS2401 Datasheet HTML 2Page - Clare, Inc. PS2401 Datasheet HTML 3Page - Clare, Inc. PS2401 Datasheet HTML 4Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.clare.com
2
PS2401
R11
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Absolute Maximum Ratings (@ 25˚C)
Parameter
Min
Max
Units
Blocking Voltage
-
500
V
P
Reverse Input Voltage
-
5
V
Input Control Current
-
100
mA
Peak (10ms)
-
1
A
Input Power Dissipation 1
-
150
mW
Total Package Dissipation 2
-
1600
mW
Isolation Voltage, Input to Output
3750
-
V
rms
Operational Temperature
-40
+85
ºC
Storage Temperature
-40
+125
ºC
1 Derate Linearly 1.33 mW / ºC
2 Derate Linearly 16.6 mW / ºC
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics @ 25°C
AC Operating Voltage
I
F=5mA
V
OP
20
-
240
V
rms
Load Current (Continuous)
V
L=120-240VAC
I
L
0.005
-
1
A
rms
Maximum Surge Current
t<16ms
I
PEAK
-
-
20
A
Off-State Leakage Current
V
L=500VDC
I
LEAK
--
1
mA
On-State Voltage Drop
I
L=1Arms
-
-
-
1.2
V
rms
Critical Rate of Rise
-
dV/dt
1000
1200
-
V/µs
Switching Speeds
Turn-On
I
F=5mA
T
ON
-
-
0.5
Cycles
Turn-Off
T
OFF
-
-
0.5
Zero-Cross Turn-On Voltage
1st half-cycle
-
-2
5
V
Subsequent half-cycle
-
-
1
V
Operating Frequency 1
-
-
20
-
500
Hz
Load Power Factor for Guaranteed Turn-On 2
-
PF
0.25
-
-
-
Capacitance Input-To-Output
-
C
I/O
-3
-
pF
Input Characteristics @ 25°C
Input Control Current
For Normal Environment
-
I
F
--
5
mA
For High Noise Environment
-
-
-
10
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Input Dropout Voltage
-
-
0.8
-
-
V
Reverse Input Current
V
R=5V
I
R
-
-
10
µA
1
Zero Cross 1st half-cycle @ < 100Hz.
2
Snubber circuits may be required at low power factors.
Electrical Characteristics


Similar Part No. - PS2401

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PS2401 CLARE-PS2401 Datasheet
85Kb / 5P
   AC Power Switch
PS2401 CLARE-PS2401 Datasheet
101Kb / 5P
   AC Power Switch
logo
IXYS Corporation
PS2401 IXYS-PS2401 Datasheet
97Kb / 5P
   Zero-Crossing Detection
logo
Powertip Technology
PS240128WRF POWERTIP-PS240128WRF Datasheet
445Kb / 27P
   Standard Value
logo
Clare, Inc.
PS2401 CLARE-PS2401_10 Datasheet
101Kb / 5P
   AC Power Switch
More results

Similar Description - PS2401

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PM1206 CLARE-PM1206_10 Datasheet
120Kb / 6P
   AC Power Switch
logo
STMicroelectronics
ACST4 STMICROELECTRONICS-ACST4_07 Datasheet
150Kb / 13P
   AC power switch
logo
Clare, Inc.
CPC1963 CLARE-CPC1963 Datasheet
110Kb / 5P
   AC Power Switch
PM1204 CLARE-PM1204_10 Datasheet
120Kb / 6P
   AC Power Switch
PS1201 CLARE-PS1201_10 Datasheet
103Kb / 5P
   AC Power Switch
PS2601 CLARE-PS2601 Datasheet
85Kb / 5P
   AC Power Switch
CPC1972 CLARE-CPC1972_11 Datasheet
127Kb / 7P
   AC Power Switch
CPC1966 CLARE-CPC1966 Datasheet
116Kb / 6P
   AC Power Switch
CPC1943 CLARE-CPC1943_10 Datasheet
125Kb / 6P
   AC Power Switch
PM1204 CLARE-PM1204 Datasheet
128Kb / 5P
   AC Power Switch
PS1201 CLARE-PS1201 Datasheet
85Kb / 5P
   AC Power Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com