Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS1201 Datasheet(PDF) 4 Page - Clare, Inc.

Part # PS1201
Description  AC Power Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

PS1201 Datasheet(HTML) 4 Page - Clare, Inc.

  PS1201 Datasheet HTML 1Page - Clare, Inc. PS1201 Datasheet HTML 2Page - Clare, Inc. PS1201 Datasheet HTML 3Page - Clare, Inc. PS1201 Datasheet HTML 4Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Clare, Inc. makes no representations or warranties with respect to the accuracy or completeness of the contents of this publication and reserves the right to make changes to specifications
and product descriptions at any time without notice. Neither circuit patent licenses nor indemnity are expressed or implied. Except as set forth in Clare’s Standard Terms and Conditions of
Sale, Clare, Inc. assumes no liability whatsoever, and disclaims any express or implied warranty, relating to its products including, but not limited to, the implied warranty of merchantability,
fitness for a particular purpose, or infringement of any intellectual property right.
The products described in this document are not designed, intended, authorized or warranted for use as components in systems intended for surgical implant into the body, or in other
applications intended to support or sustain life, or where malfunction of Clare’s product may result in direct physical harm, injury, or death to a person or severe property or environmental
damage. Clare, Inc. reserves the right to discontinue or make changes to its products at any time without notice.
Specification: DS-PS1201-R11
©Copyright 2009, Clare, Inc.
All rights reserved. Printed in USA.
8/10/09
For additional information please visit our website at: www.clare.com
4
PS1201
MECHANICAL DIMENSIONS
RoHS
2002/95/EC
e3
Pb
MANUFACTURING INFORMATION
Soldering
For proper assembly, the component must be
processed in accordance with the current revision
of IPC/JEDEC standard J-STD-020. Failure to
follow the recommended guidelines may cause
permanent damage to the device resulting in impaired
performance and/or a reduced lifetime expectancy.
Washing
Clare does not recommend ultrasonic cleaning or the
use of chlorinated solvents.
6.350 ± 0.127
(0.250 ± 0.005)
5.944 ± 0.127
(0.234 ± 0.005)
19.202 ± 0.381
(0.756 ± 0.015)
3.302 ± 0.051
(0.130 ± 0.002)
4-Lead, 8-Pin, SIP Package
Recommended PCB Hole Pattern
Dimensions
mm
(inches)
Pin 1
Pin 8
0.254 ± 0.013
(0.010 ± 0.0005)
2.642 ± 0.127
(0.104 ± 0.005)
0.457 ± 0.076
(0.018 ± 0.003)
2.540 ± 0.127
(0.100 ± 0.005)
5.08 ± 0.127
(0.200 ± 0.005)
10.160 ± 0.127
(0.400 ± 0.005)
0.711 ± 0.102
(0.028 ± 0.004)
0.800 DIA. x4
(0.031 DIA. x4)
2.540
(0.100)
Pin 1
10.160
(0.400)
5.080
(0.200)


Similar Part No. - PS1201

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PS1201 CLARE-PS1201 Datasheet
85Kb / 5P
   AC Power Switch
PS1201 CLARE-PS1201 Datasheet
103Kb / 5P
   AC Power Switch
logo
IXYS Corporation
PS1201 IXYS-PS1201 Datasheet
97Kb / 5P
   Zero-Crossing Detection
logo
Powerex Power Semicondu...
PS12012-A POWEREX-PS12012-A Datasheet
393Kb / 6P
   FLAT-BASE TYPE INSULATED TYPE
logo
Mitsubishi Electric Sem...
PS12012-A MITSUBISHI-PS12012-A Datasheet
400Kb / 6P
   Acoustic noise-less 0.2kW/AC400V Class 3 Phase inverter and other motor control applications
More results

Similar Description - PS1201

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PM1206 CLARE-PM1206_10 Datasheet
120Kb / 6P
   AC Power Switch
logo
STMicroelectronics
ACST4 STMICROELECTRONICS-ACST4_07 Datasheet
150Kb / 13P
   AC power switch
logo
Clare, Inc.
CPC1963 CLARE-CPC1963 Datasheet
110Kb / 5P
   AC Power Switch
PM1204 CLARE-PM1204_10 Datasheet
120Kb / 6P
   AC Power Switch
PS1201 CLARE-PS1201_10 Datasheet
103Kb / 5P
   AC Power Switch
PS2601 CLARE-PS2601 Datasheet
85Kb / 5P
   AC Power Switch
CPC1972 CLARE-CPC1972_11 Datasheet
127Kb / 7P
   AC Power Switch
CPC1966 CLARE-CPC1966 Datasheet
116Kb / 6P
   AC Power Switch
CPC1943 CLARE-CPC1943_10 Datasheet
125Kb / 6P
   AC Power Switch
PM1204 CLARE-PM1204 Datasheet
128Kb / 5P
   AC Power Switch
PS1201 CLARE-PS1201 Datasheet
85Kb / 5P
   AC Power Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com