Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

60H3A2H Datasheet(PDF) 1 Page - Wing Shing Computer Components

Part # 60H3A2H
Description  Ni-Mn BUTTON CELLS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

60H3A2H Datasheet(HTML) 1 Page - Wing Shing Computer Components

  60H3A2H Datasheet HTML 1Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Trickle Charge Current
TYPICAL DISCHARGE CURVE (16mA)
DISCHARGE CURVE AT VARIOUS TEMPERATURES(16mA)
TYPICAL CHARGE CURVE (8mA)
TYPICAL CHARGE CURVE AT VARIOUS CURRENTS
3.6V
4.8
3.6
3.9
0
4.5
4.2
20
40
4.2
3.6
3.9
02
4
60H3A2H
4.5
4.8
4.2
140
100
Capacity input(%)
60
80
120
2.4m
A
16mA
8mA
3.8
3.0
3.4
01
14
68
Time:
H
12
10
70mAh
3.0
3.4
01
4.2
3.8
2-3mA
Voltage
Model
Capacity
Recommended
SELF DISCHARGE RATE AT VARIOUS TEMPERATURES
60
100
6
20
0
2
-20
35
Time:
H
4
45
0
20
2
40
60
80
5
23
Time:
H
4
7mA
60
20
0
0
40
100
120
100
14-16h
80
Time:
Months
12
-20
40
46
8
10
20
Number of cycles
600
200
300
400
500
CYCLE LIFE CURVE
14mA
10.2g
Discharge Current
Nominal
Charge Current
Normal
Charging Time
Weight
Nominal
15.2\S+0.1^ -0.1;
3.5
1.5
Wing Shing Computer Components Co., (H.K)Ltd.
TeL:(852)2341 9276 Fax:(852)2797 8153
.
Homepage: http:/ /www.wingshing.com
e_mail:wsccltd@hkstar.com
60H3A2H
Ni-Mn BUTTON CELLS


Similar Part No. - 60H3A2H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
60H3LL- STMICROELECTRONICS-60H3LL- Datasheet
283Kb / 12P
   N-channel 30V - 0.004ohm - 15A - PowerSO-8 STripFET Power MOSFET for DC-DC conversion
More results

Similar Description - 60H3A2H

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
30H3A2H WINGS-30H3A2H Datasheet
35Kb / 1P
   Ni-Mn BUTTON CELLS
30H2A2HD WINGS-30H2A2HD Datasheet
111Kb / 1P
   Ni-Mn BUTTON CELLS
60K3A2H WINGS-60K3A2H Datasheet
115Kb / 1P
   Ni-Cd BUTTON CELLS
120H3A2H WINGS-120H3A2H Datasheet
336Kb / 1P
   Ni-MnBUTTON CELLS
logo
List of Unclassifed Man...
N-650SC ETC2-N-650SC Datasheet
36Kb / 1P
   NI-CAD SINGLE CELLS
RA2505 ETC-RA2505 Datasheet
29Kb / 2P
   Silicon Rectifier Button-Cells
V110HT ETC2-V110HT Datasheet
88Kb / 1P
   Rechargeable Ni-MH Button
CP300H ETC2-CP300H Datasheet
90Kb / 1P
   Rechargeable Ni-MH Button
V65HT ETC2-V65HT Datasheet
90Kb / 1P
   Rechargeable Ni-MH Button
logo
Eaton All Rights Reserv...
M0810-2R5105-R EATON-M0810-2R5105-R Datasheet
347Kb / 3P
   Cylindrical cells
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com