Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF-9070 Datasheet(PDF) 2 Page - Harris Corporation

Part # RF-9070
Description  VHF/UHF BICONICAL HIGH-POWER ANTENNA
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

RF-9070 Datasheet(HTML) 2 Page - Harris Corporation

  RF-9070 Datasheet HTML 1Page - Harris Corporation RF-9070 Datasheet HTML 2Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RF Communications Division | 1680 University Avenue | Rochester, NY USA 14610
www.harris.com 1-585-244-5830
© Copyright 2005 Harris Corporation 08/05 DS-240A
®
Specifications for the RF-9070
Specifications are subject to change without notice.
Radiation Patterns Over Average Ground
120 MHz
180 MHz
400 MHz
300 MHz
-90
90
-60
60
-30
-30 -25
5
0
-5
-10
-15
-20
10
30
0
-90
90
-60
60
-30
-30 -25
5
0
-5
-10
-15
-20
10
30
0
-90
90
-60
60
-30
-30 -25
5
0
-5
-10
-15
-20
10
30
0
-90
90
dBi
dBi
dBi
dBi
-60
60
-30
-30 -25
5
0
-5
-10
-15
-20
10
30
0
Electrical
I
Frequency Range
100 to 400 MHz (usable 90 to 470 MHz)
I
RF Power Capacity
400 watts
I
Input Impedance
50 ohm, nominal
I
Radiation Pattern
Omnidirectional
I
Polarization
Vertical
I
VSWR
≤2.1 typical, 2.5:1 maximum
I
Gain
>2 dBi
Environmental
I
Temperature
Operating: –40˚ to +55˚ C (–40˚ to +131˚ F) Storage:
–60˚ to +70˚ C (–76˚ to +158˚ F)
I
Relative Humidity
0 to 100%
Mechanical
I
RF Connector
Female, Type N
I
Deployed Dimensions
76H x 60D in (193H x 152D cm)
I
Finish
E512 per MIL-F-14072
I
Weight
20 lb (9.1 kg)
I
Mounting Interface
1.3 inch (3.3cm) threaded hole in center hub
I
Installation time
10 minutes, 2 people
Options
I
RF-9071 Mounting Mast — A 6.5-foot (2-m) length of
1.3-inch (3.3-cm) diameter mast complete with
mounting clamps. The mast is threaded at one end
with an 11-1/2 NPT thread to match the antenna
hub.
assuredcommunications


Similar Part No. - RF-9070

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RF-9072-AT001 HARRIS-RF-9072-AT001 Datasheet
350Kb / 2P
   LOW-BAND VHF DISCONE ANTENNA
More results

Similar Description - RF-9070

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
HBA-2030 TDK-HBA-2030 Datasheet
1Mb / 2P
   High Power Biconical Antenna
PBA-2030 TDK-PBA-2030 Datasheet
1,004Kb / 2P
   Precision Biconical Antenna
MBA-2060 TDK-MBA-2060 Datasheet
81Kb / 2P
   Metrology Biconical Antenna
logo
Motorola, Inc
MC44BC380 MOTOROLA-MC44BC380 Datasheet
425Kb / 10P
   VHF/ UHF ANTENNA BOOSTER/SPLITTER IC
logo
NXP Semiconductors
MC44BC380 NXP-MC44BC380 Datasheet
478Kb / 10P
   VHF/ UHF ANTENNA BOOSTER/SPLITTER IC
Rev. 1.3 09/2002
logo
New Jersey Semi-Conduct...
2N3866 NJSEMI-2N3866 Datasheet
252Kb / 2P
   NPN UHF/VHF POWER TRANSISTORS
logo
National Semiconductor ...
DS8673 NSC-DS8673 Datasheet
97Kb / 4P
   Low Power VHF/UHF Prescalers
logo
M/A-COM Technology Solu...
MAPM-020512-040C00 MA-COM-MAPM-020512-040C00_2 Datasheet
97Kb / 2P
   Broadband UHF/VHF Power Module
MAPM-030400-060C00 MA-COM-MAPM-030400-060C00 Datasheet
70Kb / 2P
   Broadband UHF/VHF Power Module
logo
RF Micro Devices
RF2516 RFMD-RF2516_06 Datasheet
272Kb / 22P
   VHF/UHF TRANSMIITER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com