Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPC2014NTR Datasheet(PDF) 5 Page - Clare, Inc.

Part # CPC2014NTR
Description  8-Pin SOIC Dual OptoMOS짰 Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC2014NTR Datasheet(HTML) 5 Page - Clare, Inc.

  CPC2014NTR Datasheet HTML 1Page - Clare, Inc. CPC2014NTR Datasheet HTML 2Page - Clare, Inc. CPC2014NTR Datasheet HTML 3Page - Clare, Inc. CPC2014NTR Datasheet HTML 4Page - Clare, Inc. CPC2014NTR Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Clare, Inc. makes no representations or warranties with respect to the accuracy or completeness of the contents of this publication and reserves the right to make changes to specifications
and product descriptions at any time without notice. Neither circuit patent licenses nor indemnity are expressed or implied. Except as set forth in Clare’s Standard Terms and Conditions of
Sale, Clare, Inc. assumes no liability whatsoever, and disclaims any express or implied warranty, relating to its products including, but not limited to, the implied warranty of merchantability,
fitness for a particular purpose, or infringement of any intellectual property right.
The products described in this document are not designed, intended, authorized or warranted for use as components in systems intended for surgical implant into the body, or in other
applications intended to support or sustain life, or where malfunction of Clare’s product may result in direct physical harm, injury, or death to a person or severe property or environmental
damage. Clare, Inc. reserves the right to discontinue or make changes to its products at any time without notice.
Specification: DS-CPC2014N-R01
©Copyright 2009, Clare, Inc.
OptoMOS® is a registered trademark of Clare, Inc.
All rights reserved. Printed in USA.
9/10/09
For additional information please visit our website at: www.clare.com
5
CPC2014N
MECHANICAL DIMENSIONS
RoHS
2002/95/EC
e3
Pb
MANUFACTURING INFORMATION
Moisture Sensitivity
Clare has characterized the moisture reflow sensitivity
of this package, and has determined that this
component must be handled in accordance with
IPC/JEDEC standard J-STD-033 moisture sensitivity
level (MSL), level 3 classification.
Soldering Reflow Profile
For proper assembly, the component must be
processed in accordance with the current revision
of IPC/JEDEC standard J-STD-020. Failure to
follow the recommended guidelines may cause
permanent damage to the device resulting in impaired
performance and/or a reduced lifetime expectancy.
Washing
Clare does not recommend ultrasonic cleaning or the
use of chlorinated solvents.
8-Lead SOIC Narrow Package
Recommended PCB Land Pattern
Dimensions
mm
(inches)
2.184 MAX
(0.086 MAX)
0.838 ± 0.102
(0.033 ± 0.004)
0.381 ± 0.051
(0.015 ± 0.002)
Lead to Package Standoff
MIN 0.0254 (0.001)
(MAX 0.102 (0.004)
0.432 ± 0.127
(0.017 ± 0.005)
0.203 ± 0.025
(0.008 ± 0.001)
1.016 ± 0.025
(0.040 ± 0.001)
5.60
(0.22)
1.30
(0.051)
0.55
(0.022)
2.54
(0.100)
9.347 ± 0.203
(0.368 ± 0.008)
6.096 ± 0.102
(0.240 ± 0.004)
3.810 ± 0.051
(0.150 ± 0.002)
2.540 TYP
(0.100 TYP)
Pin 1
K
0=2.7
(0.106)
K
1=2.3
(0.091)
6.8
(0.268)
2.0
(0.079)
B
0=10.3
(0.406)
A
0=6.5
(0.256)
2.0
(0.079)
3.0
(0.118)
R0.5
(0.020)
12.0
(0.472)
4.0
(0.157)
1.50
(0.059)
16.0
(0.63)
7.5
(0.295)
Embossment
Embossed Carrier
Top Cover
Tape Thickness
0.102 MAX.
(0.004 MAX.)
330.2 DIA.
(13.00 DIA.)


Similar Part No. - CPC2014NTR

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC2014NTR IXYS-CPC2014NTR Datasheet
123Kb / 6P
   60V Dual Normally-Open Single-Pole 8-Pin SOIC OptoMOS Relay
More results

Similar Description - CPC2014NTR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC2017N CLARE-CPC2017N Datasheet
116Kb / 5P
   8-Pin Dual SOIC OptoMOS짰 Relay
logo
IXYS Corporation
CPC2317N IXYS-CPC2317N Datasheet
126Kb / 7P
   Dual Single-Pole 8-Pin SOIC OptoMOS짰 Relay
CPC2017N IXYS-CPC2017N Datasheet
115Kb / 6P
   Dual Normally Open 8-Pin SOIC OptoMOS짰 Relay
CPC2330N IXYS-CPC2330N Datasheet
140Kb / 8P
   Dual Single-Pole 8-Pin SOIC OptoMOS짰 Relay
CPC2125N IXYS-CPC2125N Datasheet
118Kb / 6P
   Dual Single-Pole, Normally Closed 8-Pin SOIC OptoMOS짰 Relay
CPC2025N IXYS-CPC2025N Datasheet
115Kb / 6P
   Dual Single-Pole, Normally Open 8-Pin SOIC OptoMOS짰 Relay
CPC2030N IXYS-CPC2030N Datasheet
118Kb / 6P
   Dual Single-Pole, Normally Open 8-Pin SOIC OptoMOS짰 Relay
logo
Clare, Inc.
CPC1150N CLARE-CPC1150N_1 Datasheet
112Kb / 5P
   4-Pin SOP OptoMOS짰 Relay
CPC1117N CLARE-CPC1117N_1 Datasheet
111Kb / 5P
   4-Pin SOP OptoMOS짰 Relay
CPC1230N CLARE-CPC1230N_1 Datasheet
112Kb / 5P
   4 Pin SOP OptoMOS짰 Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com