Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UEP-12-1400-D24 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # UEP-12-1400-D24
Description  Single Output UEP Models
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

UEP-12-1400-D24 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  UEP-12-1400-D24 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. UEP-12-1400-D24 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. UEP-12-1400-D24 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. UEP-12-1400-D24 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. UEP-12-1400-D24 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. UEP-12-1400-D24 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. UEP-12-1400-D24 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. UEP-12-1400-D24 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. UEP-12-1400-D24 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Single Output UEP Models
Ultra-High Density, 2" x 1", 1.2-6 Amp,15-30 Watt DC/DC’s
MDC_UEP Models.A02 Page 4 of 11
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
Accuracy of adjustment is subject to tolerances of resistor values and factory-
adjusted output accuracy. Vo = desired output voltage.
20k
5-22
Turns
+INPUT
+OUTPUT
TRIM
–INPUT
ON/OFF
CONTROL
1
2
3
4
LOAD
–OUTPUT
5
6
Figure 2.Trim Connections Using A Trim Pot
+INPUT
+OUTPUT
–OUTPUT
TRIM
–INPUT
ON/OFF
CONTROL
1
2
3
4
5
LOAD
6
RTRIM UP
Figure 4.Trim Connections To Increase Output Voltage Using Fixed Resistors
+INPUT
+OUTPUT
TRIM
–INPUT
ON/OFF
CONTROL
1
2
3
4
LOAD
RTRIM DOWN
–OUTPUT
5
6
Figure 3.Trim Connections To Decrease Output Voltage Using Fixed Resistors
16.9
DOWN
RT
(kΩ) =
3.3 – VO
2.49(VO – 1.27)
UEP-3.3/4500-D12
UEP-3.3/4500-D24
UEP-3.3/4500-D48
UEP-3.3/6000-D48
16.9
UP
RT (kΩ) =
VO – 3.3
3.16
–15
DOWN
RT
(kΩ) =
5 – VO
2.49(VO – 2.527)
UEP-5/3500-D12
UEP-5/3500-D24
UEP-5/3500-D48
UEP-5/6000-D48
15
UP
RT (kΩ) =
VO – 5
6.292
49.9
DOWN
RT
(kΩ) =
12 – VO
6.34(VO – 5.714)
UEP-12/1400-D12
UEP-12/1400-D24
UEP-12/1400-D48
49.9
UP
RT (kΩ) =
VO – 12
36.23
63.4
DOWN
RT
(kΩ) =
15 – VO
7.87(VO – 7.136)
UEP-15/1200-D12
UEP-15/1200-D24
UEP-15/1200-D48
63.4
UP
RT (kΩ) =
VO – 15
56.16
Model
Trim Equation
Floating Outputs
Since these are isolated DC/DC converters, their outputs are “floating.” Design-
ers will usually use the –Output (pin 5) as the ground/return of the load circuit.
You can, however, use the +Output (pin 4) as ground/return to effectively
reverse the output polarity.
Minimum Output Loading Requirements
3.3 and 5V models employ a synchronous-rectifier design topology. All models
regulate within spec and are stable under no-load conditions. 12/15V models
employ a traditional forward, diode-rectification architecture and require 25mA
loading to achieve their listed regulation specs. Operation under 25mA load
conditions will not damage the 12/15V devices; however they may not meet all
listed specifications.
Filtering and Noise Reduction
All UEP Series DC/DC Converters achieve their rated ripple and noise speci-
fications with no external input/output capacitors. In critical applications,
input/output noise may be further reduced by installing external I/O caps.
Input capacitors should be selected for bulk capacitance, low ESR and high
rms-ripple-current ratings. Output capacitors should be selected for low ESR
and appropriate frequency response. All caps should have appropriate voltage
ratings and be mounted as close to the converters as possible.
The most effective combination of external I/O capacitors will be a function
of load and layout conditions. Our Applications Engineers can recommend
potential solutions and discuss the possibility of our modifying a given device’s
internal filtering to meet your specific requirements. Contact our Applications
Engineering Group for additional details.
Input Fusing
Certain applications and/or safety agencies may require the installation of
fuses at the inputs of power conversion components. Fuses should also be
used if the possibility of sustained, non-current-limited, input-voltage polarity
reversals exists. For DATEL UEP Series DC/DC Converters, you should use
slow-blow type fuses with values no greater than the following.
VIN Range
Fuse Value
D12 Models
3 Amps
D24 Models
2 Amps
D48 Models (1.2-4.5A)
1 Amp
D48 Models (6A)
2 Amp
Trimming Output Voltages
These converters have a trim capability (pin 6) that allows users to adjust the
output voltage ±5%. Adjustments to the output voltage can be accomplished
via a trim pot, Figure 2, or a single fixed resistor as shown in Figures 3 and 4.
A single fixed resistor can increase or decrease the output voltage depend-
ing on its connection. Fixed resistors should have an absolute TCR less than
100ppm/°C to minimize sensitivity to changes in temperature.
A single resistor connected from the Trim (pin 6) to the +Output (pin 4), see
Figure 3, will decrease the output voltage. A resistor connected from the Trim
(pin 6) to –Output (pin 5) will increase the output voltage.
Trim adjustment greater than 5% can have an adverse effect on the converter's
performance and is not recommended.
TECHNICAL NOTES


Similar Part No. - UEP-12-1400-D24

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UEP0J101MDD NICHICON-UEP0J101MDD Datasheet
74Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
UEP0J101MED.PD NICHICON-UEP0J101MED.PD Datasheet
74Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
UEP0J101MHD NICHICON-UEP0J101MHD Datasheet
74Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
UEP0J102MDD NICHICON-UEP0J102MDD Datasheet
74Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
UEP0J102MED.PD NICHICON-UEP0J102MED.PD Datasheet
74Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UEP-12-1400-D24

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UHP-3-3-30-D48 ETC-UHP-3-3-30-D48 Datasheet
69Kb / 4P
   Single Output UHP Models
logo
Murata Manufacturing Co...
USQ30 MURATA-USQ30 Datasheet
408Kb / 15P
   Single Output USQ 30A Models
logo
List of Unclassifed Man...
9171 ETC2-9171 Datasheet
2Mb / 6P
   Single and dual output models with up to 210W output power
logo
E&E Magnetic Products L...
821-00023F EEMAGNETIC-821-00023F Datasheet
120Kb / 3P
   Single through hole models
logo
Wall Industries,Inc.
DCMSPU01H WALL-DCMSPU01H Datasheet
334Kb / 4P
   1 Watt DC/DC Converter Single and Output Models
logo
Murata Power Solutions ...
DLV-3.3 MURATA-PS-DLV-3.3 Datasheet
187Kb / 6P
   Dual Output Mixed Voltage, DLV Models
logo
List of Unclassifed Man...
DSM-5-3.3-D12 ETC1-DSM-5-3.3-D12 Datasheet
175Kb / 7P
   Dual Output Mixed Voltage, DSM Models
logo
Power-One
ABC40 POWER-ONE-ABC40 Datasheet
556Kb / 4P
   40 W convection cooled, No minimum load required - single output models
logo
List of Unclassifed Man...
BCP-5-3.3-D24 ETC1-BCP-5-3.3-D24 Datasheet
240Kb / 12P
   Dual Output Mixed Voltage, BCP Models
logo
C&D Technologies
BWR-15 CANDD-BWR-15 Datasheet
433Kb / 6P
   Dual Output A-Series, BWR Models
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com