Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UEP-3.3-6000-D48 Datasheet(PDF) 9 Page - Murata Manufacturing Co., Ltd.

Part # UEP-3.3-6000-D48
Description  Single Output UEP Models
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

UEP-3.3-6000-D48 Datasheet(HTML) 9 Page - Murata Manufacturing Co., Ltd.

Back Button UEP-3.3-6000-D48 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. UEP-3.3-6000-D48 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. UEP-3.3-6000-D48 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. UEP-3.3-6000-D48 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. UEP-3.3-6000-D48 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. UEP-3.3-6000-D48 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. UEP-3.3-6000-D48 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. UEP-3.3-6000-D48 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. UEP-3.3-6000-D48 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Ambient Temperature (˚C)
Temperature Derating Curves for 12V Output Models
18
16
14
12
10
8
6
4
2
0
–40
0
40
45
50
55
60
65
70
75
80
85
90
95
100
VIN = 18V-27V (D24)
VIN = 36V-48V (D48)
VIN = 18V-30V (D24)
VIN = 36V-60V (D48)
VIN = 12V (D12)
VIN = 18V-36V (D24)
VIN = 36V-75V (D48)
Single Output UEP Models
Ultra-High Density, 2" x 1", 1.2-6 Amp,15-30 Watt DC/DC’s
MDC_UEP Models.A02 Page 9 of 11
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
90
85
80
75
70
65
60
55
50
45
40
UEP-5/3500-D48 Efficiency vs. Line Voltage and Load Current
0.3
0.7
1.1
1.5
1.9
2.3
2.7
3.1
3.5
Load Current (Amps)
VIN = 36V
VIN = 48V
VIN = 75V
95
90
85
80
75
70
65
60
55
UEP-5/6000-D48 Efficiency vs. Line Voltage and Load Current
1
2
3
4
5
6
Load Current (Amps)
VIN = 36V
VIN = 48V
VIN = 75V
Typical Performance Curves


Similar Part No. - UEP-3.3-6000-D48

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UEP0J101MDD NICHICON-UEP0J101MDD Datasheet
74Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
UEP0J101MED.PD NICHICON-UEP0J101MED.PD Datasheet
74Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
UEP0J101MHD NICHICON-UEP0J101MHD Datasheet
74Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
UEP0J102MDD NICHICON-UEP0J102MDD Datasheet
74Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
UEP0J102MED.PD NICHICON-UEP0J102MED.PD Datasheet
74Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - UEP-3.3-6000-D48

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UHP-3-3-30-D48 ETC-UHP-3-3-30-D48 Datasheet
69Kb / 4P
   Single Output UHP Models
logo
Murata Manufacturing Co...
USQ30 MURATA-USQ30 Datasheet
408Kb / 15P
   Single Output USQ 30A Models
logo
List of Unclassifed Man...
9171 ETC2-9171 Datasheet
2Mb / 6P
   Single and dual output models with up to 210W output power
logo
E&E Magnetic Products L...
821-00023F EEMAGNETIC-821-00023F Datasheet
120Kb / 3P
   Single through hole models
logo
Wall Industries,Inc.
DCMSPU01H WALL-DCMSPU01H Datasheet
334Kb / 4P
   1 Watt DC/DC Converter Single and Output Models
logo
Murata Power Solutions ...
DLV-3.3 MURATA-PS-DLV-3.3 Datasheet
187Kb / 6P
   Dual Output Mixed Voltage, DLV Models
logo
List of Unclassifed Man...
DSM-5-3.3-D12 ETC1-DSM-5-3.3-D12 Datasheet
175Kb / 7P
   Dual Output Mixed Voltage, DSM Models
logo
Power-One
ABC40 POWER-ONE-ABC40 Datasheet
556Kb / 4P
   40 W convection cooled, No minimum load required - single output models
logo
List of Unclassifed Man...
BCP-5-3.3-D24 ETC1-BCP-5-3.3-D24 Datasheet
240Kb / 12P
   Dual Output Mixed Voltage, BCP Models
logo
C&D Technologies
BWR-15 CANDD-BWR-15 Datasheet
433Kb / 6P
   Dual Output A-Series, BWR Models
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com