Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF-6705-SW002 Datasheet(PDF) 1 Page - Harris Corporation

Part # RF-6705-SW002
Description  TACTICAL Chat IP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

RF-6705-SW002 Datasheet(HTML) 1 Page - Harris Corporation

  RF-6705-SW002 Datasheet HTML 1Page - Harris Corporation RF-6705-SW002 Datasheet HTML 2Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The RF-6705 Tactical Chat IP software is an easy-to-use and
configure data application that provides the ability to exchange
generic text messages and files among field and networked data
terminals. The RF-6705 application supports both point-to-point
(ARQ) and subnet-directed broadcast (non-ARQ) data transfer
among the members of an IP subnetwork. By making use of the
IP data capability of the RF-5800H-MP, AN/PRC-150(C),
RF-5800V-MP, RF-5800V-HH, RF-5800M-HH, AN/PRC-117F(C), or
any commercial IP infrastructure, messages can easily be exchanged
between wired (e.g. Ethernet LAN) and wireless network users.
The software runs on PDAs and PCs, and connects to the radio via
an asynchronous RS-232 interface. No additional communications
hardware is required.
The underlying communications protocol has been carefully
engineered to provide the best performance possible over both
wired and wireless links. Protocol parameters are automatically
adjusted as messages are exchanged among application users,
yielding a dynamically efficient network.
The RF-6705 provides a proficient and practical user interface
and has been engineered with convenience in mind. Modeled
after commercial instant messaging applications, the application
provides the ability for the user to quickly address another station
in the network via a friendly name selected from the address book.
The user can type a message or select from a list of predefined
messages. File transfer is also supported, with the ability for partial
file transfers to be resumed at the point of failure. A log of message
exchanges is maintained and can be viewed and saved.
The PDA version of the RF-6705 runs on Windows Mobile
6.0, Windows Mobile 5.0, and Windows Mobile 2003.
The PC version runs on the Microsoft Windows
2000 Professional, Windows XP Professional, and
Windows Vista English operating systems.
assuredcommunications®
RF-6705
TACTICAL ChAT IP
Messaging for PDAs
and PCs


Similar Part No. - RF-6705-SW002

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RF-6750W HARRIS-RF-6750W Datasheet
370Kb / 2P
   wireless gateway
RF-6760W-XXEN HARRIS-RF-6760W-XXEN Datasheet
370Kb / 2P
   wireless gateway
More results

Similar Description - RF-6705-SW002

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RF-5800-RU HARRIS-RF-5800-RU Datasheet
176Kb / 2P
   TACTICAL RETRANSMISSION UNIT
logo
Dialight Corporation
TMK-RR-13T-13 DIALIGHT-TMK-RR-13T-13 Datasheet
97Kb / 1P
   Tactical Marker Lights
TBL-GC-14T-13 DIALIGHT-TBL-GC-14T-13 Datasheet
100Kb / 1P
   Tactical Blackout Drive Light
logo
Glenair, Inc.
808-007 GLENAIR-808-007 Datasheet
208Kb / 1P
   USB Tactical Patch Cable
logo
Energizer
MLT1WAAE ENERGIZER-MLT1WAAE Datasheet
156Kb / 1P
   1W Metal Tactical 1AA
logo
OmniVision Technologies...
OV4689 OMNIVISION-OV4689 Datasheet
1Mb / 2P
   IP Cameras
logo
FCI connector
51415 FCI-CONNECTOR-51415 Datasheet
482Kb / 5P
   IP24SIP RIGHT ANGLE SOLDER HEADER
logo
Dialight Corporation
TST-RR-13T-13 DIALIGHT-TST-RR-13T-13 Datasheet
90Kb / 1P
   Tactical Composite Rear Tail Light
logo
Honeywell Accelerometer...
QA-1500 HONEYWELL-ACC-QA-1500 Datasheet
90Kb / 2P
   High-g tactical navigation sensor
logo
Belden Inc.
B96567 BELDEN-B96567 Datasheet
134Kb / 2P
   Tactical Cable OS2 6 Fibers
11-09-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com