Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF-5910-PS005 Datasheet(PDF) 1 Page - Harris Corporation

Part # RF-5910-PS005
Description  power supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

RF-5910-PS005 Datasheet(HTML) 1 Page - Harris Corporation

  RF-5910-PS005 Datasheet HTML 1Page - Harris Corporation RF-5910-PS005 Datasheet HTML 2Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The RF-5910-PS005 Power Supply provides a regulated output voltage
to the AN/PRC-117G(V)1(C) and RF-7800M-MP FALCON III® Manpack
transceivers from an AC input range of 85-265 VAC/47-440 Hz and a
DC input range from 10.5 to 34.5 VDC. It is designed to supply power
to the Falcon III Manpacks, without performance degradation, through
a TX-RX frequency range from 30 MHz to 2 GHz.
The unit includes a rechargeable backup battery, with instantaneous
switch-over if both the AC and DC inputs fail or are disconnected. The
backup battery enables radio operation for a minimum of 15 minutes.
Switchover to the backup battery occurs via a zero-wait switching
feature that ensures transceiver operation is not disrupted.
The RF-5910-PS005 indicates operational status through the use of
three indicators. These indicators display AC ON, DC ON, and battery
status.
The RF-5910-PS005 is used in place of the FALCON III Manpack
battery box. The unit is supplied with a six-foot DC power
cable with alligator clips, a six-foot AC power cable with
US NEMA 5-15P plug attached, a universal AC plug
adapter, and an operator’s manual. The system may
be mounted for mobile operation.
RF-5910-PS005
PoweR SuPPly
high performance and
reliability for the most
demanding applications
assuredcommunications ®


Similar Part No. - RF-5910-PS005

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RF-5901-CH001 HARRIS-RF-5901-CH001 Datasheet
384Kb / 2P
   Hand Crank Generator System
RF-5955-CH008 HARRIS-RF-5955-CH008 Datasheet
263Kb / 2P
   Secure Personal Radio Eight-Bay LITHIUM ION BATTERY CHARGER
More results

Similar Description - RF-5910-PS005

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RF-7850A-PS001 HARRIS-RF-7850A-PS001 Datasheet
79Kb / 2P
   Power Supply
logo
Pepperl+Fuchs Inc.
FB9215B2 PF-FB9215B2 Datasheet
501Kb / 3P
   Power supply
PSU-IDMX61-BC-N0-N0 PF-PSU-IDMX61-BC-N0-N0 Datasheet
113Kb / 1P
   Power supply
logo
LinkCom Manufacturing C...
45-LCCE LINKCOM-45-LCCE Datasheet
532Kb / 4P
   Power Supply
75-LCCEA LINKCOM-75-LCCEA Datasheet
493Kb / 5P
   Power Supply
80-LCCH LINKCOM-80-LCCH Datasheet
535Kb / 4P
   Power Supply
300-LCVH LINKCOM-300-LCVH Datasheet
505Kb / 5P
   Power Supply
DTW LINKCOM-DTW Datasheet
491Kb / 5P
   Power Supply
HVO LINKCOM-HVO Datasheet
1Mb / 9P
   Power Supply
logo
Pepperl+Fuchs Inc.
K26-STR-24VDC-2A PF-K26-STR-24VDC-2A Datasheet
1Mb / 4P
   Power supply
FB9205C PF-FB9205C Datasheet
493Kb / 3P
   Power supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com