Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RF-5855 Datasheet(PDF) 2 Page - Harris Corporation

Part No. RF-5855
Description  AC/DC Battery Chargers
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HARRIS [Harris Corporation]
Homepage  http://www.harris.com
Logo 

RF-5855 Datasheet(HTML) 2 Page - Harris Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RF Communications | 1680 University Avenue | Rochester, NY USA 14610
www.harris.com | 1-585-244-5830
Specifications are subject to change without notice. © Copyright 2009 Harris Corporation 03/09 DS-456
Electrical
Input Voltage
AC
90-250 VAC
47-63 Hz
DC
12-32 VDC
Mechanical
Size (without cord)
One-bay
4.9 W x 5.6 H x 4.0 L in.
(12.5 W x 14.3 H x 10.2 L cm)
Two-bay
6.6 W x 5.6 H x 4.0 L in.
(16.8 W x 14.3 H x 10.2 L cm)
Six-bay
17.9 W x 5.6 H x 4.0 L in.
(45.9 W x 14.3 H x 10.2 L cm)
General
Charger Cradle Indicator Lights
Red/green/red
Initial power up
Red solid
Battery charging
Green solid
Charge complete
Green and red flashing
Battery pre-charging or fault condition
Specifications for the RF-5855
Environmental
Temperature
Operating
0° to +45°C
+32° to +113°F
Storage
-40° to +70°C
-40° to +158°F
Power Supply
AC
U.S. power cord with European adapter
DC
DC power cord with alligator clips
Weight
(without cord)
One-bay
1.8 lbs. (0.8 kg)
Two-bay
2.3 lbs. (1.0 kg)
Six-bay
5.4 lbs. (2.5 kg)


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn