Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RF-5855 Datasheet(PDF) 1 Page - Harris Corporation

Part No. RF-5855
Description  AC/DC Battery Chargers
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HARRIS [Harris Corporation]
Homepage  http://www.harris.com
Logo 

RF-5855 Datasheet(HTML) 1 Page - Harris Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The RF-5855 family of AC/DC battery chargers includes One-bay,
Two-bay and Six-bay chargers for the Harris 12041-2100 series of high
capacity, Li-Ion handheld radio batteries.
Input power to the charging units can be supplied via 90 to 250 VAC
or 12 to 32 VDC power sources. The chargers connect to the batteries’
bottom contacts for drop-in, automatic charging.
Battery charging time is less than seven hours in temperatures within
operating range. Charging automatically ceases once the battery is
fully charged. The chargers are equipped with status indicators that
display initial power up, battery charging, charge complete and fault
conditions.
Each charger includes a U.S. power cord, a European adapter and a
user instruction card. The two-bay unit includes an L-bracket that can
be attached to the bottom of the charger to enable it to be wall-
mounted in its conventional, upright position.
RF-5855 SeRieS
AC/DC BAtteRy
ChARgeRS
One-, two-, and six-bay
chargers for Harris high
capacity Li-Ion batteries
assuredcommunications ®


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn