Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF-5845H-PP101 Datasheet(PDF) 1 Page - Harris Corporation

Part # RF-5845H-PP101
Description  DIGITAL PRE/POSTSELECTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

RF-5845H-PP101 Datasheet(HTML) 1 Page - Harris Corporation

  RF-5845H-PP101 Datasheet HTML 1Page - Harris Corporation RF-5845H-PP101 Datasheet HTML 2Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The digitally-tuned, high-performance RF-5845H-PP101
Pre/postselector, is designed for operation in rugged tactical
environments as part of the FALCON
® II RF-5800H-MP and
AN/PRC-150(C) systems.
Fully automatic operation (controlled from the host transceiver)
and rapid tuning capability make pre/postselector operation
virtually transparent to the user. Operational configuration and
BITE/fault status reporting are all done through the respective
transceivers.
The RF-5845H-PP uses the rugged tactical packaging and
meets the same environmental specifications for temperature,
shock, vibration, and submersibility as the rest of the FALCON II
family components. This capability ensures that collocation
requirements can be met in even the harshest environments.
Operation is fully automatic. Built-in test equipment (BITE) and
diagnostic testing are fully integrated into the transceiver
system. The RF-5845H-PP packaging allows it to be fitted into
standard RF-5800H Series mounts and systems.
The RF-5845H-PP attenuates unwanted transmit and receive
signals 10 percent removed from the operating frequency by
40 dB (nominal). An additional unit can be cascaded for greater
attenuation should this be required. A bypass function and
separate receive antenna port give the pre/postselector the
flexibility to meet virtually any system requirement.
The RF-5845H-PP will tune to a new channel in less than
20 msec. This agility ensures compatibility with
MIL-STD-188-141B Automatic Link Establishment (ALE),
STANAG 4538 third generation, and other advanced modes of
operation. The RF-5845H-PP101 includes all interconnecting
cables.
®
assuredcommunications
RF-5845H-PP101
DIGITAL
PRE/POSTSELECTOR
provides significant reduction
of unwanted receive signals
and spurious transmitter
outputs, allowing collocated
operation of two
or more systems


Similar Part No. - RF-5845H-PP101

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RF-5800-RU HARRIS-RF-5800-RU Datasheet
176Kb / 2P
   TACTICAL RETRANSMISSION UNIT
RF-5800H-MP HARRIS-RF-5800H-MP Datasheet
1Mb / 2P
   advanced hf/VHF tactical radio system
RF-5800H-V006 HARRIS-RF-5800H-V006 Datasheet
244Kb / 2P
   20 WATT HF/VHF VEHICULAR ADAPTER
RF-5800M-HH HARRIS-RF-5800M-HH Datasheet
273Kb / 2P
   FALCON II MULTIBAND HANDHELD RADIO
RF-5800M-MP HARRIS-RF-5800M-MP Datasheet
3Mb / 2P
   FALCON II Advanced tactical radio system
More results

Similar Description - RF-5845H-PP101

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3850A FAIRCHILD-FAN3850A Datasheet
698Kb / 11P
   Microphone Pre-Amplifier with Digital Output
logo
ON Semiconductor
FAN3850A ONSEMI-FAN3850A Datasheet
582Kb / 12P
   Microphone Pre-Amplifier with Digital Output
August 2016 Rev. 1.6
FAN3852 ONSEMI-FAN3852 Datasheet
766Kb / 10P
   Microphone Pre-Amplifier with Digital Output
June, 2019 ??Rev. 3
logo
National Semiconductor ...
LM9701 NSC-LM9701 Datasheet
77Kb / 5P
   Digital Image Processor w/ Integrated Pre-processor
logo
Linear Technology
LTM9003 LINER-LTM9003 Datasheet
382Kb / 24P
   12-Bit Digital Pre-Distortion Receiver Subsystem
logo
Texas Instruments
GC5322IZND TI1-GC5322IZND Datasheet
395Kb / 4P
[Old version datasheet]   Wideband Digital Pre-Distortion Transmit IC Solution
logo
Linear Technology
LTM9003 LINER-LTM9003_15 Datasheet
442Kb / 24P
   12-Bit Digital Pre-Distortion Module Receiver Subsystem
logo
Fairchild Semiconductor
FAN3850T FAIRCHILD-FAN3850T Datasheet
409Kb / 11P
   Microphone Pre-Amplifier with Temperature Compensation and Digital Output
logo
Rohm
BH7272KV ROHM-BH7272KV Datasheet
185Kb / 14P
   Two-channel VCR PRE / REC amplifier for Digital VCRs
logo
Anpec Electronics Corop...
APX9781 ANPEC-APX9781 Datasheet
197Kb / 13P
   Single-Phase digital calibration Motor Pre-Driver for Fan Motor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com