Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF-5800M-V521 Datasheet(PDF) 2 Page - Harris Corporation

Part # RF-5800M-V521
Description  Falcon II Multiband Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

RF-5800M-V521 Datasheet(HTML) 2 Page - Harris Corporation

  RF-5800M-V521 Datasheet HTML 1Page - Harris Corporation RF-5800M-V521 Datasheet HTML 2Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RF Communications | 1680 University Avenue | Rochester, NY USA 14610
www.harris.com 585-244-5830
Specifications subject to change without notice. Copyright © 2008 Harris Corporation 09/08 DS-348B
®
assuredcommunications®
General
Frequency Range
30-512 MHz
Input Power
20 to 32 VDC
MIL-STD-1275 compliant
Dimensions
27.2 W x 19.3 H x 31.5 D cm
Weight
11.8 kg (without shock tray)
18.1 kg (with shock tray)
RF Output Impedence
50 ohms VHF/UHF, unbalanced
Collocation
9% frequency and 1.5M
antenna separation
Finish/Color
CARC/Green
Compatibility
Multiband Handheld
RF-5800M-HH004
RF-5800M-HH104 (with GPS)
20M Multiband
Handheld
RF-5800M-HH115
Intercom
AN/VIC-1 (V)
AN/VIC-3 (V)
Speaker
Power and audio
connectors available
Specifications for the RF-5800M-V520
Configurations
Vehicle Systems
RF-5800M-V520
RF-5800M-V521 (with GPS)
Base Station Systems
RF-5800M-B520
RF-5800M-B521 (with GPS)
Transmit
Output Power
50 W: 30 to 90 MHz
20 W: 90 to 512 MHz
Harmonic Suppression
> 47 dBc typical
Spurious Suppression
> 50 dBc typical
Receive
FM Sensitivity
-112 dBm @ 12 dB SINAD
IF Rejection
> 60 dB
Environmental
Operating
Temperature
-30°C to 60°C
Humidity
90% per MIL-STD-810
Shock/Vibration
Ground/Mobile per MIL-STD-810
Sand/Dust
MIL-STD-810
Accessories
Shock Mount
Interface Assembly
Included
AC/DC Power Supply
For vehicular and base
station applications
Headset
Various
Tactical Accessory
Bag
Holds radio and entire
complement of equipment
System Installation
and Maintenance
Manual
Included
Adapter Block
Included
3.5 km Fieldwire
Remote Control
Compatible
Ancillary Kit
Included
Data Cables
Wide variety of lengths
Fan Kit
11146-2027-01


Similar Part No. - RF-5800M-V521

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RF-5800M-V HARRIS-RF-5800M-V Datasheet
314Kb / 2P
   FALCON II LONG-RANGE VEHICLE AND FIXED SITE COMMUNICATIONS SYSTEM
More results

Similar Description - RF-5800M-V521

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RF-5800M-HH HARRIS-RF-5800M-HH Datasheet
273Kb / 2P
   FALCON II MULTIBAND HANDHELD RADIO
RF-5800V-V500 HARRIS-RF-5800V-V500 Datasheet
1Mb / 2P
   FALCON II VHF POWER AMPLIFIER
RF-5800V-PA HARRIS-RF-5800V-PA Datasheet
228Kb / 2P
   FALCON II VHF 50-WATT POWER AMPLIFIER
logo
Ericsson
PBL40305 ERICSSON-PBL40305 Datasheet
97Kb / 7P
   Multiband GSM Power Amplifier
logo
TriQuint Semiconductor
TQM7M9023 TRIQUINT-TQM7M9023_15 Datasheet
426Kb / 15P
   Multimode Multiband Power Amplifier
logo
Harris Corporation
RF-5800M-MP HARRIS-RF-5800M-MP Datasheet
3Mb / 2P
   FALCON II Advanced tactical radio system
logo
Skyworks Solutions Inc.
SKY77619 SKYWORKS-SKY77619 Datasheet
85Kb / 2P
   Multimode Multiband Power Amplifier
SKY77643-21 SKYWORKS-SKY77643-21 Datasheet
86Kb / 2P
   Multimode Multiband Power Amplifier Module
SKY77606 SKYWORKS-SKY77606 Datasheet
585Kb / 2P
   Multiband Multimode Power Amplifier Module
SKY77657-11 SKYWORKS-SKY77657-11 Datasheet
82Kb / 2P
   Multimode Multiband Power Amplifier Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com