Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF-5800M-MP Datasheet(PDF) 1 Page - Harris Corporation

Part # RF-5800M-MP
Description  FALCON II Advanced tactical radio system
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

RF-5800M-MP Datasheet(HTML) 1 Page - Harris Corporation

  RF-5800M-MP Datasheet HTML 1Page - Harris Corporation RF-5800M-MP Datasheet HTML 2Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RF-5800M-MP
FALCON II®
AdvANCed tACtICAL
RAdIO systeM
reliable tactical
communications through
enhanced, secure,
voice-and-data performance,
and reduced size/weight
Ask about secure ground/air interoperation
with Rockwell Collins airborne radios
assuredcommunications®
The RF-5800M-MP is a member of the FALCON II® family of multiband
tactical radio systems. This advanced multimode, multimission manpack
radio supports continuous operation across the 30 MHz to 512 MHz
frequency range. This allows the RF-5800M-MP to meet mission needs
for ground-to-ground, ground-to-air, and ship-to-shore communications
in a rugged, compact package.
Voice communications are provided in a variety of formats and channel
spacing to ensure interoperability with existing ground, air, air traffic
control, and Land Mobile Radio (LMR) systems.
Built-In Multimedia Data Communications are fast and flexible.
The standard high speed modem uses FSK or ASK modulation and
is compatible with many older data communication systems, which
supports rates up to 64 Kbps for added throughput and reduced on-air
time.
Electronic Protection Measures (EPM) protect communications from
hostile interference using frequency hopping techniques. Multiple
waveforms are supported, including Harris Quicklook 1A, and optional
Havequick I/II, or Rockwell Collins TALON.
The Harris Citadel® ASIC provides high-speed 128-bit digital encryption
for both voice and data traffic. Customer-unique Citadel algorithms are
available.
Local position information is provided via the internal GPS receiver.
External PLGR GPS devices may be used to directly obtain Havequick, and
TALON Time-of-Day.
FALCON II radios are easy to use. The removable Keypad Display Unit
provides total control when on the move with a full function on-the-
body remote control capability. The simple, menu-driven interface
makes operation easy. Net presets simplify operation by
combining operating mode, frequency, COMSEC/TRANSEC
keys, and modem settings under one of 100 user-defined
net names. Switching from a ground tactical VHF net
to a UHF ground-to-air net is as simple as pressing
a button. Wireless radio-to-radio preset cloning
reduces programming time.
The RF-5800M-MP is securely
interoperable with the RF-5800U-MP/
HH radios, the AN/PRC-117F, and
other multiband radio systems
in plain text mode.


Similar Part No. - RF-5800M-MP

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RF-5800M-HH HARRIS-RF-5800M-HH Datasheet
273Kb / 2P
   FALCON II MULTIBAND HANDHELD RADIO
RF-5800M-V HARRIS-RF-5800M-V Datasheet
314Kb / 2P
   FALCON II LONG-RANGE VEHICLE AND FIXED SITE COMMUNICATIONS SYSTEM
RF-5800M-V520 HARRIS-RF-5800M-V520 Datasheet
1Mb / 2P
   Falcon II Multiband Power Amplifier
RF-5800M-V521 HARRIS-RF-5800M-V521 Datasheet
1Mb / 2P
   Falcon II Multiband Power Amplifier
More results

Similar Description - RF-5800M-MP

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
ANPRC-150 HARRIS-ANPRC-150 Datasheet
204Kb / 2P
   ADVANCED HF/VHF TACTICAL RADIO SYSTEM
RF-5800H-MP HARRIS-RF-5800H-MP Datasheet
1Mb / 2P
   advanced hf/VHF tactical radio system
RF-6010 HARRIS-RF-6010 Datasheet
375Kb / 2P
   FALCON II TACTICAL NETWORK ACCESS HUB
RF-5800M-HH HARRIS-RF-5800M-HH Datasheet
273Kb / 2P
   FALCON II MULTIBAND HANDHELD RADIO
RF-5800M-V520 HARRIS-RF-5800M-V520 Datasheet
1Mb / 2P
   Falcon II Multiband Power Amplifier
RF-5800M-V HARRIS-RF-5800M-V Datasheet
314Kb / 2P
   FALCON II LONG-RANGE VEHICLE AND FIXED SITE COMMUNICATIONS SYSTEM
RF-5800V-V500 HARRIS-RF-5800V-V500 Datasheet
1Mb / 2P
   FALCON II VHF POWER AMPLIFIER
RF-5800V-PA HARRIS-RF-5800V-PA Datasheet
228Kb / 2P
   FALCON II VHF 50-WATT POWER AMPLIFIER
logo
National Semiconductor ...
LM1868 NSC-LM1868 Datasheet
251Kb / 10P
   Radio System
LM3820 NSC-LM3820 Datasheet
118Kb / 4P
   AM RADIO SYSTEM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com