Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OV07960-C48P Datasheet(PDF) 1 Page - OmniVision Technologies, Inc.

Part # OV07960-C48P
Description  Superior Image Quality for Professional Grade CCTV Cameras
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV07960-C48P Datasheet(HTML) 1 Page - OmniVision Technologies, Inc.

  OV07960-C48P Datasheet HTML 1Page - OmniVision Technologies, Inc. OV07960-C48P Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Superior Image Quality for Professional Grade
CCTV Cameras
OV7960 NTSC/PALproductbrief
lead free
available in
a lead-free
package
Optimized for NTSC and PAL applications, the OV7960
system on chip (SoC) with advanced image signal
processing capabilities delivers vivid image capture even
in the most challenging lighting conditions, making it an
ideal solution for both indoor and outdoor security
applications.
The low-voltage, high-performance OV7960 provides the
full functionality of a single-chip analog NTSC/PAL
sensor. Based on OmniVision's 6.0 µm OmniPixel3-HS™
architecture, the OV7960 features the industry's best-in-
class low light sensitivity of >12 V/(lux-sec). The OV7960
has an active array of 768 x 576 to support both PAL and
NTSC formats without scaling.
The OV7960 incorporates advanced image processing
functions, including exposure control, gain control,
white balance, lens correction and defective pixel
correction to provide full-frame images. The functions
are programmable through the serial camera control bus
(SCCB) interface. For storage purposes, the OV7960
includes 16 bytes of one-time programmable (OTP)
memory.
The OV7960 features automatic exposure/gain with
16 zone control, horizontal and vertical windowing
capability, aperture/gamma correction, external frame
sync capability and extremely low dark current for high
temperature applications. The OV7960 comes in a CLCC
package and is capable of operating within a temperature
range of -20°C to 70°C.
Find out more at www.ovt.com.
TM
TM


Similar Part No. - OV07960-C48P

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV07962-E62A OMNIVISION-OV07962-E62A Datasheet
981Kb / 2P
   Superior Image Quality for Professional Grade IP Cameras
More results

Similar Description - OV07960-C48P

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV7962 OMNIVISION-OV7962 Datasheet
981Kb / 2P
   Superior Image Quality for Professional Grade IP Cameras
OS05A20 OMNIVISION-OS05A20 Datasheet
517Kb / 2P
   New OS05A20 Uses Nyxel??Technology to Bring Superior Image Quality to Video Surveillance Cameras Day or Night
logo
List of Unclassifed Man...
49783 ETC2-49783 Datasheet
259Kb / 3P
   Professional Quality Tweezers
T540 ETC1-T540 Datasheet
244Kb / 2P
   Professional Thermal Imaging Cameras
702-0400 ETC2-702-0400 Datasheet
415Kb / 1P
   PROFESSIONAL QUALITY - PANEL SOCKET
5911 ETC2-5911 Datasheet
154Kb / 3P
   Professional quality inspection mirrors
logo
Sony Corporation
IMX377EQH5 SONY-IMX377EQH5 Datasheet
367Kb / 4P
   High image quality
IMX377CQT SONY-IMX377CQT Datasheet
359Kb / 4P
   High image quality
logo
List of Unclassifed Man...
T0814 ETC1-T0814 Datasheet
162Kb / 4P
   Professional quality Hacksaws and Junior Hacksaws
T2301 ETC1-T2301 Datasheet
473Kb / 9P
   A range of professional quality tweezers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com