Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OV03647-V47A Datasheet(PDF) 2 Page - OmniVision Technologies, Inc.

Part # OV03647-V47A
Description  high-performance 1/4-inch, 3 megapixel CameraChip sensor with MDDI high speed serial and parallel interfaces
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV03647-V47A Datasheet(HTML) 2 Page - OmniVision Technologies, Inc.

  OV03647-V47A Datasheet HTML 1Page - OmniVision Technologies, Inc. OV03647-V47A Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
4275 Burton Drive
Santa Clara, CA 95054
tel: +1 408 567 3000
fax: +1 408 567 3001
www.ovt.com
OmniVision reserves the right to make changes to their products or to discontinue any
product or service without further notice. OmniVision and OmniPixel are registered
trademarks of OmniVision Technologies, Inc. The OmniVision logo, CameraChip and
OmniPixel3 are trademarks of OmniVision Technologies, Inc. All other trademarks are
the property of their respective owners.
Version 1.2, August 2008
column
sample/hold
image sensor core
OV3647
image sensor processor
image output
interface
PLL
control register bank
SCCB
slave
interface
timing generator
and system control logic
image
array
gain
control
50/60Hz
auto
detection
AMP
10-bit
ADC
10-bit
ADC
AMP
DVP
MDDI
10-bit RAW
D[9:0]
MDDI
LINK
3647_PB_001
functional block diagram
product specifications
product features
OV3647
active array size: 2048 x 1536
power supply:
– core: 1.5VDC + 5%
– analog: 2.45 ~ 3.0V
– I/O: 1.7 ~ 3.0V
power requirements:
– active: 70 mA (typical)
– standby: 20 μA (typical)
temperature range:
– operating: -20°C to 70°C
– stable image: 0°C to 50°C
output : 8-/10-bit raw RGB data
lens size: 1/4"
lens chief ray angle: 25° non-linear
input clock frequency: 6 ~ 54 MHz
(MDDI: 260 MHz)
S/N ratio: 37 dB
ordering information
cellular phones
toys
PC multimedia
digital still cameras
ultra mobile PC
MDDI serial interface
digital video port (DVP) parallel
output interface
second camera can share MDDI
interface
ultra low power and low cost
automatic image control functions:
– automatic exposure control (AEC)
– automatic gain control (AGC)
– automatic white balance (AWB)
– auto 50/60 Hz luminance detection
– auto black level calibration (ABLC)
support for QXGA, XGA and HF mode
programmable controls for frame
rate, mirror, flip, and cropping
lens correction and defective pixel
canceling
RAW RGB output format
dynamic range:
– normal mode: 65 dB
– HDR mode: 85 dB (1024 x 768 or
lower resolution)
maximum image transfer rate:
– QXGA (2048 x 1536): 15 fps
– XGA (1024 x 768): 30 fps
– HF (512 x 384): 60 fps
sensitivity: 700 mV(Lux-sec)
maximum exposure interval:
1574 x tROW
pixel size: 1.75 μm x 1.75 μm
image area: 3626 μm x 2709 μm
package dimensions:
– CSP2: 5515 μm x 5195 μm
– COB: 5530 μm x 5210 μm
black sun cancellation
embedded regulator for core
support for LED and flash strobe
mode
standard serial SCCB interface
embedded one-time programmable
(OTP) memory
on-chip phase lock loop (PLL)
programmable I/O drive capability
fits module size of 7.0 x 7.0 mm
HDR-ready - provides high dynamic
range (HDR) data signals for
external processing enabling
extended dynamic range at half
resolution
applications
OV03647-V47A
(color, lead-free, 47-pin CSP2)
OV03647-G04A
(color, chip probing, 200 mm backgrinding,
reconstructed wafer)


Similar Part No. - OV03647-V47A

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV03647-V47A OMNIVISION-OV03647-V47A Datasheet
165Kb / 2P
   high-performance 1/4-inch, 3 megapixel CameraChip sensor
More results

Similar Description - OV03647-V47A

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV03647-V47A OMNIVISION-OV03647-V47A Datasheet
165Kb / 2P
   high-performance 1/4-inch, 3 megapixel CameraChip sensor
OV03640-VL9A OMNIVISION-OV03640-VL9A Datasheet
167Kb / 2P
   1/4-inch, high-performance 3 Megapixel CameraChip sensor
OV3640 OMNIVISION-OV3640 Datasheet
167Kb / 2P
   1/4-inch, high-performance 3 Megapixel CameraChip sensor with image stabilization and MIPI
OV03642-V67A OMNIVISION-OV03642-V67A Datasheet
202Kb / 2P
   1/4-inch, 3 megapixel CameraChip sensor
OV3642 OMNIVISION-OV3642 Datasheet
202Kb / 2P
   1/4-inch, 3 megapixel CameraChip sensor with embedded TrueFocus technology
OV2655 OMNIVISION-OV2655 Datasheet
239Kb / 2P
   high sensitivity 1/5-inch 2 megapixel CameraChip sensor
OV03650-A65A OMNIVISION-OV03650-A65A Datasheet
5Mb / 2P
   low-voltage, high-performance 1/4-inch, 3 megapixel color sensor
OV05630-V58A OMNIVISION-OV05630-V58A Datasheet
163Kb / 2P
   low power, high-performance 5 megapixel CameraChip
OV07949-C10A OMNIVISION-OV07949-C10A Datasheet
234Kb / 2P
   high-performance security CameraChip sensor
logo
ON Semiconductor
NOIL1SN3000A ONSEMI-NOIL1SN3000A_16 Datasheet
925Kb / 57P
   3 MegaPixel High Speed CMOS Sensor
December, 2016 ??Rev. 10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com