Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM31L276-G Datasheet(PDF) 18 Page - Ramtron International Corporation

Part # FM31L276-G
Description  3V Integrated Processor Companion with Memory
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM31L276-G Datasheet(HTML) 18 Page - Ramtron International Corporation

Back Button FM31L276-G Datasheet HTML 14Page - Ramtron International Corporation FM31L276-G Datasheet HTML 15Page - Ramtron International Corporation FM31L276-G Datasheet HTML 16Page - Ramtron International Corporation FM31L276-G Datasheet HTML 17Page - Ramtron International Corporation FM31L276-G Datasheet HTML 18Page - Ramtron International Corporation FM31L276-G Datasheet HTML 19Page - Ramtron International Corporation FM31L276-G Datasheet HTML 20Page - Ramtron International Corporation FM31L276-G Datasheet HTML 21Page - Ramtron International Corporation FM31L276-G Datasheet HTML 22Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
FM31L278/L276/L274/L272 - 3V I2C Companion
Rev. 3.0
Feb. 2009
Page 18 of 25
three bytes of a write operation to set the internal
address followed by subsequent read operations.
To perform a selective read, the bus master sends out
the slave address with the LSB set to 0. This specifies
a write operation. According to the write protocol,
the bus master then sends the address bytes that are
loaded into the internal address latch. After the
FM31L27x acknowledges the address, the bus master
issues a Start condition. This simultaneously aborts
the write operation and allows the read command to
be issued with the slave address LSB set to a 1. The
operation is now a read from the current address.
Read operations are illustrated below.
RTC/Companion Write Operation
All RTC and Companion writes operate in a similar
manner to memory writes. The distinction is that a
different device ID is used and only one byte address
is needed instead of two. Figure 16 illustrates a single
byte write to this device.
RTC/Companion Read Operation
As with writes, a read operation begins with the
Slave Address. To perform a register read, the bus
master supplies a Slave Address with the LSB set to
1. This indicates that a read operation is requested.
After receiving the complete Slave Address, the
FM31L27x will begin shifting data out from the
current register address on the next clock. Auto-
increment operates for the special function registers
as with the memory address. A current address read
for the registers look exactly like the memory except
that the device ID is different.
The FM31L27x contains two separate address
registers, one for the memory address and the other
for the register address. This allows the contents of
one address register to be modified without affecting
the current address of the other register. For example,
this would allow an interrupted read to the memory
while still providing fast access to an RTC register. A
subsequent memory read will then continue from the
memory address where it previously left off, without
requiring the load of a new memory address.
However, a write sequence always requires an
address to be supplied.
Figure 14. Current Address Memory Read
Figure 15. Sequential Memory Read
S
A
Slave Address 1
Data Byte
1 P
By Master
By FM31L27x
Start
Address
Stop
Acknowledge
No
Acknowledge
Data
Data Byte
A
Acknowledge
S
A
Slave Address
1
Data Byte
1
P
By Master
By FM31L27x
Start
Address
Stop
Acknowledge
No
Acknowledge
Data


Similar Part No. - FM31L276-G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
FM31L276-G CYPRESS-FM31L276-G Datasheet
628Kb / 36P
   64-Kbit/256-Kbit Integrated Processor Companion with F-RAM
FM31L276-GTR CYPRESS-FM31L276-GTR Datasheet
628Kb / 36P
   64-Kbit/256-Kbit Integrated Processor Companion with F-RAM
More results

Similar Description - FM31L276-G

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM32L278 RAMTRON-FM32L278 Datasheet
275Kb / 21P
   3V Integrated Processor Companion with Memory
FM33256 RAMTRON-FM33256 Datasheet
316Kb / 28P
   3V Integrated Processor Companion with Memory
FM33256 RAMTRON-FM33256_09 Datasheet
319Kb / 28P
   3V Integrated Processor Companion with Memory
FM31L278 RAMTRON-FM31L278_11 Datasheet
461Kb / 26P
   3V Integrated Processor Companion with Memory
logo
List of Unclassifed Man...
FM3104 ETC1-FM3104 Datasheet
252Kb / 22P
   Integrated Processor Companion with Memory
FM3204 ETC1-FM3204 Datasheet
273Kb / 20P
   Integrated Processor Companion with Memory
logo
Ramtron International C...
FM31256 RAMTRON-FM31256_11 Datasheet
455Kb / 26P
   Integrated Processor Companion with Memory
FM3104 RAMTRON-FM3104 Datasheet
546Kb / 25P
   Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31256-GTR CYPRESS-FM31256-GTR Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
FM31256-G CYPRESS-FM31256-G Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com