Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM31L274 Datasheet(PDF) 17 Page - Ramtron International Corporation

Part # FM31L274
Description  3V Integrated Processor Companion with Memory
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM31L274 Datasheet(HTML) 17 Page - Ramtron International Corporation

Back Button FM31L274 Datasheet HTML 13Page - Ramtron International Corporation FM31L274 Datasheet HTML 14Page - Ramtron International Corporation FM31L274 Datasheet HTML 15Page - Ramtron International Corporation FM31L274 Datasheet HTML 16Page - Ramtron International Corporation FM31L274 Datasheet HTML 17Page - Ramtron International Corporation FM31L274 Datasheet HTML 18Page - Ramtron International Corporation FM31L274 Datasheet HTML 19Page - Ramtron International Corporation FM31L274 Datasheet HTML 20Page - Ramtron International Corporation FM31L274 Datasheet HTML 21Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
FM31L278/L276/L274/L272 - 3V I2C Companion
Rev. 3.0
Feb. 2009
Page 17 of 25
user desires to abort a write without altering the
memory contents, this should be done using a Start
or Stop condition prior to the 8th data bit. The figures
below illustrate a single- and multiple-writes to
memory.
Figure 12. Single Byte Memory Write
Figure 13. Multiple Byte Memory Write
Memory Read Operation
There are two types of memory read operations. They
are current address read and selective address read. In
a current address read, the FM31L27x uses the
internal address latch to supply the address. In a
selective read, the user performs a procedure to first
set the address to a specific value.
Current Address & Sequential Read
As mentioned above the FM31L27x uses an internal
latch to supply the address for a read operation. A
current address read uses the existing value in the
address latch as a starting place for the read
operation. The system reads from the address
immediately following that of the last operation.
To perform a current address read, the bus master
supplies a slave address with the LSB set to 1. This
indicates that a read operation is requested. After
receiving
the
complete
device
address,
the
FM31L27x will begin shifting data out from the
current address on the next clock. The current address
is the value held in the internal address latch.
Beginning with the current address, the bus master
can read any number of bytes. Thus, a sequential read
is simply a current address read with multiple byte
transfers. After each byte the internal address counter
will be incremented.
Each time the bus master acknowledges a byte,
this indicates that the FM31L27x should read
out the next sequential byte.
There are four ways to terminate a read operation.
Failing to properly terminate the read will most likely
create a bus contention as the FM31L27x attempts to
read out additional data onto the bus. The four valid
methods follow.
1. The bus master issues a NACK in the 9th clock
cycle and a Stop in the 10th clock cycle. This is
illustrated in the diagrams below and is
preferred.
2. The bus master issues a NACK in the 9th clock
cycle and a Start in the 10th.
3. The bus master issues a Stop in the 9th clock
cycle.
4. The bus master issues a Start in the 9th clock
cycle.
If the internal address reaches the top of memory, it
will wrap around to 0000h on the next read cycle.
The figures below show the proper operation for
current address reads.
Selective (Random) Read
There is a simple technique that allows a user to
select a random address location as the starting point
for a read operation. This involves using the first
S
A
Slave Address
0
Address MSB
A
Data Byte
A
P
By Master
By FM31L27x
Start
Address & Data
Stop
Acknowledge
Address LSB
A
Data Byte
A
S
A
Slave Address
0
Address MSB
A
Data Byte
A
P
By Master
By FM31L27x
Start
Address & Data
Stop
Acknowledge
Address LSB
A


Similar Part No. - FM31L274

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM31L276 RAMTRON-FM31L276 Datasheet
461Kb / 26P
   3V Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31L276 CYPRESS-FM31L276 Datasheet
628Kb / 36P
   64-Kbit/256-Kbit Integrated Processor Companion with F-RAM
FM31L276-G CYPRESS-FM31L276-G Datasheet
628Kb / 36P
   64-Kbit/256-Kbit Integrated Processor Companion with F-RAM
FM31L276-GTR CYPRESS-FM31L276-GTR Datasheet
628Kb / 36P
   64-Kbit/256-Kbit Integrated Processor Companion with F-RAM
logo
Ramtron International C...
FM31L278 RAMTRON-FM31L278 Datasheet
461Kb / 26P
   3V Integrated Processor Companion with Memory
More results

Similar Description - FM31L274

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM32L278 RAMTRON-FM32L278 Datasheet
275Kb / 21P
   3V Integrated Processor Companion with Memory
FM33256 RAMTRON-FM33256 Datasheet
316Kb / 28P
   3V Integrated Processor Companion with Memory
FM33256 RAMTRON-FM33256_09 Datasheet
319Kb / 28P
   3V Integrated Processor Companion with Memory
FM31L278 RAMTRON-FM31L278_11 Datasheet
461Kb / 26P
   3V Integrated Processor Companion with Memory
logo
List of Unclassifed Man...
FM3104 ETC1-FM3104 Datasheet
252Kb / 22P
   Integrated Processor Companion with Memory
FM3204 ETC1-FM3204 Datasheet
273Kb / 20P
   Integrated Processor Companion with Memory
logo
Ramtron International C...
FM31256 RAMTRON-FM31256_11 Datasheet
455Kb / 26P
   Integrated Processor Companion with Memory
FM3104 RAMTRON-FM3104 Datasheet
546Kb / 25P
   Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31256-GTR CYPRESS-FM31256-GTR Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
FM31256-G CYPRESS-FM31256-G Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com