Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPC1465 Datasheet(PDF) 3 Page - Clare, Inc.

Part # CPC1465
Description  SHDSL/ISDN DC Termination IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1465 Datasheet(HTML) 3 Page - Clare, Inc.

  CPC1465 Datasheet HTML 1Page - Clare, Inc. CPC1465 Datasheet HTML 2Page - Clare, Inc. CPC1465 Datasheet HTML 3Page - Clare, Inc. CPC1465 Datasheet HTML 4Page - Clare, Inc. CPC1465 Datasheet HTML 5Page - Clare, Inc. CPC1465 Datasheet HTML 6Page - Clare, Inc. CPC1465 Datasheet HTML 7Page - Clare, Inc. CPC1465 Datasheet HTML 8Page - Clare, Inc. CPC1465 Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
R02
www.clare.com
3
1. Specifications
1.1 Package Pinout
1.2 Pin Description
1.3 Absolute Maximum Ratings
Electrical absolute maximum ratings are at 25
°C.
Absolute maximum ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
CPC1465D
1
16
2
15
3
14
4
13
5
12
6
11
7
10
8
9
NC
PR+
NC
TIP
RING
NC
NC
PR-
TC
NC
NC
RS
PD
NC
NC
COM
CPC1465M
1
16
2
15
3
14
4
13
5
12
6
11
7
10
8
9
NC
PR+
TIP
NC
NC
RING
NC
PR-
TC
NC
NC
RS
PD
NC
NC
COM
SOIC
Pin
DFN
Pin
Name
Description
1
1
PR+
Protection resistor positive side
2
2
NC
No connection
3
NC
No connection
4
3
TIP
Tip lead
4
NC
No connection
5
NC
No connection
5
6
RING
Ring lead
6
NC
No connection
7
7
NC
No connection
8
8
PR-
Protection resistor negative side
9
9
COM
Common
10
10
NC
No connection
11
11
NC
No connection
12
12
PD
Photo-diode (LED input current)
13
13
RS
Current limiting resistor
14
14
NC
No connection
15
15
NC
No connection
16
16
TC
Timing capacitor
Parameter
Minimum Maximum
Unit
Maximum Voltage (T to R,
R to T)*
-
300
V
Power dissipation
-
1
W
Operating temperature
-40
+85
°C
Operating relative humidity
5
95
%
Storage temperature
-40
+125
°C
*Clare recommends the use of room-temperature-vulcanizing silicone RTV
sealant on the SOIC package tip and ring pins (pins 4 and 5) to guard
against the possibility of arcing.


Similar Part No. - CPC1465

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1465 IXYS-CPC1465 Datasheet
289Kb / 15P
   SHDSL/ISDN DC Termination IC
CPC1465D IXYS-CPC1465D Datasheet
289Kb / 15P
   SHDSL/ISDN DC Termination IC
CPC1465DTR IXYS-CPC1465DTR Datasheet
289Kb / 15P
   SHDSL/ISDN DC Termination IC
CPC1465M IXYS-CPC1465M Datasheet
289Kb / 15P
   SHDSL/ISDN DC Termination IC
CPC1465MTR IXYS-CPC1465MTR Datasheet
289Kb / 15P
   SHDSL/ISDN DC Termination IC
More results

Similar Description - CPC1465

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1465 IXYS-CPC1465 Datasheet
289Kb / 15P
   SHDSL/ISDN DC Termination IC
logo
Agere Systems
LH1465AB AGERE-LH1465AB Datasheet
375Kb / 14P
   LH1465AB/AAE ISDN dc Termination IC Data Sheet Advisory
logo
Clare, Inc.
CPC1466 CLARE-CPC1466 Datasheet
314Kb / 15P
   Broadband ADSL/VDSL DC Termination IC
logo
IXYS Corporation
CPC1466 IXYS-CPC1466 Datasheet
268Kb / 14P
   Broadband ADSL/VDSL DC Termination IC
logo
Bel Fuse Inc.
0560-6600-JD BEL-0560-6600-JD Datasheet
54Kb / 2P
   SHDSL MAGNETICS
S560-6600-JG BEL-S560-6600-JG Datasheet
80Kb / 2P
   SHDSL MAGNETICS
logo
SCHOTT CORPORATION
38136 SCHOTT-38136 Datasheet
17Kb / 1P
   TRANSFORMER, SHDSL
logo
Bel Fuse Inc.
S560-6600-KZ BEL-S560-6600-KZ Datasheet
83Kb / 2P
   SHDSL MAGNETICS
logo
STMicroelectronics
GS1T70-D540 STMICROELECTRONICS-GS1T70-D540 Datasheet
72Kb / 5P
   ISDN DC-DC CONVERTER
20 January 1997
logo
Agere Systems
T9000 AGERE-T9000 Datasheet
2Mb / 126P
   ISDN Network Termination Node (NTN) Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com