Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPC1020NTR Datasheet(PDF) 3 Page - Clare, Inc.

Part # CPC1020NTR
Description  Single Pole OptoMOS짰 Relay
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1020NTR Datasheet(HTML) 3 Page - Clare, Inc.

  CPC1020NTR Datasheet HTML 1Page - Clare, Inc. CPC1020NTR Datasheet HTML 2Page - Clare, Inc. CPC1020NTR Datasheet HTML 3Page - Clare, Inc. CPC1020NTR Datasheet HTML 4Page - Clare, Inc. CPC1020NTR Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CPC1020N
www.clare.com
3
R01
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
LED Forward Voltage (V)
1.25
1.26
1.27
1.28
1.29
0
5
10
15
20
25
30
35
Typical LED Forward Voltage Drop
(N=50, T
A=25ºC, IF=5mA)
On-Resistance (
Ω)
0.113
0.114
0.115
0.116
0.117
0.118
0
5
10
15
20
Typical On-Resistance Distribution
(N=50, T
A=25ºC, IL=1A, IF=2mA)
Blocking Voltage (V
P)
37.8
38.2
38.6
39.0
39.4
0
5
10
15
20
25
Typical Blocking Voltage Distribution
(N=50, T
A=25ºC)
LED Forward Current (mA)
0.093
0.101
0.109
0.117
0.125
0.133
0
5
10
15
20
25
Typical I
F for Switch Operation
(N=50, T
A=25ºC, IL=100mA)
Turn-On Time (ms)
0.35
0.40
0.45
0.50
0.55
0.60
0
5
10
15
20
25
Typical Turn-On Time Distribution
(N=50, T
A=25ºC, IL=5mA, IF=5mA)
Turn-Off Time (ms)
0.47
0.55
0.63
0.71
0.79
0
5
10
15
20
25
30
Typical Turn-Off Time Distribution
(N=50, T
A=25ºC, IL=5mA, IF=5mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
Typical LED Forward Voltage Drop
vs. Temperature
I
F=2mA
I
F=5mA
I
F=50mA
I
F=20mA
I
F=10mA
LED Forward Current (mA)
0
1020
304050
0
0.5
1.0
1.5
2.0
2.5
Typical Turn-On Time
vs. LED Forward Current
(I
L=100mA)
LED Forward Current (mA)
0
1020
304050
600
620
640
660
680
700
Typical Turn-Off Time
vs. LED Forward Current
(I
L=100mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.08
0.10
0.12
0.14
0.16
0.18
0.20
Typical I
F for Switch Operation
vs. Temperature
(I
L=1A)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Typical Turn-On Time vs. Temperature
(I
L=100mA)
I
F=2mA
I
F=5mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
Typical Turn-Off Time vs. Temperature
(I
L=100mA)
I
F=2mA
I
F=5mA


Similar Part No. - CPC1020NTR

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1020N IXYS-CPC1020N Datasheet
172Kb / 6P
   30V Normally-Open Single-Pole 4-Pin SOP OptoMOS Relay
More results

Similar Description - CPC1020NTR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1393 CLARE-CPC1393 Datasheet
125Kb / 6P
   Single Pole OptoMOS짰 Relay
LCA717 CLARE-LCA717 Datasheet
127Kb / 6P
   Single Pole OptoMOS짰 Relay
CPC1394 CLARE-CPC1394 Datasheet
130Kb / 6P
   Single Pole OptoMOS짰 Relay
CPC1390 CLARE-CPC1390 Datasheet
125Kb / 6P
   Single Pole OptoMOS짰 Relay
CPC1330 CLARE-CPC1330 Datasheet
122Kb / 6P
   Single Pole OptoMOS짰 Relay
LCB716 CLARE-LCB716 Datasheet
126Kb / 6P
   Single Pole OptoMOS짰 Relay
OMA160 CLARE-OMA160_1 Datasheet
317Kb / 5P
   Single Pole OptoMOS짰 Relay
LAA108 CLARE-LAA108 Datasheet
135Kb / 6P
   Dual Single-Pole OptoMOS짰 Relay
XAA117 CLARE-XAA117 Datasheet
137Kb / 6P
   Dual Single Pole OptoMOS짰 Relay
LBA716 CLARE-LBA716 Datasheet
140Kb / 7P
   Dual Single-Pole OptoMOS짰 Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com